Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS8nvC512K32QC-20XT Datasheet(PDF) 1 Page - Austin Semiconductor

Part # AS8nvC512K32QC-20XT
Description  512K x 32 Module nvSRAM 5.0V High Speed SRAM with Non-Volatile Storage
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS8nvC512K32QC-20XT Datasheet(HTML) 1 Page - Austin Semiconductor

  AS8nvC512K32QC-20XT Datasheet HTML 1Page - Austin Semiconductor AS8nvC512K32QC-20XT Datasheet HTML 2Page - Austin Semiconductor AS8nvC512K32QC-20XT Datasheet HTML 3Page - Austin Semiconductor AS8nvC512K32QC-20XT Datasheet HTML 4Page - Austin Semiconductor AS8nvC512K32QC-20XT Datasheet HTML 5Page - Austin Semiconductor AS8nvC512K32QC-20XT Datasheet HTML 6Page - Austin Semiconductor AS8nvC512K32QC-20XT Datasheet HTML 7Page - Austin Semiconductor AS8nvC512K32QC-20XT Datasheet HTML 8Page - Austin Semiconductor AS8nvC512K32QC-20XT Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
AUSTIN SEMICONDUCTOR, INC.
nvSRAM
nvSRAM
nvSRAM
nvSRAM
nvSRAM
AS8nvC512K32
AS8nvC512K32
Rev. 0.0 08/09
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
1
Austin Semiconductor, Inc.
ADVANCE INFORMATION
512K x 32 Module nvSRAM
5.0V High Speed SRAM with
Non-Volatile Storage
AVAILABLE AS MILITARY
SPECIFICATIONS
• Military Processing (MIL-STD-883C para 1.2.2)
Temperature Range -55C to 125C
FEATURES
-55oC to 125oC Operation
True non-volatile SRAM (no batteries)
20 ns, 25 ns, and 45 ns access times
Automatic STORE on power down with only a small
capacitor
STORE to QuantumTrap® nonvolatile elements initiated by
software, device pin, or AutoStore® on power down
RECALL to SRAM initiated by software or power up
Infinite Read, Write, and Recall cycles
200,000 STORE cycles to QuantumTrap
20 year data retention
Single 5.0V ±10% power supply
Ceramic Hermetic 68 Quad Flatpak
-Can order with X7R CAPS on package
-Matches compatible pinout footprint of SRAM & EEPROM
Module
FUNCTIONAL DESCRIPTION
The Austin Semiconductor AS8nvC512K32 is a fast static RAM,
with a nonvolatile element in each memory cell. The memory is
organized as 512K bytes of 8 bits for each of 4 die to form 512Kx32.
The embedded nonvolatile elements incorporate QuantumTrap
technology, producing the world’s most reliable nonvolatile memory.
The SRAM provides infinite read and write cycles, while independent
nonvolatile data resides in the highly reliable QuantumTrap cell.
Data transfers from the SRAM to the nonvolatile elements (the
STORE operation) takes place automatically at power down. On
power up, data is restored to the SRAM (the RECALL operation)
from the nonvolatile memory. Both the STORE and RECALL
operations are also available under software control.
LOGIC BLOCK DIAGRAM
28
29
30
31
m[1, 2, 3]
DQ0-DQ31
4x
4x
(1-4)
(1-4)


Similar Part No. - AS8nvC512K32QC-20XT

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS8NVLC512K32 AUSTIN-AS8NVLC512K32 Datasheet
374Kb / 17P
   512K x 32 Module nvSRAM 3.3V High Speed SRAM with Non-Volatile Storage
AS8nvLC512K32Q-20XT AUSTIN-AS8nvLC512K32Q-20XT Datasheet
374Kb / 17P
   512K x 32 Module nvSRAM 3.3V High Speed SRAM with Non-Volatile Storage
AS8nvLC512K32Q-25XT AUSTIN-AS8nvLC512K32Q-25XT Datasheet
374Kb / 17P
   512K x 32 Module nvSRAM 3.3V High Speed SRAM with Non-Volatile Storage
AS8nvLC512K32Q-45XT AUSTIN-AS8nvLC512K32Q-45XT Datasheet
374Kb / 17P
   512K x 32 Module nvSRAM 3.3V High Speed SRAM with Non-Volatile Storage
AS8nvLC512K32QC-20XT AUSTIN-AS8nvLC512K32QC-20XT Datasheet
374Kb / 17P
   512K x 32 Module nvSRAM 3.3V High Speed SRAM with Non-Volatile Storage
More results

Similar Description - AS8nvC512K32QC-20XT

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS8NVLC512K32 AUSTIN-AS8NVLC512K32 Datasheet
374Kb / 17P
   512K x 32 Module nvSRAM 3.3V High Speed SRAM with Non-Volatile Storage
logo
Hanbit Electronics Co.,...
HMN5128D HANBIT-HMN5128D Datasheet
174Kb / 9P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 5V
HMN5128DV HANBIT-HMN5128DV Datasheet
182Kb / 9P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 3.3V
logo
DLG Hanbit co.,Ltd.
HMN5128D DLGHANBIT-HMN5128D Datasheet
581Kb / 7P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 5V
logo
Lyontek Inc.
LY61L51332A LYONTEK-LY61L51332A_17 Datasheet
781Kb / 13P
   512K X 32 BIT HIGH SPEED CMOS SRAM
logo
DLG Hanbit co.,Ltd.
HMN5128DV DLGHANBIT-HMN5128DV Datasheet
564Kb / 6P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 3.3V
logo
Hanbit Electronics Co.,...
HMN5128JV HANBIT-HMN5128JV Datasheet
166Kb / 9P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),34Pin-JLCC, 3.3V
logo
Alliance Semiconductor ...
AS7C4096A ALSC-AS7C4096A Datasheet
324Kb / 10P
   5.0V 512K x 8 CMOS SRAM
logo
List of Unclassifed Man...
EDI8M4512C ETC1-EDI8M4512C Datasheet
67Kb / 1P
   512K X 4 SRAM CMOS HIGH SPEED MODULE
3DS16-325 ETC-3DS16-325 Datasheet
72Kb / 3P
   512K x 32 Bit High-Speed CMOS Static RAM-5.0V Operating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com