Electronic Components Datasheet Search |
|
ITS3101GRFK Datasheet(PDF) 1 Page - Glenair, Inc. |
|
ITS3101GRFK Datasheet(HTML) 1 Page - Glenair, Inc. |
1 / 2 page U.S. CAGE Code 06324 www.glenair.com E-Mail: sales@glenair.com A-46 GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 © 2006 Glenair, Inc. Printed in U.S.A. Application Notes: 1. In-line receptacle assembly with backshell for heat shrink tubing. Rotating coupling nut supplied. 2. Connector/Backshell Class “GR” (environmental)—wire sealing grommet supplied. 3. Standard materials configuration consists of aluminum alloy with cadmium olive drab finish. 4. Standard contact material consists of copper alloy with silver plating (Gold plating available, see mod codes). 5. A broad range of additional connector accessories are available. See our website and/or contact the factory for complete information. 6. Standard insert material is synthetic rubber. Add “FR” prefix to front of part number to specify fire resistant inserts. ITS 3101 (GR) and ITS 4101 (GR) In-Line Cylindrical Receptacle Assembly with Rotating Clamp Nut Backshell for Heat-Shrink Tubing Mod Code Option (See Table II) Alternate Insert Rotation (W, X, Y, Z) Omit for Normal (See Intro 20-21) Contact Gender P - Pin S - Socket Shell Size and Insert Arrangement (See Intro 6-25) Material Option (Omit for Aluminum) FK - Stainless Steel Passivate MB - Marine Bronze Bayonet Coupling Contact Type 31 - Solder 41 - Crimp 01 - In-Line Connector/Backshell Class GR - Environmental; Supplied with Backshell for Heat Shrink Tubing and Rotating Clamp Nut ITS 31 01 GR FK 20-27 P Y XXX L K M L1 3.5 J ØQ ØQ ØQ ØQ ØQ |
Similar Part No. - ITS3101GRFK |
|
Similar Description - ITS3101GRFK |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |