Electronic Components Datasheet Search |
|
947-101-2135D Datasheet(PDF) 1 Page - Glenair, Inc. |
|
947-101-2135D Datasheet(HTML) 1 Page - Glenair, Inc. |
|
1 / 1 page GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 Printed in U.S.A. www.glenair.com CAGE CODE 06324 © 2008 Glenair, Inc. E-Mail: sales@glenair.com E-6 E 947-101 Flange Mount Environmental Bulkhead Feed-Thru 1.00in Panel • MIL-DTL-38999 Series I Type TABLE I: CONNECTOR DIMENSIONS SHELL SIZE A MAX B SQ C SQ D DIA E ±.005(0.1) 09 .573(14.6) .719(18.3) .938(23.8) .125(3.2) .703(17.9) 11 .701(17.8) .812(20.6) 1.031(26.2) .125(3.2) .827(21.0) 13 .851(21.6) .906(23.0) 1.125(28.8) .125(3.2) 1.015(25.8) 15 .976(24.8) .969(24.6) 1.219(31.0) .125(3.2) 1.140(29.0) 17 1.101(28.0) 1.062(27.0) 1.312(33.3) .125(3.2) 1.265(32.1) 19 1.208(30.7) 1.156(29.4) 1.438(36.5) .125(3.2) 1.390(35.3) 21 1.333(33.9) 1.250(31.8) 1.562(39.7) .125(3.2) 1.515(38.5) 23 1.458(37.0) 1.375(34.9) 1.688(42.9) .156(4.0) 1.640(41.7) 25 1.583(40.2) 1.500(38.1) 1.812(46.0) .156(4.0) 1.765(44.8) A TYP .156 Max 2.41 1.69 1.00 Max Panel Flage Side Ref C D Dia Typ Insert Arrangement per MIL-DTL-38999, Series l B TYP APPLICATION NOTES Assembly identified with manufacturer’s name and part 1. number, space permitting Material/finish: 2. Shells and nuts—Al alloy,6061-T6, QQ-A-225/8/cadmium O.D. per QQ-P-416 Type II, Class 3 over electroless nickel, Mil-C-26074, Class 1/2/3/4, Grade A/B/C, 500 hr. salt spray Contacts—leaded nickel copper/gold plate, MIL-G-45204,TypeII, ClassI Bayonet pins—AISI 300 series stainless steel/passivate, QQ-P-35 Hoods—AISI 305 series stainless steel/passivate, QQ-P-35. Inserts—Epiall 1908 Seals—silicone per ZZ-R-765 Metric Dimensions (mm) are indicated in parentheses. 3. B Ref Recommended Panel Cut-Out E Dia Product Series Basic Number Alternate Key Position A, B, C, D ( N for Normal) 947 - 101 - 21 - 35 B P Contact Termination P - Pin on Flange Side S - Socket on Flange Side Shell Size 09 11 13 15 17 19 21 23 25 Insert Arrangement Per MIL-DTL-38999 Series I MIL-STD-1560 |
Similar Part No. - 947-101-2135D |
|
Similar Description - 947-101-2135D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |