Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

947-150NF15-35 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 947-150NF15-35
Description  Quick Disconnect Plug Connector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

947-150NF15-35 Datasheet(HTML) 1 Page - Glenair, Inc.

  947-150NF15-35 Datasheet HTML 1Page - Glenair, Inc. 947-150NF15-35 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2008 Glenair, Inc.
E-Mail: sales@glenair.com
D-30
D
947-150
Quick Disconnect Plug Connector
MIL-DTL-38999 Series III Type
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
S
T
b
U
c
V
d
f
a
Z
e
W
X
Y
L
ØA
Max
Medium Diamond Knurl
Blue Color Band
(See Note 5)
VV Threads
.160 (4.1) Min
Required clearance of
outer sleeve to unlock
plug when de-mating
ØB Min
(See
Note
6)
.061-.071 (1.6-1.8)
Ø Wire, 7x7 construction,
CRES, .093 (2.4) OD
Nylon Jacket
.090 (2.3)
1.300 Max
(33.0)
See
Note
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
S
T
b
U
c
V
d
f
a
Z
e
W
X
Y
See
MIL-STD-1560
for insert
arrangement
TABLE I: CONNECTOR DIMENSIONS
Shell
Size
Shell Size
Code
A
Max
B
Min
W Thread
11
B
1.846(46.9)
1.003(25.5)
M15x1-6g-0.100R
13
C
1.972(50.1)
1.177(29.9)
M18x1-6g-0.100R
15
D
3.000(76.2)
1.299(33.0)
M22x1-6g-0.100R
17
E
3.000(76.2)
1.425(36.2)
M25x1-6g-0.100R
19
F
3.000(76.2)
1.535(39.0)
M28x1-6g-0.100R
21
G
3.000(76.2)
1.661(42.2)
M31x1-6g-0.100R
23
H
3.000(76.2)
1.787(45.4)
M34x1-6g-0.100R
25
J
3.000(76.2)
1.909(48.5)
M37x1-6g-0.100R
TABLE II: FINISH
SYM
FINISH
M
Electroless Nickel
MT
Ni-PTFE 1000 Hour GreyTM
(Nickel-Fluorocarbon Polymer)
NF
Cadmium O.D. Over
Electroless Nickel
N
Cadmium O.D. Over
Nickel Plate
Product Series
Basic Number
Alternate Key
Position
A, B, C, D or E
(
N for Normal)
947 - 150 NF B - 35
E P
A
Finish
See Table II
Contact Style
P - Pin
S - Socket
Shell Size
B - 11
C - 13
D - 15
E - 17
F - 19
G - 21
H - 23
J - 25
Lanyard Length Code
See Table III
Insert Arrangement
Per MIL-DTL-38999 Series III
MIL-STD-1560


Similar Part No. - 947-150NF15-35

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
947-150 GLENAIR-947-150 Datasheet
279Kb / 2P
   Quick Disconnect Plug Connector
More results

Similar Description - 947-150NF15-35

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
947-150 GLENAIR-947-150 Datasheet
279Kb / 2P
   Quick Disconnect Plug Connector
880-042R GLENAIR-880-042R Datasheet
464Kb / 2P
   Quick Disconnect
880-041R GLENAIR-880-041R Datasheet
463Kb / 2P
   Quick Disconnect
logo
Molex Electronics Ltd.
0190190038 MOLEX4-0190190038 Datasheet
239Kb / 3P
   Avikrimp??Quick Disconnect
0190220006 MOLEX4-0190220006 Datasheet
87Kb / 2P
   Krimptite??Quick Disconnect
0190170012 MOLEX4-0190170012 Datasheet
129Kb / 3P
   InsulKrimp??Quick Disconnect
0190030041 MOLEX4-0190030041 Datasheet
222Kb / 3P
   InsulKrimp??Quick Disconnect
0190160037 MOLEX4-0190160037 Datasheet
94Kb / 2P
   Krimptite??Quick Disconnect
logo
Adam Technologies, Inc.
QDT-003 ADAM-TECH-QDT-003 Datasheet
59Kb / 1P
   QUICK DISCONNECT TERMINAL
4QD-250-22-18-T-H1 ADAM-TECH-4QD-250-22-18-T-H1 Datasheet
62Kb / 1P
   QUICK DISCONNECT TERMINAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com