Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

947-101-1735B Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 947-101-1735B
Description  Flange Mount Environmental Bulkhead Feed-Thru
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

947-101-1735B Datasheet(HTML) 1 Page - Glenair, Inc.

  947-101-1735B Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2008 Glenair, Inc.
E-Mail: sales@glenair.com
E-6
E
947-101
Flange Mount Environmental
Bulkhead Feed-Thru
1.00in Panel • MIL-DTL-38999 Series I Type
TABLE I: CONNECTOR DIMENSIONS
SHELL
SIZE
A
MAX
B
SQ
C
SQ
D
DIA
E
±.005(0.1)
09
.573(14.6)
.719(18.3)
.938(23.8)
.125(3.2)
.703(17.9)
11
.701(17.8)
.812(20.6)
1.031(26.2)
.125(3.2)
.827(21.0)
13
.851(21.6)
.906(23.0)
1.125(28.8)
.125(3.2)
1.015(25.8)
15
.976(24.8)
.969(24.6)
1.219(31.0)
.125(3.2)
1.140(29.0)
17
1.101(28.0)
1.062(27.0)
1.312(33.3)
.125(3.2)
1.265(32.1)
19
1.208(30.7)
1.156(29.4)
1.438(36.5)
.125(3.2)
1.390(35.3)
21
1.333(33.9)
1.250(31.8)
1.562(39.7)
.125(3.2)
1.515(38.5)
23
1.458(37.0)
1.375(34.9)
1.688(42.9)
.156(4.0)
1.640(41.7)
25
1.583(40.2)
1.500(38.1)
1.812(46.0)
.156(4.0)
1.765(44.8)
A TYP
.156 Max
2.41
1.69
1.00
Max
Panel
Flage Side
Ref
C
D Dia
Typ
Insert Arrangement per
MIL-DTL-38999, Series l
B TYP
APPLICATION NOTES
Assembly identified with manufacturer’s name and part
1.
number, space permitting
Material/finish:
2.
Shells and nuts—Al alloy,6061-T6, QQ-A-225/8/cadmium
O.D. per QQ-P-416 Type II, Class 3 over electroless nickel,
Mil-C-26074, Class 1/2/3/4, Grade A/B/C, 500 hr. salt spray
Contacts—leaded nickel copper/gold plate, MIL-G-45204,TypeII,
ClassI
Bayonet pins—AISI 300 series stainless steel/passivate, QQ-P-35
Hoods—AISI 305 series stainless steel/passivate, QQ-P-35.
Inserts—Epiall 1908
Seals—silicone per ZZ-R-765
Metric Dimensions (mm) are indicated in parentheses.
3.
B Ref
Recommended Panel Cut-Out
E Dia
Product Series
Basic Number
Alternate Key
Position
A, B, C, D
(
N for Normal)
947 - 101 - 21 - 35 B P
Contact Termination
P - Pin on Flange Side
S - Socket on Flange Side
Shell Size
09
11
13
15
17
19
21
23
25
Insert Arrangement
Per MIL-DTL-38999 Series I
MIL-STD-1560


Similar Part No. - 947-101-1735B

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
947-101 GLENAIR-947-101 Datasheet
181Kb / 1P
   Flange Mount Environmental
More results

Similar Description - 947-101-1735B

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
231-104-00M GLENAIR-231-104-00M Datasheet
434Kb / 1P
   Wall Mount Environmental Bulkhead Feed-Thru
232-104-00M08 GLENAIR-232-104-00M08 Datasheet
459Kb / 1P
   Wall Mount Environmental Bulkhead Feed-Thru
231-104-00 GLENAIR-231-104-00 Datasheet
181Kb / 1P
   Wall Mount Environmental Bulkhead Feed-Thru
233-104-00M09 GLENAIR-233-104-00M09_10 Datasheet
234Kb / 1P
   Wall Mount Environmental Bulkhead Feed-Thru
232-104-00 GLENAIR-232-104-00 Datasheet
194Kb / 1P
   Wall Mount Environmental Bulkhead Feed-Thru
233-104-00M09 GLENAIR-233-104-00M09 Datasheet
396Kb / 1P
   Wall Mount Environmental Bulkhead Feed-Thru
233-104-07M09 GLENAIR-233-104-07M09 Datasheet
525Kb / 1P
   Jam Nut Mount Environmental Bulkhead Feed-Thru
233-104-07 GLENAIR-233-104-07 Datasheet
247Kb / 1P
   Jam Nut Mount Environmental Bulkhead Feed-Thru
947-282 GLENAIR-947-282 Datasheet
369Kb / 2P
   Flange Mount Hermetic Bulkhead Feed-Thru
947-303 GLENAIR-947-303 Datasheet
491Kb / 2P
   Narrow Flange Mount Bulkhead Feed-Thru
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com