Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

181272 Datasheet(PDF) 1 Page - OSA Opto Light GmbH

Part # 181272
Description  AlInGaP / GaAs LED Chips
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH

181272 Datasheet(HTML) 1 Page - OSA Opto Light GmbH

  181272 Datasheet HTML 1Page - OSA Opto Light GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2004
OSA Opto Light GmbH — Tel. +49-(0)30-65 76 26 83 — Fax +49-(0)30-65 76 26 81 — contact@osa-opto.com
SOFT ORANGE
Item No.: 181272
1.
This specification applies to AlInGaP / GaAs LED Chips
2.
Structure
2.1
Mesa structure
2.2
Electrodes
p-side (anode)
Au alloy or Al
n-side (cathode)
Au alloy
3.
Outlines (dimensions in microns)
Wire bond contacts can also be square
4.
Electrical and optical characteristics (T=25°C)
Parameter
Symbol
Conditions
min
typ
max
Unit
Forward voltage
VF
IF = 20 mA
2,10
2,40
V
Reverse current
IR
VR = 5 V
10
µA
Luminous intensity *
IV
IF = 10 mA
40
mcd
dom. wavelength
λ
D
IF = 20 mA
605
nm
* On request, wafers will be delivered according to luminous intensity classes
Brightness measurement at OSA on gold plate
5.
Packing
Dice on adhesive film with 1) wire bond side on top
2) back contact on top
6.
Labeling
Type
Lot No.
IV typ
Quantity
min
max
p-Electrode
250
Epitaxy AlInGaP
n-Substrate GaAs
n-Electrode
235
235
110


Similar Part No. - 181272

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
181271-1 MACOM-181271-1 Datasheet
91Kb / 1P
   AMPMODU II REC. CONTACT, STD PRESSURE, C.O.S.I.
181271-2 MACOM-181271-2 Datasheet
91Kb / 1P
   AMPMODU II REC. CONTACT, STD PRESSURE, C.O.S.I.
181271-4 MACOM-181271-4 Datasheet
91Kb / 1P
   AMPMODU II REC. CONTACT, STD PRESSURE, C.O.S.I.
logo
PHOENIX CONTACT
1812759 PHOENIX-1812759 Datasheet
165Kb / 10P
   Printed-circuit board connector - GMSTB 2,5 HCV/ 2-ST-7,62-LR
1812762 PHOENIX-1812762 Datasheet
160Kb / 10P
   Printed-circuit board connector - GMSTB 2,5 HCV/ 3-ST-7,62-LR
More results

Similar Description - 181272

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
194170 OSA-194170 Datasheet
53Kb / 1P
   AlInGaP / GaAs LED Chips
193272 OSA-193272 Datasheet
52Kb / 1P
   AlInGaP / GaAs LED Chips
190282 OSA-190282 Datasheet
53Kb / 1P
   AlInGaP / GaAs LED Chips
193252 OSA-193252 Datasheet
52Kb / 1P
   AlInGaP / GaAs LED Chips
170282 OSA-170282 Datasheet
53Kb / 1P
   AlInGaP / GaAs LED Chips
171282 OSA-171282 Datasheet
53Kb / 1P
   AlInGaP / GaAs LED Chips
194272 OSA-194272 Datasheet
52Kb / 1P
   AlInGaP / GaAs LED Chips
160272 OSA-160272 Datasheet
53Kb / 1P
   AlInGaP / GaAs LED Chips
161230 OSA-161230 Datasheet
54Kb / 1P
   AlInGaP / GaAs LED Chips
193282 OSA-193282 Datasheet
53Kb / 1P
   AlInGaP / GaAs LED Chips
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com