Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

790-037SH-5P5ZNUNPB Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 790-037SH-5P5ZNUNPB
Description  Right Angle Printed Circuit Board Connectors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

790-037SH-5P5ZNUNPB Datasheet(HTML) 1 Page - Glenair, Inc.

  790-037SH-5P5ZNUNPB Datasheet HTML 1Page - Glenair, Inc. 790-037SH-5P5ZNUNPB Datasheet HTML 2Page - Glenair, Inc. 790-037SH-5P5ZNUNPB Datasheet HTML 3Page - Glenair, Inc. 790-037SH-5P5ZNUNPB Datasheet HTML 4Page - Glenair, Inc. 790-037SH-5P5ZNUNPB Datasheet HTML 5Page - Glenair, Inc. 790-037SH-5P5ZNUNPB Datasheet HTML 6Page - Glenair, Inc. 790-037SH-5P5ZNUNPB Datasheet HTML 7Page - Glenair, Inc. 790-037SH-5P5ZNUNPB Datasheet HTML 8Page - Glenair, Inc. 790-037SH-5P5ZNUNPB Datasheet HTML 9Page - Glenair, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Dimensions in inches (millimeters) and are subject to change without notice.
© 2009 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
G-16
E-Mail: sales@glenair.com
Series 79 Micro-Crimp
Section G: Right Angle Printed Circuit Board Connectors
A
A
B
B
C
C
D
D
E
E
F
F
G
G
H
H
A
A
B
B
C
C
D
D
E
E
F
F
G
G
H
H
PANEL MoUNt PLUGS, SoCKEt CoNtACtS, 90° PCB tERMINAtIoN, 790-037S
HOW TO ORDER
Sample Part Number
790-037S
H-5P5
M
E
P
B
Part Number
Shell Size -
Insert Arr.
Shell Finish
EMI Spring
Hardware Option
PC Tail Length
790-037S
Rear Panel Mounted
Plug with 90° PC Tail
Contacts for Termination
to Backplanes or Flexible
Circuits
See Table 1
for Available
Insert
Arrangements
M
Electroless Nickel
general purpose
applications
MT
Nickel-PTFE
1000 Hour Grey™
maximum corrosion
protection and durability
(non-reflective grey)
ZNU
Zinc-Nickel with
Black Chromate
tactical applications
(non-reflective black)
Additional shell
finishes are listed on
page C-9.
E
EMI Spring
N
No Spring
EMI
SPRING
N
No Hardware
A
.125 Inch (3.2 mm.)
B
.250 inch (6.4 mm.)
PC TAIL
LENGTH
G
Guide Pin
P
Female Jackpost
S
Female Guide Socket
MATERIALS AND FINISHES
Shell
Aluminum alloy
Contacts
Copper alloy, gold plated, with
stainless steel hood
Insulator
Liquid crystal polymer (LCP)
PCB Tray
Thermoplastic
EMI Shroud
Aluminum alloy
Hardware
300 series stainless steel
Panel Gasket
Fluorosilicone, conductive
Encapsulant
Epoxy
Lightweight, rugged right angle headers feature gold-plated PC tail contacts for thru-
hole printed circuit board termination. 790-037S connectors are designed for rear-panel
mounting and are supplied with conductive panel gaskets. Contacts are permanently
installed and are sealed with epoxy. Shells are aluminum alloy. EMI shroud improves
shielding performance.Threaded board mounting holes and integral standoffs simplify
installation. Available in 29 different contact arrangements, these connectors feature
size #23 signal contacts along with #16 and #12 power contacts for up to 23 amps
current rating. Optional EMI spring improves shell-to-shell conductivity and shielding
performance.
SPECIFICATIONS
Current Rating
#23 5 AMPS, #16 13 A., #12 23 A.
Dielectric Withstanding
Voltage
#23 500 VAC RMS, #12 and #16
1800 VAC RMS
Insulation Resistance
5000 megohms minimum
Operating Temperature -65° C. to +150° C.
Shock
300 g.
Vibration
37 g.
Rev. 04-July-2009


Similar Part No. - 790-037SH-5P5ZNUNPB

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
790-036PD-7P2MGA GLENAIR-790-036PD-7P2MGA Datasheet
1Mb / 11P
   Right Angle Printed Circuit Board Connectors
790-036PD-7P2MGB GLENAIR-790-036PD-7P2MGB Datasheet
1Mb / 11P
   Right Angle Printed Circuit Board Connectors
790-036PD-7P2MNA GLENAIR-790-036PD-7P2MNA Datasheet
1Mb / 11P
   Right Angle Printed Circuit Board Connectors
790-036PD-7P2MNB GLENAIR-790-036PD-7P2MNB Datasheet
1Mb / 11P
   Right Angle Printed Circuit Board Connectors
790-036PD-7P2MPA GLENAIR-790-036PD-7P2MPA Datasheet
1Mb / 11P
   Right Angle Printed Circuit Board Connectors
More results

Similar Description - 790-037SH-5P5ZNUNPB

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
790-036PD-7P2MNA GLENAIR-790-036PD-7P2MNA Datasheet
1Mb / 11P
   Right Angle Printed Circuit Board Connectors
790-041PJ25P2M GLENAIR-790-041PJ25P2M Datasheet
1Mb / 10P
   Right Angle Printed Circuit Board Connectors
790-042S-L6P6ME GLENAIR-790-042S-L6P6ME Datasheet
1Mb / 10P
   Right Angle Printed Circuit Board Connectors
240-034-1-9PC GLENAIR-240-034-1-9PC Datasheet
307Kb / 4P
   Micro-D Filter Connectors Right Angle Printed Circuit Board
890-008 GLENAIR-890-008 Datasheet
77Kb / 4P
   Nanominiature Connectors Single Row Right Angle Printed Circuit Board
800-032 GLENAIR-800-032 Datasheet
240Kb / 1P
   Right Angle Printed Circuit Board Receptacle Headers
891-008 GLENAIR-891-008 Datasheet
155Kb / 4P
   Nanominiature Connectors Double Row Thru Hole Right Angle Printed Circuit Board
logo
Grayhill, Inc
38BT-4-V-3-S GRAYHILL-38BT-4-V-3-S Datasheet
61Kb / 1P
   Actuates at Right Angle to Printed Circuit Board
logo
Glenair, Inc.
790-043P-K9PMN GLENAIR-790-043P-K9PMN Datasheet
1Mb / 10P
   Straight Printed Circuit Board Connectors
790-028PJ-25P2MNA GLENAIR-790-028PJ-25P2MNA Datasheet
1Mb / 11P
   Straight Printed Circuit Board Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com