Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

799-018MTBMBN Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 799-018MTBMBN
Description  METAL PROTECTIVE COVERS FOR MICRO-CRIMP CONNECTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

799-018MTBMBN Datasheet(HTML) 2 Page - Glenair, Inc.

  799-018MTBMBN Datasheet HTML 1Page - Glenair, Inc. 799-018MTBMBN Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions in inches (millimeters) and are subject to change without notice.
© 2009 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
H-8
E-Mail: sales@glenair.com
Series 79 Micro-Crimp
Section H: Backshells and Accessories
A
A
B
B
C
C
D
D
E
E
F
F
G
G
H
H
Lanyard options
-55° to +100°C., black, very
flexible, very good abrasion
resistance, good resistance to
fuels, .120" (3mm) diameter
Nylon Rope
Black polyurethane over stainless
steel rope, -55° to +125°C.,
very flexible, excellent abrasion
resistance, excellent resistance to
fuels, .080" (2mm) diameter
Polyurethane Coated Wire Rope
Translucent FEP jacket over
stainless steel, -55° to +200°C.,
fair flexibility, good abrasion
resistance, .100" diameter
teflon® Jacketed Wire Rope
55° to +100°C., black, very
flexible, very good abrasion
resistance, good resistance to
fuels, .120" (3mm) diameter.
Length includes .5" (13mm)
diameter loop.
Slip Knot (SK)
for Attaching Covers to Cable
ATTACHMENT
LENGTH
.320
E THREAD
TYP
GASKET
SIZE A - G, J, & K
CONFIGURATION
C
A
B
A
C
SIZE H & L CONFIGURATION
B
JACKSCREW
TYPE MH
JACKPOST
TYPE MF
SIZE A - G, J, & K
CONFIGURATION
.160
E THREAD
TYP
ATTACHMENT
LENGTH
C
B
D
GASKET
SIZE H & L CONFIGURATION
A
C
B
JACKSCREW
TYPE MH
JACKPOST
TYPE MF
799-018 PLUG CovER
799-019 RECEPtACLE CovER
799-018 & 799-019 DIMENSIoNS
Shell
Size
A Max.
B Max.
C
D Max.
E Thread
In. mm. In . mm. In. mm. In. mm.
A
.308 7.82 .785 19.94 .565 14.35 .385 9.78
2-56 UNC
B
.308 7.82 .935 23.75 .715 18.16 .385 9.78
2-56 UNC
C
.308 7.82 1.085 27.56 .865 21.97 .385 9.78
2-56 UNC
D
.308 7.82 1.185 30.10 .965 24.51 .385 9.78
2-56 UNC
E
.308 7.82 1.335 33.91 1.115 28.32 .385 9.78
2-56 UNC
F
.308 7.82 1.485 37.72 1.265 32.13 .385 9.78
2-56 UNC
G
.395 10.03 1.435 36.45 1.215 30.86 .470 11.94
2-56 UNC
H
.410 10.41 2.170 55.12 1.800 45.72 .490 12.45
4-40 UNC
J
.308 7.82 1.845 46.86 1.615 41.02 .385 9.78
2-56 UNC
K
.308 7.82 2.240 56.90 2.015 51.18 .385 9.78
2-56 UNC
L
.410 10.41 2.406 61.11 2.036 51.71 .490 12.45
4-40 UNC
Component
Material
Finish
Backshell
Aluminum Alloy
See Ordering Info
Hardware
Stainless Steel
Passivated
Gasket
Conductive Fluorosilicone
None
Rev. 04-July-2009


Similar Part No. - 799-018MTBMBN

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
799-011TMA01BM GLENAIR-799-011TMA01BM Datasheet
491Kb / 2P
   Standard EMI Backs hel
799-011TMA01BN GLENAIR-799-011TMA01BN Datasheet
491Kb / 2P
   Standard EMI Backs hel
799-011TMA01HM GLENAIR-799-011TMA01HM Datasheet
491Kb / 2P
   Standard EMI Backs hel
799-011TMA01HN GLENAIR-799-011TMA01HN Datasheet
491Kb / 2P
   Standard EMI Backs hel
799-011TMA02BM GLENAIR-799-011TMA02BM Datasheet
491Kb / 2P
   Standard EMI Backs hel
More results

Similar Description - 799-018MTBMBN

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
660-023M15S GLENAIR-660-023M15S Datasheet
146Kb / 2P
   Metal Protective Covers
500-017C09MBN4-06 GLENAIR-500-017C09MBN4-06_11 Datasheet
248Kb / 2P
   Metal Protective Covers
667-347 GLENAIR-667-347 Datasheet
159Kb / 1P
   Metal Protective Covers
290-016 GLENAIR-290-016 Datasheet
82Kb / 2P
   Metal Plug Protective Covers
290-009 GLENAIR-290-009 Datasheet
78Kb / 1P
   Metal Plug Protective Covers
290-010 GLENAIR-290-010 Datasheet
85Kb / 1P
   Metal Receptacle Protective Covers
500-017C09MBN4-06 GLENAIR-500-017C09MBN4-06 Datasheet
311Kb / 2P
   Micro-D Accessories Metal Protective Covers 500-017 & 500-037
660-006G16S5 GLENAIR-660-006G16S5 Datasheet
56Kb / 2P
   Protective Covers
660-008M20S6 GLENAIR-660-008M20S6 Datasheet
61Kb / 2P
   Protective Covers
660-014G16S5 GLENAIR-660-014G16S5 Datasheet
61Kb / 2P
   Protective Covers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com