Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

790-029SK-43MNPA Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 790-029SK-43MNPA
Description  Straight Printed Circuit Board Connectors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

790-029SK-43MNPA Datasheet(HTML) 1 Page - Glenair, Inc.

  790-029SK-43MNPA Datasheet HTML 1Page - Glenair, Inc. 790-029SK-43MNPA Datasheet HTML 2Page - Glenair, Inc. 790-029SK-43MNPA Datasheet HTML 3Page - Glenair, Inc. 790-029SK-43MNPA Datasheet HTML 4Page - Glenair, Inc. 790-029SK-43MNPA Datasheet HTML 5Page - Glenair, Inc. 790-029SK-43MNPA Datasheet HTML 6Page - Glenair, Inc. 790-029SK-43MNPA Datasheet HTML 7Page - Glenair, Inc. 790-029SK-43MNPA Datasheet HTML 8Page - Glenair, Inc. 790-029SK-43MNPA Datasheet HTML 9Page - Glenair, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Dimensions in inches (millimeters) and are subject to change without notice.
© 2009 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
F-16
E-Mail: sales@glenair.com
Series 79 Micro-Crimp
Section F: Straight Printed Circuit Board Connectors
A
A
B
B
C
C
D
D
E
E
F
F
G
G
H
H
A
A
B
B
C
C
D
D
E
E
F
F
G
G
H
H
PANEL PLUGS WIth SoCKEt CoNtACtS, StRAIGht PCB tERMINAtIoN, 790-029S
HOW TO ORDER
Sample Part Number
790-029S
K-43
M
E
P
B
Part Number
Shell Size -
Insert Arr.
Shell Finish
EMI Spring
Hardware Option
PC Tail Length
790-029S
Rear Panel Mounted
Plug with Straight PC Tail
Contacts for Termination
to Backplanes or Flexible
Circuits
See Table 1
for Available
Insert
Arrangements
M
Electroless Nickel
general purpose
applications
MT
Nickel-PTFE
1000 Hour Grey™
maximum corrosion
protection and durability
(non-reflective grey)
ZNU
Zinc-Nickel with
Black Chromate
tactical applications
(non-reflective black)
Additional shell
finishes are listed on
page C-9.
E
EMI Spring
N
No Spring
EMI
SPRING
N
No Hardware
A
.125 Inch (3.2 mm.)
B
.250 inch (6.4 mm.)
PC TAIL
LENGTH
G
Guide Pin
P
Female Jackpost
S
Female Guide Socket
MATERIALS AND FINISHES
Shell
Aluminum alloy
Contacts
Copper alloy, 50 microinches gold
plated, with stainless steel hoods
Insulator
Liquid crystal polymer (LCP)
Hardware
300 series stainless steel
Panel Gasket
Fluorosilicone, conductive
Encapsulant
Epoxy
Lightweight, rugged vertical mount headers feature gold-plated PC tail contacts for
thru-hole printed circuit board termination. 790-029S connectors are designed for
rear-panel mounting and are supplied with conductive panel gaskets. Contacts are
permanently installed and are sealed with epoxy. Shells are aluminum alloy. Threaded
board mounting holes and integral standoffs simplify installation. Available in 29
different contact arrangements, these connectors feature size #23 signal contacts
along with #16 and #12 power contacts for up to 23 amps current rating. Optional EMI
spring improves shell-to-shell conductivity and shielding performance. Stainless steel
jackposts are non-removable.
SPECIFICATIONS
Current Rating
#23 5 AMPS, #16 13 A., #12 23 A.
Dielectric Withstanding
Voltage
#23 500 VAC RMS, #12 and #16
1800 VAC RMS
Insulation Resistance
5000 megohms minimum
Operating Temperature -65° C. to +150° C.
Shock
300 g.
Vibration
37 g.
Rev. 04-July-2009


Similar Part No. - 790-029SK-43MNPA

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
790-024PC-13MK GLENAIR-790-024PC-13MK Datasheet
745Kb / 3P
   Cable Connectors, Crimp Termination
790-024PC-13ML GLENAIR-790-024PC-13ML Datasheet
745Kb / 3P
   Cable Connectors, Crimp Termination
790-024PC-13MN GLENAIR-790-024PC-13MN Datasheet
745Kb / 3P
   Cable Connectors, Crimp Termination
790-024PC-13MP GLENAIR-790-024PC-13MP Datasheet
745Kb / 3P
   Cable Connectors, Crimp Termination
790-024PC-13MS GLENAIR-790-024PC-13MS Datasheet
745Kb / 3P
   Cable Connectors, Crimp Termination
More results

Similar Description - 790-029SK-43MNPA

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
790-043P-K9PMN GLENAIR-790-043P-K9PMN Datasheet
1Mb / 10P
   Straight Printed Circuit Board Connectors
790-028PJ-25P2MNA GLENAIR-790-028PJ-25P2MNA Datasheet
1Mb / 11P
   Straight Printed Circuit Board Connectors
790-044SD-15MEN GLENAIR-790-044SD-15MEN Datasheet
1Mb / 10P
   Straight Printed Circuit Board Connectors
790-036PD-7P2MNA GLENAIR-790-036PD-7P2MNA Datasheet
1Mb / 11P
   Right Angle Printed Circuit Board Connectors
790-041PJ25P2M GLENAIR-790-041PJ25P2M Datasheet
1Mb / 10P
   Right Angle Printed Circuit Board Connectors
790-042S-L6P6ME GLENAIR-790-042S-L6P6ME Datasheet
1Mb / 10P
   Right Angle Printed Circuit Board Connectors
MWDM1L-9PCBSNN GLENAIR-MWDM1L-9PCBSNN Datasheet
663Kb / 6P
   Micro-D Printed Circuit Board Connectors
790-037SH-5P5MENA GLENAIR-790-037SH-5P5MENA Datasheet
1Mb / 11P
   Right Angle Printed Circuit Board Connectors
logo
ITT Industries
XLM-3-31-PCS ITT-XLM-3-31-PCS Datasheet
330Kb / 3P
   Printed Circuit Board
logo
Tyco Electronics
557089 MACOM-557089 Datasheet
42Kb / 1P
   CHAMP. 050 Series I Connectors, Printed Circuit Board Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com