Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

790-025SH-5P5NMTP Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 790-025SH-5P5NMTP
Description  Cable Connectors, Crimp Termination
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

790-025SH-5P5NMTP Datasheet(HTML) 1 Page - Glenair, Inc.

  790-025SH-5P5NMTP Datasheet HTML 1Page - Glenair, Inc. 790-025SH-5P5NMTP Datasheet HTML 2Page - Glenair, Inc. 790-025SH-5P5NMTP Datasheet HTML 3Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dimensions in inches (millimeters) and are subject to change without notice.
© 2009 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
D-4
E-Mail: sales@glenair.com
Series 79 Micro-Crimp
Section D: Cable Connectors, Crimp Termination
A
A
B
B
C
C
D
D
E
E
F
F
G
G
H
H
A
A
B
B
C
C
D
D
E
E
F
F
G
G
H
H
CABLE PLUGS WIth SoCKEt CoNtACtS, CRIMP tERMINAtIoN, 790-025S
HOW TO ORDER
Sample Part Number
790-025S
H-5P5
E
M
S
Part Number
Shell Size -
Insert Arr.
EMI Spring
Shell Finish
Hardware Option
790-025S
Cable Plug With
Socket Contacts
See Table 1 for
Available Insert
Arrangements
To order a connector
without size #16
or #12 power pins,
substitute “W”
instead of “P” in the
insert arrangement.
Example:
36P2 is supplied with
2 power pins.
36W2 is supplied
less the power pins.
See Section
B for coaxial
contacts purchased
separately.
E
EMI Spring
N
No Spring
EMI Spring
M
Electroless Nickel
general purpose
applications
MT
Nickel-PTFE
1000 Hour Grey™
maximum corrosion
protection and
durability
(non-reflective grey)
ZNU
Zinc-Nickel with
Black Chromate
tactical applications
(non-reflective black)
Additional shell
finishes are listed on
page C-9.
N
Thru-Hole
No Hardware
ACTUAL SIZE
P
Female Jackpost
ACTUAL SIZE
L
Low-Profile Captivated
Jackscrew, Hex Head
ACTUAL SIZE
K
Slot-Head Extended
Jackscrew
ACTUAL SIZE
S
Low-Profile Captivated
Screwlock, Hex Head
ACTUAL SIZE
T
Slot-Head Extended
Captivated Screwlock
MATERIALS AND FINISHES
Shell
Aluminum alloy
Contacts
Copper alloy, 50 microinches gold
plated, stainless steel hood
Insulators
Liquid crystal polymer (LCP)
Retention Clips
Beryllium copper alloy
Grommet
Flourosilicone rubber
Hardware
300 series stainless steel
790-025S connectors feature machined aluminum shells and wire grommets for
environmental protection. Contacts are rear-release snap-in crimp type. Connectors are
supplied with crimp contacts packaged separately. Size #23 signal pins accept up to #22
AWG wire. Size #16 contacts accept #16-18 AWG wire. Size #12 contacts accept #12-14
AWG wire. Size 12 and 16 cavities also accept coaxial contacts purchased separately.
Connector shell features a groove for attachment of a low-profile EMI adapter 799-015,
ordered separately.
SPECIFICATIONS
Current Rating
#23 5 AMPS, #16 13 A., #12 23 A.
Dielectric Withstanding
Voltage
#23 500 VAC RMS, #12 and #16
1800 VAC RMS
Insulation Resistance
5000 megohms minimum
Operating Temperature -65° C. to +150° C.
Shock
300 g.
Vibration
37 g.
Rev. 04-July-2009


Similar Part No. - 790-025SH-5P5NMTP

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
790-024PC-13MK GLENAIR-790-024PC-13MK Datasheet
745Kb / 3P
   Cable Connectors, Crimp Termination
790-024PC-13ML GLENAIR-790-024PC-13ML Datasheet
745Kb / 3P
   Cable Connectors, Crimp Termination
790-024PC-13MN GLENAIR-790-024PC-13MN Datasheet
745Kb / 3P
   Cable Connectors, Crimp Termination
790-024PC-13MP GLENAIR-790-024PC-13MP Datasheet
745Kb / 3P
   Cable Connectors, Crimp Termination
790-024PC-13MS GLENAIR-790-024PC-13MS Datasheet
745Kb / 3P
   Cable Connectors, Crimp Termination
More results

Similar Description - 790-025SH-5P5NMTP

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
790-024PC-13MN GLENAIR-790-024PC-13MN Datasheet
745Kb / 3P
   Cable Connectors, Crimp Termination
790-027SH-66MEN GLENAIR-790-027SH-66MEN Datasheet
948Kb / 5P
   Panel Mount Connectors, Crimp Termination
790-026PL-6P6MN GLENAIR-790-026PL-6P6MN Datasheet
865Kb / 5P
   Panel Mount Connectors, Crimp Termination
804-003-00C5-3PA GLENAIR-804-003-00C5-3PA Datasheet
672Kb / 4P
   Crimp Termination
logo
ITT Industries
DEMA-15P ITT-DEMA-15P Datasheet
45Kb / 1P
   DDM High reliable D-Sub Connectors with crimp termination
050909-0001 ITT-050909-0001 Datasheet
35Kb / 1P
   D*M High reliable D-Sub Connectors with crimp termination
050913-0194 ITT-050913-0194 Datasheet
35Kb / 1P
   D*M High reliable D-Sub Connectors with crimp termination
051536-0000 ITT-051536-0000 Datasheet
35Kb / 1P
   D*M High reliable D-Sub Connectors with crimp termination
050912-0002 ITT-050912-0002 Datasheet
35Kb / 1P
   D*M High reliable D-Sub Connectors with crimp termination
050909-0267 ITT-050909-0267 Datasheet
35Kb / 1P
   D*M High reliable D-Sub Connectors with crimp termination
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com