Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS5SP512K36DQ-30ET Datasheet(PDF) 1 Page - Austin Semiconductor

Part # AS5SP512K36DQ-30ET
Description  Plastic Encapsulated Microcircuit 18Mb, 512K x 36, Synchronous SRAM Pipeline Burst, Single Cycle Deselect
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS5SP512K36DQ-30ET Datasheet(HTML) 1 Page - Austin Semiconductor

  AS5SP512K36DQ-30ET Datasheet HTML 1Page - Austin Semiconductor AS5SP512K36DQ-30ET Datasheet HTML 2Page - Austin Semiconductor AS5SP512K36DQ-30ET Datasheet HTML 3Page - Austin Semiconductor AS5SP512K36DQ-30ET Datasheet HTML 4Page - Austin Semiconductor AS5SP512K36DQ-30ET Datasheet HTML 5Page - Austin Semiconductor AS5SP512K36DQ-30ET Datasheet HTML 6Page - Austin Semiconductor AS5SP512K36DQ-30ET Datasheet HTML 7Page - Austin Semiconductor AS5SP512K36DQ-30ET Datasheet HTML 8Page - Austin Semiconductor AS5SP512K36DQ-30ET Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SSRAM
AS5SP512K36DQ
AS5SP512K36DQ
Rev. 2.5 09/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
1
Austin Semiconductor, Inc.
Plastic Encapsulated Microcircuit
18Mb, 512K x 36, Synchronous SRAM
Pipeline Burst, Single Cycle Deselect
FEATURES
Synchronous Operation in relation to the input Clock
2 Stage Registers resulting in Pipeline operation
On chip address counter (base +3) for Burst operations
Self-Timed Write Cycles
On-Chip Address and Control Registers
Byte Write support
Global Write support
On-Chip low power mode [powerdown] via ZZ pin
Interleaved or Linear Burst support via Mode pin
Three Chip Enables for ease of depth expansion without
Data Contention.
Two Cycle load, Single Cycle Deselect
Asynchronous Output Enable (OE\)
Three Pin Burst Control (ADSP\, ADSC\, ADV\)
3.3V Core Power Supply
3.3V/2.5V IO Power Supply
JEDEC Standard 100 pin TQFP Package, MS026-D/BHA
Available in Industrial, Enhanced, and Mil-Temperature
Operating Ranges
GENERAL DESCRIPTION
ASI’s AS5SP512K36DQ is a 18Mb High Performance
Synchronous Pipeline Burst SRAM, available in multiple
temperature screening levels, fabricated using High
Performance CMOS technology and is organized as a 512K
x 36. It integrates address and control registers, a two (2)
bit burst address counter supporting four (4) double-word
transfers. Writes are internally self-timed and synchronous
to the rising edge of clock.
ASI’s AS5SP512K36DQ includes advanced control options
including Global Write, Byte Write as well as an
Asynchronous Output enable. Burst Cycle controls are
handled by three (3) input pins, ADV, ADSP\ and ADSC\.
Burst operation can be initiated with either the Address
Status Processor (ADSP\) or Address Status Cache
controller (ADSC\) inputs. Subsequent burst addresses
are generated internally in the system’s burst sequence
control block and are controlled by Address Advance
DQPc
DQc
DQc
DQc
DQc
DQc
DQc
DQd
DQd
DQd
DQd
DQd
DQd
DQd
DQd
DQc
DQc
DQb
DQb
DQb
DQb
DQb
DQb
DQb
DQb
DQa
DQa
DQa
DQa
DQa
DQa
DQa
DQa
DQPb
DQPa
VDDQ
VDDQ
VDDQ
VDDQ
VSSQ
VSSQ
VSSQ
VSSQ
VSS
VDD
NC
VDDQ
VDDQ
VDDQ
VDDQ
VSSQ
VSSQ
VSSQ
VSSQ
SSRAM [SPB]
1
2
3
4
5
6
7
8
9
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
ZZ
30
29
28
27
26
25
24
23
NC
NC
VDD
VSS
22
21
20
19
18
17
16
15
14
13
12
10
11
DQPd
Block Diagram
CONTROL
BLOCK
BURST CNTL.
Address
Registers
Row
Decode
Column
Decode
Memory Array
x36
SBP
I/O Gating and Control
Output
Register
Input
Register
CLK
CE1\
CE2
CE3\
BWE\
BWx\
GW\
ADV
ADSC\
ADSP\
MODE
A0-Ax
DQx, DQPx
Output
Driver
❑ Synchronous Pipeline
Burst
❋ Two (2) cycle load
❋ One (1) cycle
de-select
❋ One (1) cycle latency
on Mode change
OE\
ZZ
Parameter
Symbol
200Mhz
166Mhz
133Mhz
Units
Cycle Time
tCYC
5.0
6.0
7.5
ns
Clock Access Time
tCD
3.0
3.5
4.0
ns
Output Enable Access Time
tOE
3.0
3.5
4.0
ns
Fast Access Times


Similar Part No. - AS5SP512K36DQ-30ET

ManufacturerPart #DatasheetDescription
logo
Micross Components
AS5SP512K36DQ-30/ET MICROSS-AS5SP512K36DQ-30/ET Datasheet
746Kb / 12P
   On-Chip Address and Control Registers
AS5SP512K36DQ-30/IT MICROSS-AS5SP512K36DQ-30/IT Datasheet
746Kb / 12P
   On-Chip Address and Control Registers
More results

Similar Description - AS5SP512K36DQ-30ET

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5SP1M18DQ AUSTIN-AS5SP1M18DQ Datasheet
281Kb / 10P
   Plastic Encapsulated Microcircuit 18Mb, 1M x 18, Synchronous SRAM Pipeline Burst, Single Cycle Deselect
AS5SP512K18DQ AUSTIN-AS5SP512K18DQ Datasheet
281Kb / 10P
   Plastic Encapsulated Microcircuit 9Mb, 512K x 18, Synchronous SRAM Pipeline Burst, Single Cycle Deselect
AS5SP128K36DQ AUSTIN-AS5SP128K36DQ Datasheet
281Kb / 10P
   Plastic Encapsulated Microcircuit 4.5Mb, 128K x 36, Synchronous SRAM Pipeline Burst, Single Cycle Deselect
AS5SP256K36DQ AUSTIN-AS5SP256K36DQ Datasheet
370Kb / 11P
   Plastic Encapsulated Microcircuit 9.0Mb, 256K x 36, Synchronous SRAM Pipeline Burst, Single Cycle Deselect
AS5SP128K32DQ AUSTIN-AS5SP128K32DQ Datasheet
362Kb / 10P
   Plastic Encapsulated Microcircuit 4.0Mb, 128K x 32, Synchronous SRAM Pipeline Burst, Single Cycle Deselect
logo
Integrated Silicon Solu...
IS61VPD51236A ISSI-IS61VPD51236A Datasheet
207Kb / 29P
   512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, DOUBLE CYCLE DESELECT STATIC RAM
IS61VPS25672A ISSI-IS61VPS25672A Datasheet
220Kb / 34P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
logo
Alliance Semiconductor ...
AS7C33512PFD18A ALSC-AS7C33512PFD18A Datasheet
515Kb / 20P
   3.3V 512K x 18 pipeline burst synchronous SRAM
logo
White Electronic Design...
WEDPZ512K72S-XBX WEDC-WEDPZ512K72S-XBX Datasheet
549Kb / 15P
   512K x 72 SYNCHRONOUS PIPELINE BURST ZBL SRAM
WEDPZ512K72V-XBX WEDC-WEDPZ512K72V-XBX Datasheet
565Kb / 14P
   512K x 72 Synchronous Pipeline Burst ZBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com