Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS5SP512K36DQ-35IT Datasheet(PDF) 2 Page - Austin Semiconductor

Part # AS5SP512K36DQ-35IT
Description  Plastic Encapsulated Microcircuit 18Mb, 512K x 36, Synchronous SRAM Pipeline Burst, Single Cycle Deselect
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS5SP512K36DQ-35IT Datasheet(HTML) 2 Page - Austin Semiconductor

  AS5SP512K36DQ-35IT Datasheet HTML 1Page - Austin Semiconductor AS5SP512K36DQ-35IT Datasheet HTML 2Page - Austin Semiconductor AS5SP512K36DQ-35IT Datasheet HTML 3Page - Austin Semiconductor AS5SP512K36DQ-35IT Datasheet HTML 4Page - Austin Semiconductor AS5SP512K36DQ-35IT Datasheet HTML 5Page - Austin Semiconductor AS5SP512K36DQ-35IT Datasheet HTML 6Page - Austin Semiconductor AS5SP512K36DQ-35IT Datasheet HTML 7Page - Austin Semiconductor AS5SP512K36DQ-35IT Datasheet HTML 8Page - Austin Semiconductor AS5SP512K36DQ-35IT Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SSRAM
AS5SP512K36DQ
AS5SP512K36DQ
Rev. 2.5 09/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
2
Austin Semiconductor, Inc.
Logic Block Diagram
ADSP\
BWd\
BWc\
BWb\
BWa\
BWE\
GW\
ADV\
CLK
ADSC\
ADDRESS
REGISTER
Burst
Counter
and
Logic
CLR
Q0
Q1
Byte Write
Register
DQd, DQPd
Byte Write
Register
Byte Write
Register
Byte Write
Register
DQc, DQPc
DQb, DQPb
DQa, DQPa
Enable
Register
Byte Write
Driver
Byte Write
Driver
Byte Write
Driver
Byte Write
Driver
DQd, DQPd
DQc, DQPc
DQb, DQPb
DQa, DQPa
Pipeline
Enable
CE1\
CE2
CE3\
Memory
Array
Sense
Amps
Output
Registers
Output
Buffers
DQx,
DQPx
Input
Registers
Sleep
Control
OE\
ZZ
2 A0, A1
MODE
A0, A1, Ax
Fast Access Times
Signal Name
Symbol
Type
Pin
Description
Clock
CLK
Input
89
This input registers the address, data, enables, Global and Byte
writes as well as the burst control functions
Address
A0, A1
Input
37, 36
Low order, Synchronous Address Inputs and Burst counter
address inputs
Address
A
Input(s)
35, 34, 33, 32, 100,
Synchronous Address Inputs
99, 82, 81, 44, 45, 46,
47, 48, 49, 50, 43, 42
Chip Enable
CE1\, CE3\
Input
98, 92
Active Low True Chip Enables
Chip Enable
CE2
Input
97
Active High True Chip Enable
Global Write Enable
GW\
Input
88
Active Low True Global Write enable. Write to all bits
Byte Enables
BWa\, BWb\,
Input
93, 94, 95, 96
Active Low True Byte Write enables. Write to byte segments
BWc\, BWd\
Byte Write Enable
BWE\
Input
87
Active Low True Byte Write Function enable
Output Enable
OE\
Input
86
Active Low True Asynchronous Output enable
Address Strobe Controller
ADSC\
Input
85
Address Strobe from Controller. When asserted LOW, Address is
captured in the address registers and A0-A1 are loaded into the Bur
When ADSP\ and ADSC are both asserted, only ADSP is recognized
Address Strobe from Processor
ADSP\
Input
84
Synchronous Address Strobe from Processor. When asserted LOW,
Address is captured in the Address registers, A0-A1 is registered in
the burst counter. When both ADSP\ and ADSC\ or both asserted,
only ADSP\ is recognized. ADSP\ is ignored when CE1\ is HIGH
Address Advance
ADV
Input
83
Advance input Address. When asserted HIGH, address in burst
counter is incremented.
Power-Down
ZZ
Input
64
Asynchronous, non-time critical Power-down Input control. Places
the chip into an ultra low power mode, with data preserved.
Data Parity Input/Outputs
DQPa, DQPb
Input/
51, 80, 1, 30
Bidirectional I/O Parity lines. As inputs they reach the memory
DQPc, DQPd
Output
array via an input register, the address stored in the register on the
rising edge of clock. As and output, the line delivers the valid data
stored in the array via an output register and output driver. The data
delieverd is from the previous clock period of the READ cycle.
Data Input/Outputs
DQa, DQb, DQc
Input/
52, 53, 56, 57, 58, 59,
Bidirectional I/O Data lines. As inputs they reach the memo
DQd
Output
62, 63, 68, 69, 72, 73,
array via an input register, the address stored in the register on the
74, 75, 78, 79, 2, 3, 6,
rising edge of clock. As and output, the line delivers the valid data
7, 8, 9, 12, 13, 18, 19,
stored in the array via an output register and output driver. The data
22, 23, 24, 25, 28, 29
delieverd is from the previous clock period of the READ cycle.
Burst Mode
MODE
Input
31
Interleaved or Linear Burst mode control
Power Supply [Core]
VDD
Supply
91, 15, 41, 65
Core Power Supply
Ground [Core]
VSS
Supply
90, 17, 40, 67
Core Power Supply Ground
Power Supply I/O
VDDQ
Supply
4, 11, 20, 27, 54, 61,
Isolated Input/Output Buffer Supply
70, 77
I/O Ground
VSSQ
Supply
5, 10, 21, 26, 55, 60,
Isolated Input/Output Buffer Ground
71, 76
No Connection(s)
NC
NA
14, 16, 38, 39, 66
No connections to internal silicon


Similar Part No. - AS5SP512K36DQ-35IT

ManufacturerPart #DatasheetDescription
logo
Micross Components
AS5SP512K36DQ-35/ET MICROSS-AS5SP512K36DQ-35/ET Datasheet
746Kb / 12P
   On-Chip Address and Control Registers
AS5SP512K36DQ-35/IT MICROSS-AS5SP512K36DQ-35/IT Datasheet
746Kb / 12P
   On-Chip Address and Control Registers
AS5SP512K36DQ-35/XT MICROSS-AS5SP512K36DQ-35/XT Datasheet
746Kb / 12P
   On-Chip Address and Control Registers
More results

Similar Description - AS5SP512K36DQ-35IT

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5SP1M18DQ AUSTIN-AS5SP1M18DQ Datasheet
281Kb / 10P
   Plastic Encapsulated Microcircuit 18Mb, 1M x 18, Synchronous SRAM Pipeline Burst, Single Cycle Deselect
AS5SP512K18DQ AUSTIN-AS5SP512K18DQ Datasheet
281Kb / 10P
   Plastic Encapsulated Microcircuit 9Mb, 512K x 18, Synchronous SRAM Pipeline Burst, Single Cycle Deselect
AS5SP128K36DQ AUSTIN-AS5SP128K36DQ Datasheet
281Kb / 10P
   Plastic Encapsulated Microcircuit 4.5Mb, 128K x 36, Synchronous SRAM Pipeline Burst, Single Cycle Deselect
AS5SP256K36DQ AUSTIN-AS5SP256K36DQ Datasheet
370Kb / 11P
   Plastic Encapsulated Microcircuit 9.0Mb, 256K x 36, Synchronous SRAM Pipeline Burst, Single Cycle Deselect
AS5SP128K32DQ AUSTIN-AS5SP128K32DQ Datasheet
362Kb / 10P
   Plastic Encapsulated Microcircuit 4.0Mb, 128K x 32, Synchronous SRAM Pipeline Burst, Single Cycle Deselect
logo
Integrated Silicon Solu...
IS61VPD51236A ISSI-IS61VPD51236A Datasheet
207Kb / 29P
   512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, DOUBLE CYCLE DESELECT STATIC RAM
IS61VPS25672A ISSI-IS61VPS25672A Datasheet
220Kb / 34P
   256K x 72, 512K x 36, 1024K x 18 18Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
logo
Alliance Semiconductor ...
AS7C33512PFD18A ALSC-AS7C33512PFD18A Datasheet
515Kb / 20P
   3.3V 512K x 18 pipeline burst synchronous SRAM
logo
White Electronic Design...
WEDPZ512K72S-XBX WEDC-WEDPZ512K72S-XBX Datasheet
549Kb / 15P
   512K x 72 SYNCHRONOUS PIPELINE BURST ZBL SRAM
WEDPZ512K72V-XBX WEDC-WEDPZ512K72V-XBX Datasheet
565Kb / 14P
   512K x 72 Synchronous Pipeline Burst ZBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com