Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS5SP512K18DQ-35XT Datasheet(PDF) 7 Page - Austin Semiconductor

Part # AS5SP512K18DQ-35XT
Description  Plastic Encapsulated Microcircuit 9Mb, 512K x 18, Synchronous SRAM Pipeline Burst, Single Cycle Deselect
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS5SP512K18DQ-35XT Datasheet(HTML) 7 Page - Austin Semiconductor

Back Button AS5SP512K18DQ-35XT Datasheet HTML 2Page - Austin Semiconductor AS5SP512K18DQ-35XT Datasheet HTML 3Page - Austin Semiconductor AS5SP512K18DQ-35XT Datasheet HTML 4Page - Austin Semiconductor AS5SP512K18DQ-35XT Datasheet HTML 5Page - Austin Semiconductor AS5SP512K18DQ-35XT Datasheet HTML 6Page - Austin Semiconductor AS5SP512K18DQ-35XT Datasheet HTML 7Page - Austin Semiconductor AS5SP512K18DQ-35XT Datasheet HTML 8Page - Austin Semiconductor AS5SP512K18DQ-35XT Datasheet HTML 9Page - Austin Semiconductor AS5SP512K18DQ-35XT Datasheet HTML 10Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AS5SP512K18DQ
Austin Semiconductor, Inc. reserves the right to change products or modify product specifications with appropriate notification
Revision 1.0 04/04/04
For Additional Products and Information visit out Web site at
www.austinsemiconductor.com
7
COTS PEM
AS5SP512K18DQ
Austin Semiconductor, Inc.
SSRAM
AC Switching Waveforms
Write Cycle Timing
CLK
ADSP\
ADSC\
ADV\
Ax
GW\
BWE\, BWx\
CE1\
CE2
CE3\
OE\
DQx,DQPx
A1
A2
A3
W1
W2a
W2b
W2d
W2c
W3
DON'T CARE
UNDEFINED
Single Write
Burst Write
Pipelined Write
tCYC
tCH
tCL
tASH
tASS
ADSP\ Ignored with CE1\ inactive
tASH
tASS
tADVS
tADVH
ADV\ Must be Inactive for ADSP\ Write
tAS
tAH
tWES
tWEH
tWEH
tWES
tCES
tCEH
CE1\ Masks ADSP\
tDS
tDH


Similar Part No. - AS5SP512K18DQ-35XT

ManufacturerPart #DatasheetDescription
logo
Micross Components
AS5SP512K18DQ-35XT MICROSS-AS5SP512K18DQ-35XT Datasheet
750Kb / 13P
   On chip address counter for Burst operations
More results

Similar Description - AS5SP512K18DQ-35XT

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5SP512K36DQ AUSTIN-AS5SP512K36DQ Datasheet
294Kb / 11P
   Plastic Encapsulated Microcircuit 18Mb, 512K x 36, Synchronous SRAM Pipeline Burst, Single Cycle Deselect
AS5SP1M18DQ AUSTIN-AS5SP1M18DQ Datasheet
281Kb / 10P
   Plastic Encapsulated Microcircuit 18Mb, 1M x 18, Synchronous SRAM Pipeline Burst, Single Cycle Deselect
AS5SP128K36DQ AUSTIN-AS5SP128K36DQ Datasheet
281Kb / 10P
   Plastic Encapsulated Microcircuit 4.5Mb, 128K x 36, Synchronous SRAM Pipeline Burst, Single Cycle Deselect
AS5SP128K32DQ AUSTIN-AS5SP128K32DQ Datasheet
362Kb / 10P
   Plastic Encapsulated Microcircuit 4.0Mb, 128K x 32, Synchronous SRAM Pipeline Burst, Single Cycle Deselect
AS5SP256K36DQ AUSTIN-AS5SP256K36DQ Datasheet
370Kb / 11P
   Plastic Encapsulated Microcircuit 9.0Mb, 256K x 36, Synchronous SRAM Pipeline Burst, Single Cycle Deselect
logo
Alliance Semiconductor ...
AS7C33512PFD18A ALSC-AS7C33512PFD18A Datasheet
515Kb / 20P
   3.3V 512K x 18 pipeline burst synchronous SRAM
AS7C33512PFS18A ALSC-AS7C33512PFS18A Datasheet
512Kb / 20P
   3.3V 512K x 18 pipeline burst synchronous SRAM
logo
White Electronic Design...
WEDPZ512K72S-XBX WEDC-WEDPZ512K72S-XBX Datasheet
549Kb / 15P
   512K x 72 SYNCHRONOUS PIPELINE BURST ZBL SRAM
WEDPZ512K72V-XBX WEDC-WEDPZ512K72V-XBX Datasheet
565Kb / 14P
   512K x 72 Synchronous Pipeline Burst ZBL SRAM
logo
Integrated Silicon Solu...
IS61SPD25632T ISSI-IS61SPD25632T Datasheet
154Kb / 22P
   256K x 32, 256K x 36, 512K x 18 SYNCHRONOUS PIPELINE, DOUBLE-CYCLE DESELECT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com