Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS5SP512K18DQ-40ET Datasheet(PDF) 6 Page - Austin Semiconductor

Part # AS5SP512K18DQ-40ET
Description  Plastic Encapsulated Microcircuit 9Mb, 512K x 18, Synchronous SRAM Pipeline Burst, Single Cycle Deselect
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS5SP512K18DQ-40ET Datasheet(HTML) 6 Page - Austin Semiconductor

Back Button AS5SP512K18DQ-40ET Datasheet HTML 2Page - Austin Semiconductor AS5SP512K18DQ-40ET Datasheet HTML 3Page - Austin Semiconductor AS5SP512K18DQ-40ET Datasheet HTML 4Page - Austin Semiconductor AS5SP512K18DQ-40ET Datasheet HTML 5Page - Austin Semiconductor AS5SP512K18DQ-40ET Datasheet HTML 6Page - Austin Semiconductor AS5SP512K18DQ-40ET Datasheet HTML 7Page - Austin Semiconductor AS5SP512K18DQ-40ET Datasheet HTML 8Page - Austin Semiconductor AS5SP512K18DQ-40ET Datasheet HTML 9Page - Austin Semiconductor AS5SP512K18DQ-40ET Datasheet HTML 10Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AS5SP512K18DQ
Austin Semiconductor, Inc. reserves the right to change products or modify product specifications with appropriate notification
Revision 1.0 04/04/04
For Additional Products and Information visit out Web site at
www.austinsemiconductor.com
6
COTS PEM
AS5SP512K18DQ
Austin Semiconductor, Inc.
SSRAM
AC Switching Characteristics (VDD=3.3v -5%/+10%,
TA= Min. and Max temperatures of Screening level chosen)
-30 [200Mhz]
-35 [166Mhz]
-40 [133Mhz]
Parameter
Symbol
Min.
Max.
Min.
Max.
Min.
Max.
Units
Notes
Clock (CLK) Cycle Time
tCYC
5.00
-
6.00
-
7.50
-
ns
Clock (CLK) High Time
tCH
2.00
-
2.20
-
2.50
-
ns
1
Clock (CLK) Low Time
tCL
2.00
-
2.20
-
2.50
-
ns
1
Clock Access Time
tCD
3.00
3.50
4.00
ns
2
Clock (CLK) High to Output Low-Z
tCLZ
1.25
-
1.25
-
1.25
-
ns
2,3,4,5
Clock High to Output High-Z
tCHZ
1.25
3.00
1.25
3.50
1.25
3.50
ns
2,3,4,5
Output Enable to Data Valid
tOE
-
3.00
-
3.50
-
4.00
ns
6
Output Hold from Clock High
tOH
1.25
-
1.25
-
1.25
-
ns
Output Enable Low to Output Low-Z
tOELZ
0.00
-
0.00
-
0.00
-
ns
2,3,4,5
Output Enable High to Output High-Z
tOEHZ
-
3.00
-
3.50
-
3.50
ns
2,3,4,5
Address Set-up to CLK High
tAS
1.40
1.50
1.50
ns
7,8
Address Hold from CLK High
tAH
0.40
0.50
0.50
ns
7,8
Address Status Set-up to CLK High
tASS
1.40
1.50
1.50
ns
7,8
Address Status Hold from CLK High
tASH
0.40
0.50
0.50
ns
7,8
Address Advance Set-up to CLK High
tADVS
1.40
1.50
1.50
ns
7,8
Address Advance Hold from CLK High
tADVH
0.40
0.50
0.50
ns
7,8
Chip Enable Set-up to CLK High (CEx\, CE2)
tCES
1.40
1.50
1.50
ns
7,8
Chip Enable Hold from CLK High (CEx\, CE2)
tCEH
0.40
0.50
0.50
ns
7,8
Data Set-up to CLK High
tDS
1.40
1.50
1.50
ns
7,8
Data Hold from CLK High
tDH
0.40
0.50
0.50
ns
7,8
Write Set-up to CLK High (GW\, BWE\, BWx\)
tWES
1.40
1.50
1.50
ns
7,8
Write Hold from CLK High (GW\, BWE\, BWX\)
tWEH
0.40
0.50
0.50
ns
7,8
ZZ High to Power Down
tPD
2
2
2
cycles
ZZ Low to Power Up
tPU
22
2
cycles
Notes to Switching Specifications:
1.
Measured as HIGH when above VIH and Low when below VIL
2.
This parameter is measured with the output loading shown in AC Test Loads
3.
This parameter is sampled
4.
Transition is measured +500mV from steady state voltage
5.
Critical specification(s) when Design Considerations are being reviewed/analyized for Bus Contentention
6.
OE\ is a Don't Care when a Byte or Global Write is sampled LOW
7.
A READ cycle is defined by Byte or Global Writes sampled LOW and ADSP\ is sampled HIGH for the required SET-UP and HOLD times
8.
This is a Synchronous device. All addresses must meet the specified SET-UP and HOLD times for all rising edges of CLK when either
ADSP\ or ADSC\ is sampled LOW while the device is enabled. All other synchronous inputs must meet the SET-UP and HOLD times
with stable logic levels for all rising edges of clock (CLK) during device operation (enabled). Chip Enable (Cex\, CE2) must be valid
at each rising edge of clock (CLK) when either ADSP\ or ADSC\ is LOW to remain enabled.


Similar Part No. - AS5SP512K18DQ-40ET

ManufacturerPart #DatasheetDescription
logo
Micross Components
AS5SP512K18DQ-40ET MICROSS-AS5SP512K18DQ-40ET Datasheet
750Kb / 13P
   On chip address counter for Burst operations
More results

Similar Description - AS5SP512K18DQ-40ET

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5SP512K36DQ AUSTIN-AS5SP512K36DQ Datasheet
294Kb / 11P
   Plastic Encapsulated Microcircuit 18Mb, 512K x 36, Synchronous SRAM Pipeline Burst, Single Cycle Deselect
AS5SP1M18DQ AUSTIN-AS5SP1M18DQ Datasheet
281Kb / 10P
   Plastic Encapsulated Microcircuit 18Mb, 1M x 18, Synchronous SRAM Pipeline Burst, Single Cycle Deselect
AS5SP128K36DQ AUSTIN-AS5SP128K36DQ Datasheet
281Kb / 10P
   Plastic Encapsulated Microcircuit 4.5Mb, 128K x 36, Synchronous SRAM Pipeline Burst, Single Cycle Deselect
AS5SP128K32DQ AUSTIN-AS5SP128K32DQ Datasheet
362Kb / 10P
   Plastic Encapsulated Microcircuit 4.0Mb, 128K x 32, Synchronous SRAM Pipeline Burst, Single Cycle Deselect
AS5SP256K36DQ AUSTIN-AS5SP256K36DQ Datasheet
370Kb / 11P
   Plastic Encapsulated Microcircuit 9.0Mb, 256K x 36, Synchronous SRAM Pipeline Burst, Single Cycle Deselect
logo
Alliance Semiconductor ...
AS7C33512PFD18A ALSC-AS7C33512PFD18A Datasheet
515Kb / 20P
   3.3V 512K x 18 pipeline burst synchronous SRAM
AS7C33512PFS18A ALSC-AS7C33512PFS18A Datasheet
512Kb / 20P
   3.3V 512K x 18 pipeline burst synchronous SRAM
logo
White Electronic Design...
WEDPZ512K72S-XBX WEDC-WEDPZ512K72S-XBX Datasheet
549Kb / 15P
   512K x 72 SYNCHRONOUS PIPELINE BURST ZBL SRAM
WEDPZ512K72V-XBX WEDC-WEDPZ512K72V-XBX Datasheet
565Kb / 14P
   512K x 72 Synchronous Pipeline Burst ZBL SRAM
logo
Integrated Silicon Solu...
IS61SPD25632T ISSI-IS61SPD25632T Datasheet
154Kb / 22P
   256K x 32, 256K x 36, 512K x 18 SYNCHRONOUS PIPELINE, DOUBLE-CYCLE DESELECT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com