Electronic Components Datasheet Search |
|
AS5SP128K32DQ-6XT Datasheet(PDF) 2 Page - Austin Semiconductor |
|
AS5SP128K32DQ-6XT Datasheet(HTML) 2 Page - Austin Semiconductor |
2 / 10 page AS5SP128K32DQ Austin Semiconductor, Inc. reserves the right to change products or modify product specifications with appropriate notification Revision 1.1 07/29/04 For Additional Products and Information visit out Web site at www.austinsemiconductor.com 2 COTS PEM AS5SP128K32DQ Austin Semiconductor, Inc. SSRAM Pin Description/Assignment Table Logic Block Diagram ADSP\ BWd\ BWc\ BWb\ BWa\ BWE\ GW\ ADV\ CLK ADSC\ ADDRESS REGISTER Burst Counter and Logic CLR Q0 Q1 Byte Write Register DQd, DQPd Byte Write Register Byte Write Register Byte Write Register DQc, DQPc DQb, DQPb DQa, DQPa Enable Register Byte Write Driver Byte Write Driver Byte Write Driver Byte Write Driver DQd, DQPd DQc, DQPc DQb, DQPb DQa, DQPa Pipeline Enable CE1\ CE2 CE3\ Memory Array Sense Amps Output Registers Output Buffers DQx, DQPx Input Registers Sleep Control OE\ ZZ 2 A0, A1 MODE A0, A1, Ax Signal Name Symbol Type Pin Description Clock CLK Input 89 This input registers the address, data, enables, Global and Byte writes as well as the burst control functions Address A0, A1 Input 37, 36 Low order, Synchronous Address Inputs and Burst counter address inputs Address A Input(s) 35, 34, 33, 32, 100, Synchronous Address Inputs 99, 82, 81, 44, 45, 46, 47, 48, 49, 50 Chip Enable CE1\, CE3\ Input 98, 92 Active Low True Chip Enables Chip Enable CE2 Input 97 Active High True Chip Enable Global Write Enable GW\ Input 88 Active Low True Global Write enable. Write to all bits Byte Enables BWa\, BWb\, Input 93, 94, 95, 96 Active Low True Byte Write enables. Write to byte segments BWc\, BWd\ Byte Write Enable BWE\ Input 87 Active Low True Byte Write Function enable Output Enable OE\ Input 86 Active Low True Asynchronous Output enable Address Strobe Controller ADSC\ Input 85 Address Strobe from Controller. When asserted LOW, Address is captured in the address registers and A0-A1 are loaded into the Burst When ADSP\ and ADSC are both asserted, only ADSP is recognized Address Strobe from Processor ADSP\ Input 84 Synchronous Address Strobe from Processor. When asserted LOW, Address is captured in the Address registers, A0-A1 is registered in the burst counter. When both ADSP\ and ADSC\ or both asserted, only ADSP\ is recognized. ADSP\ is ignored when CE1\ is HIGH Address Advance ADV Input 83 Advance input Address. When asserted HIGH, address in burst counter is incremented. Power-Down ZZ Input 64 Asynchronous, non-time critical Power-down Input control. Places the chip into an ultra low power mode, with data preserved. Data Input/Outputs DQa, DQb, DQc Input/ 52, 53, 56, 57, 58, 59, Bidirectional I/O Data lines. As inputs they reach the memory DQd Output 62, 63, 68, 69, 72, 73, array via an input register, the address stored in the register on the 74, 75, 78, 79, 2, 3, 6, rising edge of clock. As and output, the line delivers the valid data 7, 8, 9, 12, 13, 18, 19, stored in the array via an output register and output driver. The data 22, 23, 24, 25, 28, 29 delieverd is from the previous clock period of the READ cycle. Burst Mode MODE Input 31 Interleaved or Linear Burst mode control Power Supply [Core] VDD Supply 91, 15, 41, 65 Core Power Supply Ground [Core] VSS Supply 90, 17, 40, 67 Core Power Supply Ground Power Supply I/O VDDQ Supply 4, 11, 20, 27, 54, 61, Isolated Input/Output Buffer Supply 70, 77 I/O Ground VSSQ Supply 5, 10, 21, 26, 55, 60, Isolated Input/Output Buffer Ground 71, 76 No Connection(s) NC NA 14, 16, 38, 39, 66 No connections to internal silicon 38,39,42,43 |
Similar Part No. - AS5SP128K32DQ-6XT |
|
Similar Description - AS5SP128K32DQ-6XT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |