Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

712LL127M16 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 712LL127M16
Description  Non-Environmental User-Installable
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

712LL127M16 Datasheet(HTML) 2 Page - Glenair, Inc.

  712LL127M16 Datasheet HTML 1Page - Glenair, Inc. 712LL127M16 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2003 Glenair, Inc.
Printed in U.S.A.
CAGE Codes 06324
D-19
E-Mail: sales@glenair.com
www.glenair.com
NOTES:
1.
Metric dimensions (mm) are in parentheses.
2.
Tubing shown for reference only.
3.
When tubing I.D. max exceeds inside diameter of
connector shell, style 2 may be supplied. Refer to
pages F-15 and F-16.
TABLE I
SHELL SIZE
E
F
G
H
A,F,L,S
H
MAX
MAX
MAX
MAX
08
09
.639 (16.2)
.950 (24.1)
.750 (19.1)
1.060 (26.9)
10
11
.664 (16.9)
.980 (24.9)
.810 (20.6)
1.120 (28.4)
12
13
.688 (17.5)
1.000 (25.4)
.870 (22.1)
1.180 (30.0)
14
15
.705 (17.9)
1.030 (26.2)
.920 (23.4)
1.250 (31.8)
16
17
.732 (18.6)
1.050 (26.7)
.980 (24.9)
1.310 (33.3)
18
19
.748 (19.0)
1.060 (26.9)
1.020 (25.9)
1.330 (33.8)
20
21
.773 (19.6)
1.080 (27.4)
1.080 (27.4)
1.390 (35.3)
22
23
.800 (20.3)
1.120 (28.4)
1.140 (29.0)
1.470 (37.3)
24
25
.823 (20.9)
1.150 (29.2)
1.200 (30.5)
1.540 (39.1)
28
--
1.041 (26.4)
1.320 (33.5)
1.480 (37.6)
1.780 (45.2)
32
--
1.092 (27.7)
1.360 (34.5)
1.610 (40.9)
1.870 (47.5)
36
--
1.138 (28.9)
1.410 (35.8)
1.720 (43.7)
1.980 (50.3)
TABLE III
DASH
TUBING I.D.
J
NO.
MIN
MAX
MAX
06
.181 (4.6)
.188 (4.8)
.910 (23.1)
09
.273 (6.9)
.281 (7.1)
1.000 (25.4)
10
.306 (7.8)
.312 (7.9)
1.032 (26.2)
12
.364 (9.2)
.375 (9.5)
1.095 (27.8)
14
.427 (10.8)
.437 (11.1)
1.167 (29.6)
16
.485 (12.3)
.500 (12.7)
1.220 (31.0)
20
.608 (15.4)
.625 (15.9)
1.345 (34.2)
24
.730 (18.5)
.750 (19.1)
1.470 (37.3)
28
.860 (21.8)
.875 (22.2)
1.595 (40.5)
32
.975 (24.8)
1.000 (25.4)
1.720 (43.7)
40
1.210 (30.7)
1.250 (31.8)
1.970 (50.0)
48
1.437 (36.5)
1.500 (38.1)
2.220 (56.4)
56
1.688 (42.9)
1.750 (44.5)
2.470 (62.7)
64
1.937 (49.2)
2.000 (50.8)
2.720 (69.1)
TABLE II
SYMBOL FINISH
B
Olive Drab over Cadmium Plate
J
Gold Iridite over Cadmium Plate over Nickel
M
Electroless Nickel
N
Olive Drab over Cadmium Plate over Nickel
NC
Zinc-Cobalt, Olive Drab
NF
Olive Drab over Cadmium Plate over
Electroless Nickel (500 Hour Salt Spray)
T
Bright Dip Cadmium Plate over Nickel
712-127 - Types B, D & E
Straight, 45° & 90° Non-Environmental User-Installable
Connector Fitting for Series 74 Helical Convoluted Tubing


Similar Part No. - 712LL127M16

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
712LL178M16 GLENAIR-712LL178M16 Datasheet
58Kb / 2P
   Non-Environmental User-Installable Fitting
More results

Similar Description - 712LL127M16

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
712AH360M16 GLENAIR-712AH360M16 Datasheet
59Kb / 2P
   Non-Environmental User-Installable
710CA004M GLENAIR-710CA004M Datasheet
114Kb / 2P
   Non-Environmental User-Installable Straight
712AK178M16 GLENAIR-712AK178M16 Datasheet
58Kb / 2P
   Non-Environmental User-Installable Fitting
712AH386M16 GLENAIR-712AH386M16 Datasheet
85Kb / 2P
   Environmental User-Installable
712-379 GLENAIR-712-379 Datasheet
101Kb / 1P
   Non-Environmental User-Installable Transition Fitting
710S188M16 GLENAIR-710S188M16 Datasheet
68Kb / 1P
   Non-Environmental User-Installable Transition Fitting
712AK277M16 GLENAIR-712AK277M16 Datasheet
62Kb / 2P
   EMI Environmental User-Installable
712-388S20C GLENAIR-712-388S20C Datasheet
77Kb / 1P
   Environmental User-Installable Splice Kit
712-188M20AD GLENAIR-712-188M20AD Datasheet
34Kb / 2P
   Environmental User-Installable Bulkhead Fitting
712-387 GLENAIR-712-387 Datasheet
46Kb / 2P
   Straight, 45째 & 90째 Environmental User-Installable Fitting
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com