Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS5SP1M18DQ-30ET Datasheet(PDF) 10 Page - Austin Semiconductor

Part # AS5SP1M18DQ-30ET
Description  Plastic Encapsulated Microcircuit 18Mb, 1M x 18, Synchronous SRAM Pipeline Burst, Single Cycle Deselect
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS5SP1M18DQ-30ET Datasheet(HTML) 10 Page - Austin Semiconductor

Back Button AS5SP1M18DQ-30ET Datasheet HTML 2Page - Austin Semiconductor AS5SP1M18DQ-30ET Datasheet HTML 3Page - Austin Semiconductor AS5SP1M18DQ-30ET Datasheet HTML 4Page - Austin Semiconductor AS5SP1M18DQ-30ET Datasheet HTML 5Page - Austin Semiconductor AS5SP1M18DQ-30ET Datasheet HTML 6Page - Austin Semiconductor AS5SP1M18DQ-30ET Datasheet HTML 7Page - Austin Semiconductor AS5SP1M18DQ-30ET Datasheet HTML 8Page - Austin Semiconductor AS5SP1M18DQ-30ET Datasheet HTML 9Page - Austin Semiconductor AS5SP1M18DQ-30ET Datasheet HTML 10Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
AS5SP1M18DQ
Austin Semiconductor, Inc. reserves the right to change products or modify product specifications with appropriate notification
Revision 1.0 04/04/04
For Additional Products and Information visit out Web site at
www.austinsemiconductor.com
10
COTS PEM
AS5SP1M18DQ
Austin Semiconductor, Inc.
SSRAM
Power Down (SNOOZE MODE)
Power Down or Snooze is a Power conservation mode which
when building large/very dense arrays, using multiple devices in a
multi-banked or paged array, can greatly reduce the Operating
current requirements of your total memory array solution.
The device is placed in this mode via the use of the ZZ pin, an
asynchronous control pin which when asserted, places the array
into the lower power or Power Down mode. Awakening the array
or leaving the Power Down (SNOOZE) mode is done so by de-
asserting the ZZ pin .
While in the Power Down or Snooze mode, Data integrity is
guaranteed. Accesses pending when the device entered the mode
are not considered valid nor is the completion of the operation
guaranteed. The device must be de-selected prior to entering the
Power Down mode, all Chip Enables, ADSP\ and ADSC\ must
remain inactive for the duration of ZZ recovery time (tZZREC).
ZZ Mode Electrical Characteristics
ZZ Mode Timing Diagram
Ordering Information
Mechanical Diagram
CLK
ADSP\
ADSC\
CEx\
CE2
ZZ
IDD
IDDzz
tZZS
tZZREC
16.00 +/- 0.20mm
14.00 +/- 0.10mm
0.30 +/- 0.08
0.65mm TYP.
See Detail A
100 Pin TQFP
14mm x 20mm
JEDEC MS026-D/BHA
Detail A
1.40 +/- 0.05mm
1.60mm Max.
1.00mm TYP.
0.10 +0.10/-0.05mm
0.60 +/- 0.15mm
12 +/- 1
Standoff
0.15 MAX
Seating Plane
0.05 MIN
0.10
tCD
Clock
ASI Part Number
Configuration
(ns)
(Mhz)
Industrial Operating Range (-40
0C to +850C)
AS5SP1M18DQ-30IT
1Mx18, 3.3vCore/3.3,2.5vIO
3.0
200
AS5SP1M18DQ-35IT
1Mx18, 3.3vCore/3.3,2.5vIO
3.5
166
AS5SP1M18DQ-40IT
1Mx18, 3.3vCore/3.3,2.5vIO
4.0
133
Enhanced Operating Range (-40
0C to +1050C)
AS5SP1M18DQ-30ET
1Mx18, 3.3vCore/3.3,2.5vIO
3.0
200
AS5SP1M18DQ-35ET
1Mx18, 3.3vCore/3.3,2.5vIO
3.5
166
AS5SP1M18DQ-40ET
1Mx18, 3.3vCore/3.3,2.5vIO
4.0
133
Extended Operating Range (-55
0C to +1250C)
AS5SP1M18DQ-35XT
1Mx18, 3.3vCore/3.3,2.5vIO
3.5
166
AS5SP1M18DQ-40XT
1Mx18, 3.3vCore/3.3,2.5vIO
4.0
133
Parameter
Symbol
Test Conditon
Min.
Max.
Units
Power Down (SNOOZE) Mode
IDDzz
ZZ >/- VDD - 0.2V
60
mA
ZZ Active (Signal HIGH) to Power Down
tZZS
ZZ >/- VDD - 0.2V
2 tCYC
ns
ZZ Inactive (Signal Low) to Power Up
tZZR
ZZ </- 0.2V
2 tCYC
ns


Similar Part No. - AS5SP1M18DQ-30ET

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5SP1M36DQ AUSTIN-AS5SP1M36DQ Datasheet
392Kb / 22P
   36Mb Pipelined Sync SRAM
AS5SP1M36DQ-167/ET AUSTIN-AS5SP1M36DQ-167/ET Datasheet
392Kb / 22P
   36Mb Pipelined Sync SRAM
AS5SP1M36DQ-167/IT AUSTIN-AS5SP1M36DQ-167/IT Datasheet
392Kb / 22P
   36Mb Pipelined Sync SRAM
AS5SP1M36DQ-167/XT AUSTIN-AS5SP1M36DQ-167/XT Datasheet
392Kb / 22P
   36Mb Pipelined Sync SRAM
AS5SP1M36DQ-200/ET AUSTIN-AS5SP1M36DQ-200/ET Datasheet
392Kb / 22P
   36Mb Pipelined Sync SRAM
More results

Similar Description - AS5SP1M18DQ-30ET

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5SP512K36DQ AUSTIN-AS5SP512K36DQ Datasheet
294Kb / 11P
   Plastic Encapsulated Microcircuit 18Mb, 512K x 36, Synchronous SRAM Pipeline Burst, Single Cycle Deselect
AS5SP512K18DQ AUSTIN-AS5SP512K18DQ Datasheet
281Kb / 10P
   Plastic Encapsulated Microcircuit 9Mb, 512K x 18, Synchronous SRAM Pipeline Burst, Single Cycle Deselect
AS5SP128K36DQ AUSTIN-AS5SP128K36DQ Datasheet
281Kb / 10P
   Plastic Encapsulated Microcircuit 4.5Mb, 128K x 36, Synchronous SRAM Pipeline Burst, Single Cycle Deselect
AS5SP128K32DQ AUSTIN-AS5SP128K32DQ Datasheet
362Kb / 10P
   Plastic Encapsulated Microcircuit 4.0Mb, 128K x 32, Synchronous SRAM Pipeline Burst, Single Cycle Deselect
AS5SP256K36DQ AUSTIN-AS5SP256K36DQ Datasheet
370Kb / 11P
   Plastic Encapsulated Microcircuit 9.0Mb, 256K x 36, Synchronous SRAM Pipeline Burst, Single Cycle Deselect
logo
Alliance Semiconductor ...
AS7C33512PFD18A ALSC-AS7C33512PFD18A Datasheet
515Kb / 20P
   3.3V 512K x 18 pipeline burst synchronous SRAM
logo
Integrated Device Techn...
IDT71V432 IDT-IDT71V432 Datasheet
267Kb / 18P
   32K x 32 CacheRAM 3.3V Synchronous SRAM Burst Counter Single Cycle Deselect
logo
Alliance Semiconductor ...
AS7C33256PFS18B ALSC-AS7C33256PFS18B Datasheet
536Kb / 19P
   3.3V 256K X 18 pipeline burst synchronous SRAM
AS7C33128PFD18B ALSC-AS7C33128PFD18B Datasheet
538Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
AS7C33128PFS18B ALSC-AS7C33128PFS18B Datasheet
537Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com