Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS5SP1M36DQ Datasheet(PDF) 4 Page - Austin Semiconductor

Part # AS5SP1M36DQ
Description  36Mb Pipelined Sync SRAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS5SP1M36DQ Datasheet(HTML) 4 Page - Austin Semiconductor

  AS5SP1M36DQ Datasheet HTML 1Page - Austin Semiconductor AS5SP1M36DQ Datasheet HTML 2Page - Austin Semiconductor AS5SP1M36DQ Datasheet HTML 3Page - Austin Semiconductor AS5SP1M36DQ Datasheet HTML 4Page - Austin Semiconductor AS5SP1M36DQ Datasheet HTML 5Page - Austin Semiconductor AS5SP1M36DQ Datasheet HTML 6Page - Austin Semiconductor AS5SP1M36DQ Datasheet HTML 7Page - Austin Semiconductor AS5SP1M36DQ Datasheet HTML 8Page - Austin Semiconductor AS5SP1M36DQ Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
AUSTIN SEMICONDUCTOR, INC.
SSRAM
SSRAM
SSRAM
SSRAM
SSRAM
AS5SP1M36DQ
AS5SP1M36DQ
Rev. 1.2 4/09
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
4
Austin Semiconductor, Inc.
FUNCTIONAL OVERVIEW
All synchronous inputs pass through input registers
controlled by the rising edge of the clock. All data outputs
pass through output registers controlled by the rising edge
of the clock. Maximum access delay from the clock rise (tCO)
is 3.2ns (200-MHz device).
The AS5SP1M36DQ supports secondary cache in systems
utilizing either a linear or interleaved burst sequence. The
interleaved burst order supports Pentium and i486
∀!
processors. The linear burst sequence is suited for
processors that utilize a linear burst sequence. The burst
order is user selectable, and is determined by sampling the
MODE input. Accesses can be initiated with either the
Processor Address Strobe (ADSP) or the Controller Address
Strobe (ADSC). Address advancement through the burst
sequence is controlled by the ADV input. A two-bit on-chip
wraparound burst counter captures the first address in a
burst sequence and automatically increments the address
for the rest of the burst access.
Byte Write operations are qualified with the Byte Write Enable
(BWE) and Byte Write Select (BWX) inputs. A Global Write
Enable (GW) overrides all Byte Write inputs and writes data
to all four bytes. All writes are simplified with on-chip
synchronous self-timed Write circuitry.
Three synchronous Chip Selects (CE1, CE2, CE3) and an
asynchronous Output Enable (OE) provide for easy bank
selection and output tri-state control. ADSP is ignored if CE1
is HIGH.
Single Read Accesses
This access is initiated when the following conditions are
satisfied at clock rise: (1) ADSP or ADSC is asserted LOW,
(2) CE1, CE2, CE3 are all asserted active, and (3) the Write
signals (GW, BWE) are all deserted HIGH. ADSP is ignored if
CE1 is HIGH. The address presented to the address inputs
(A) is stored into the address advancement logic and the
Address Register while being presented to the memory array.
The corresponding data is allowed to propagate to the input
of the Output Registers. At the rising edge of the next clock
the data is allowed to propagate through the output register
and onto the data bus within 3.2ns (200-MHz device) if OE is
active LOW. The only exception occurs when the SRAM is
emerging from a deselected state to a selected state, its
outputs are always tri-stated during the first cycle of the
access. After the first cycle of the access, the outputs are
controlled by the OE signal. Consecutive single Read cycles
are supported. Once the SRAM is deselected at clock rise by
the chip select and either ADSP or ADSC signals, its output
will tri-state immediately.
Single Write Accesses Initiated by ADSP
This access is initiated when both of the following conditions
are satisfied at clock rise: (1) ADSP is asserted LOW, and (2)
CE1, CE2, CE3 are all asserted active. The address presented
to A is loaded into the address register and the address
advancement logic while being delivered to the memory array.
The Write signals (GW, BWE, and BWX) and ADV inputs are
ignored during this first cycle.
ADSP-triggered Write accesses require two clock cycles to
complete. If GW is asserted LOW on the second clock rise,
the data presented to the DQs inputs is written into the
corresponding address location in the memory array. If GW
is HIGH, then the Write operation is controlled by BWE and
BWX signals.
The AS5SP1M36DQ provides Byte Write capability that is
described in the Write Cycle Descriptions table. Asserting
the Byte Write Enable input (BWE) with the selected Byte
Write (BWX) input, will selectively write to only the desired
bytes. Bytes not selected during a Byte Write operation will
remain unaltered. A synchronous self-timed Write mechanism
has been provided to simplify the Write operations.
Because AS5SP1M36DQ is a common I/O device, the Output
Enable (OE) must be deasserted HIGH before presenting
data to the DQs inputs.Doing so will tri-state the output drivers.
As a safety precaution, DQs are utomatically tri-stated
whenever a Write cycle is detected, regardless of the state of
OE.
Single Write Accesses Initiated by ADSC
ADSC Write accesses are initiated when the following
conditions are satisfied: (1) ADSC is asserted LOW, (2) ADSP
is deserted HIGH, (3) CE1, CE2, CE3 are all asserted active,
and (4) the appropriate combination of the Write inputs (GW,
BWE, and BWX) are asserted active to conduct a Write to the
desired byte(s). ADSC-triggered Write accesses require a
single clock cycle to complete. The address presented to A is
loaded into the address register and the address
advancement logic while being delivered to the memory array.
The ADV input is ignored during this cycle. If a global Write is
conducted, the data presented to the DQs is written into the
corresponding address location in the memory core. If a Byte
Write is conducted, only the selected bytes are written. Bytes
not selected during a Byte Write operation will remain
unaltered. A synchronous self-timed Write mechanism has
been
provided
to
simplify
the
Write
operations.
Because AS5SP1M36DQ is a common I/O device, the Output
Enable (OE) must be deasserted HIGH before presenting
data to the DQs inputs. Doing so will tri-state the output drivers.
As a safety precaution, DQs are automatically tri-stated
whenever a Write cycle is detected, regardless of the state of
OE.


Similar Part No. - AS5SP1M36DQ

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5SP1M18DQ AUSTIN-AS5SP1M18DQ Datasheet
281Kb / 10P
   Plastic Encapsulated Microcircuit 18Mb, 1M x 18, Synchronous SRAM Pipeline Burst, Single Cycle Deselect
AS5SP1M18DQ-30ET AUSTIN-AS5SP1M18DQ-30ET Datasheet
281Kb / 10P
   Plastic Encapsulated Microcircuit 18Mb, 1M x 18, Synchronous SRAM Pipeline Burst, Single Cycle Deselect
AS5SP1M18DQ-30IT AUSTIN-AS5SP1M18DQ-30IT Datasheet
281Kb / 10P
   Plastic Encapsulated Microcircuit 18Mb, 1M x 18, Synchronous SRAM Pipeline Burst, Single Cycle Deselect
AS5SP1M18DQ-35ET AUSTIN-AS5SP1M18DQ-35ET Datasheet
281Kb / 10P
   Plastic Encapsulated Microcircuit 18Mb, 1M x 18, Synchronous SRAM Pipeline Burst, Single Cycle Deselect
AS5SP1M18DQ-35IT AUSTIN-AS5SP1M18DQ-35IT Datasheet
281Kb / 10P
   Plastic Encapsulated Microcircuit 18Mb, 1M x 18, Synchronous SRAM Pipeline Burst, Single Cycle Deselect
More results

Similar Description - AS5SP1M36DQ

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
IC61LV6432 ICST-IC61LV6432 Datasheet
210Kb / 21P
   64K x 32 Pipelined Sync. SRAM
logo
GSI Technology
GS8322ZV18B GSI-GS8322ZV18B Datasheet
1Mb / 39P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
logo
List of Unclassifed Man...
GS8320Z36T-166 ETC-GS8320Z36T-166 Datasheet
643Kb / 24P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
logo
GSI Technology
GS8321ZV18 GSI-GS8321ZV18 Datasheet
800Kb / 31P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8321Z36AGD-250IV GSI-GS8321Z36AGD-250IV Datasheet
305Kb / 32P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
logo
Cypress Semiconductor
CY7C1218F CYPRESS-CY7C1218F Datasheet
334Kb / 16P
   1-Mb (32K x36) Pipelined Sync SRAM
logo
GSI Technology
GS8322Z18 GSI-GS8322Z18 Datasheet
763Kb / 38P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8322Z18B-V GSI-GS8322Z18B-V Datasheet
1Mb / 39P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
GS8321Z18 GSI-GS8321Z18 Datasheet
1Mb / 34P
   36Mb Pipelined and Flow Through Synchronous NBT SRAM
logo
Cypress Semiconductor
CY7C1218H CYPRESS-CY7C1218H Datasheet
387Kb / 16P
   1-Mbit (32K x36) Pipelined Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com