Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS5SP1M18DQ Datasheet(PDF) 5 Page - Austin Semiconductor

Part # AS5SP1M18DQ
Description  Plastic Encapsulated Microcircuit 18Mb, 1M x 18, Synchronous SRAM Pipeline Burst, Single Cycle Deselect
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS5SP1M18DQ Datasheet(HTML) 5 Page - Austin Semiconductor

  AS5SP1M18DQ Datasheet HTML 1Page - Austin Semiconductor AS5SP1M18DQ Datasheet HTML 2Page - Austin Semiconductor AS5SP1M18DQ Datasheet HTML 3Page - Austin Semiconductor AS5SP1M18DQ Datasheet HTML 4Page - Austin Semiconductor AS5SP1M18DQ Datasheet HTML 5Page - Austin Semiconductor AS5SP1M18DQ Datasheet HTML 6Page - Austin Semiconductor AS5SP1M18DQ Datasheet HTML 7Page - Austin Semiconductor AS5SP1M18DQ Datasheet HTML 8Page - Austin Semiconductor AS5SP1M18DQ Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AS5SP1M18DQ
Austin Semiconductor, Inc. reserves the right to change products or modify product specifications with appropriate notification
Revision 1.0 04/04/04
For Additional Products and Information visit out Web site at
www.austinsemiconductor.com
5
COTS PEM
AS5SP1M18DQ
Austin Semiconductor, Inc.
SSRAM
DC Electrical Characteristics (VDD=3.3v -5%/+10%,
TA= Min. and Max temperatures of Screening level chosen)
Thermal Resistance
Notes:
[1]
All Voltages referenced to VSS (Logic Ground)
[2]
Overshoot: VIH < +4.6V for t<tKC/2 for I<20mA
Undershoot: VIL >-0.7V for t<tKC/2 for I<20mA
Power-up: VIH <+3.6V and VDD<3.135V for t<200ms
[3]
MODE and ZZ pins have internal pull-up resistors, and input leakage +/> +10uA
[4]
The load used for VOH, VOL testing is shown in Figure-2 for 3.3v and 2.5V supplies.
AC load current is higher than stated values, AC I/O curves can be made available upon request
[5]
VDDQ should never exceed VDD, VDD and VDDQ can be connected together
[6]
This parameter is sampled
Symbol
Parameter
Test Conditions
Min
Max
Units
Notes
VDD
Power Supply Voltage
3.135
3.630
V
1
VDDQ
I/O Supply Voltage
2.375
VDD
V
1,5
VoH
Output High Voltage
VDD=Min., IOH=-4mA
3.3v
2.4
V
1,4
VDD=Min., IOH=-1mA
2.5v
2
V
1,4
VoL
Output Low Voltage
VDD=Min., IOL=8mA
3.3v
0.4
V
1,4
VDD=Min., IOL=1mA
2.5v
0.4
V
1,4
VIH
Input High Voltage
3.3v
2
VDD+0.3
V
1,2
2.5v
1.7
VDD+0.3
V
1,2
VIL
Input Low Voltage
3.3v
-0.3
0.8
V
1,2
2.5v
-0.3
0.7
V
1,2
IIL
Input Leakage (except ZZ)
VDD=Max., VIN=VSS to VDD
-5
5
uA
3
IZZL
Input Leakage, ZZ pin
-30
30
uA
3
IOL
Output Leakage
Output Disabled, VOUT=VSSQ to VDDQ
-5
5
uA
IDD
Operating Current
VDD=Max., f=Max.,
5.0ns Cycle, 200 Mhz
400
mA
IOH=0mA
6.0ns Cycle, 166 Mhz
350
mA
7.5ns Cycle, 133 Mhz
300
mA
ISB1
Automatic CE. Power-down
Max. VDD, Device De-Selected,
Current -TTL inputs
VIN>/=VIH or VIN</=VIL
5.0ns Cycle, 200 Mhz
100
mA
f=fMAX=1/tCYC
6.0ns Cycle, 166 Mhz
90
mA
7.5ns Cycle, 133 Mhz
85
mA
ISB2
Automatic CE. Power-down
Max. VDD, Device De-Selected, VIN</=0.3v or VIN>/=VDDQ-0.3v
70
mA
Current - CMOS Inputs
f=fMAX=1/tCYC
ISB4
Automatic CE. Power-down
Max. VDD, Device De-Selected, VIN>/=VIH or VIN </= VIL, f=0
80
mA
Current -TTL inputs
ISB3
Automatic CE. Power-down
Max. VDD, Device De-Selected, or
Current - CMOS Inputs
VIN</=0.3v or VIN >/=VDDQ-0.3v,
5.0ns Cycle, 200 Mhz
95
mA
f-Max=1/tCYC
6.0ns Cycle, 166 Mhz
85
mA
7.5ns Cycle, 133 Mhz
80
mA
Symbol
Description
Conditions
Typical
Units
Notes
Thermal Resistance
θθθθJA
(Junction to Ambient)
1-Layer
31
0C/W
6
Test Conditions follow standard test methods and
Thermal Resistance
procedures for measuring thermal impedance, as
θθθθJC
(Junction to Top of Case, Top) per EIA/JESD51
6
0C/W
6


Similar Part No. - AS5SP1M18DQ

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5SP1M36DQ AUSTIN-AS5SP1M36DQ Datasheet
392Kb / 22P
   36Mb Pipelined Sync SRAM
AS5SP1M36DQ-167/ET AUSTIN-AS5SP1M36DQ-167/ET Datasheet
392Kb / 22P
   36Mb Pipelined Sync SRAM
AS5SP1M36DQ-167/IT AUSTIN-AS5SP1M36DQ-167/IT Datasheet
392Kb / 22P
   36Mb Pipelined Sync SRAM
AS5SP1M36DQ-167/XT AUSTIN-AS5SP1M36DQ-167/XT Datasheet
392Kb / 22P
   36Mb Pipelined Sync SRAM
AS5SP1M36DQ-200/ET AUSTIN-AS5SP1M36DQ-200/ET Datasheet
392Kb / 22P
   36Mb Pipelined Sync SRAM
More results

Similar Description - AS5SP1M18DQ

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS5SP512K36DQ AUSTIN-AS5SP512K36DQ Datasheet
294Kb / 11P
   Plastic Encapsulated Microcircuit 18Mb, 512K x 36, Synchronous SRAM Pipeline Burst, Single Cycle Deselect
AS5SP512K18DQ AUSTIN-AS5SP512K18DQ Datasheet
281Kb / 10P
   Plastic Encapsulated Microcircuit 9Mb, 512K x 18, Synchronous SRAM Pipeline Burst, Single Cycle Deselect
AS5SP128K36DQ AUSTIN-AS5SP128K36DQ Datasheet
281Kb / 10P
   Plastic Encapsulated Microcircuit 4.5Mb, 128K x 36, Synchronous SRAM Pipeline Burst, Single Cycle Deselect
AS5SP128K32DQ AUSTIN-AS5SP128K32DQ Datasheet
362Kb / 10P
   Plastic Encapsulated Microcircuit 4.0Mb, 128K x 32, Synchronous SRAM Pipeline Burst, Single Cycle Deselect
AS5SP256K36DQ AUSTIN-AS5SP256K36DQ Datasheet
370Kb / 11P
   Plastic Encapsulated Microcircuit 9.0Mb, 256K x 36, Synchronous SRAM Pipeline Burst, Single Cycle Deselect
logo
Alliance Semiconductor ...
AS7C33512PFD18A ALSC-AS7C33512PFD18A Datasheet
515Kb / 20P
   3.3V 512K x 18 pipeline burst synchronous SRAM
logo
Integrated Device Techn...
IDT71V432 IDT-IDT71V432 Datasheet
267Kb / 18P
   32K x 32 CacheRAM 3.3V Synchronous SRAM Burst Counter Single Cycle Deselect
logo
Alliance Semiconductor ...
AS7C33256PFS18B ALSC-AS7C33256PFS18B Datasheet
536Kb / 19P
   3.3V 256K X 18 pipeline burst synchronous SRAM
AS7C33128PFD18B ALSC-AS7C33128PFD18B Datasheet
538Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
AS7C33128PFS18B ALSC-AS7C33128PFS18B Datasheet
537Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com