Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6021 Datasheet(PDF) 1 Page - Micronetics, Inc.

Part # 6021
Description  SINGLE POLE, DOUBLE THROW CONNECTORIZED SWITCHES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

6021 Datasheet(HTML) 1 Page - Micronetics, Inc.

  6021 Datasheet HTML 1Page - Micronetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SINGLE POLE, DOUBLE THROW
CONNECTORIZED SWITCHES
10
DESCRIPTION
High performance wideband
switches that feature fast
switching speed and/or high
power handling and low dis-
tortion. Hermetic,
military/industrial design.
ADDITIONAL FEATURES (#6022)
s Two-tone intermodulation
distortion
s 2nd order:
+100 dBm
s 3rd order:
+65 dBm
CONNECTORS
SMA
OPERATING ENVIRONMENT
s OperatingTemperature:
-55 to +125°C
s Storage Temperature:
-65 to +150°C
s Impedance:
50 ohm
s Control:
Transistor-TransistorLogic
(TTL)
APPLICATIONS
s Radar blanking
s Electronic Intelligence
(ELINT)
PART #
TYPE
FREQ
LOSS
ISO
VSWR
SWITCH
RF
DC
RANGE
dB
dB
SPEED
POWER
SUPPLY
GHZ
ns
dBm
Volts
6017
SP2T N
.01-1
1.2
55
2.0:1
25
25
+5
6020
SP2T N
.75-4
0.8
90
1.7:1
35
30
+5,-15
6021
SP2T N
1-18
3.5
60
2.0:1
35
30
+5,-15
6022
SP2T R
.03-1
0.6
40
1.8:1
1000
43
+5,-28
ELECTRICAL CHARACTERISTICS
MICRONETICS / 26 HAMPSHIRE DRIVE / HUDSON, NH 03051 / TEL: 603-883-2900 / FAX: 603-882-8987 / CUSTOMER HOTLINE: 1-800-963-3382 / WEB: WWW.MICRONETICS.COM
PACKAGE OUTLINE


Similar Part No. - 6021

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6021 ETC2-6021 Datasheet
373Kb / 1P
   PLUGS AND JACKS
logo
Heyco.
6021 HEYCO-6021 Datasheet
318Kb / 2P
   Heavy Duty Male Blades for Range and Dryer
logo
Toshiba Semiconductor
6021-000154 TOSHIBA-6021-000154 Datasheet
5Mb / 70P
   COLOUR TELEVISION
logo
List of Unclassifed Man...
60210 ETC2-60210 Datasheet
191Kb / 1P
   Wiha Quality Tools Wiha 3/8 Sockets & Sets
60210 ETC2-60210 Datasheet
298Kb / 9P
   60132 Circuit Breaker
More results

Similar Description - 6021

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
6029 MICRONETICS-6029 Datasheet
45Kb / 1P
   SINGLE POLE, DOUBLE THROW CONNECTORIZED PLUG-IN SWITCHES
6034 MICRONETICS-6034 Datasheet
40Kb / 1P
   SINGLE POLE, SINGLE THROW CONNECTORIZED SWITCHES
6055 MICRONETICS-6055 Datasheet
39Kb / 1P
   SINGLE POLE, THREE THROW CONNECTORIZED SWITCHES
6069 MICRONETICS-6069 Datasheet
38Kb / 1P
   SINGLE POLE, SIX THROW CONNECTORIZED SWITCHES
6073 MICRONETICS-6073 Datasheet
38Kb / 1P
   SINGLE POLE, TEN THROW CONNECTORIZED SWITCHES
6048 MICRONETICS-6048 Datasheet
40Kb / 1P
   SINGLE POLE, DOUBLE THROW CONNECTORIZED SWITCHES WITH DIGITAL CONNECTORS
6023 MICRONETICS-6023 Datasheet
43Kb / 1P
   SINGLE POLE, SINGLE THROW CONNECTORIZED SWITCHES WITH DIGITAL CONNECTORS
6063 MICRONETICS-6063 Datasheet
37Kb / 1P
   SINGLE POLE, FIVE THROW COMMERCIAL CONNECTORIZED PLUG-IN SWITCHES
6058 MICRONETICS-6058 Datasheet
41Kb / 1P
   SINGLE POLE, FOUR THROW CONNECTORIZED SWITCHES WITH DIGITAL CONNECTOR
6071 MICRONETICS-6071 Datasheet
36Kb / 1P
   SINGLE POLE, EIGHT THROW COMMERCIAL CONNECTORIZED PLUG-IN SWITCHES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com