Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

660-022M14S5 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 660-022M14S5
Description  Protective Covers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

660-022M14S5 Datasheet(HTML) 1 Page - Glenair, Inc.

  660-022M14S5 Datasheet HTML 1Page - Glenair, Inc. 660-022M14S5 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 66 and 78 - Page 18
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
660-021 (Plug) - 660-022 (Receptacle)
Protective Covers
MIL-C-83723 Series III Threaded
Shell
Size
08
10
12
14
16
18
20
22
24
Metric dimensions (mm)
are indicated in paren-
theses.
See inside back
cover fold-out or
page 14 for Table II.
MIL-C-83723
Series III
Threaded
F Dia
Max
.776 (19.7)
.906 (23.0)
1.078 (27.4)
1.141 (29.0)
1.266 (32.2)
1.375 (34.9)
1.510 (38.4)
1.625 (41.3)
1.760 (44.7)
E Thread
Class 2A/2B
9/16 - 24 UNEF
11/16 - 24 UNEF
7/8 - 20 UNEF
15/16 - 20 UNEF
1 1/16 - 18 UNEF
1 3/16 - 18 UNEF
1 5/16 - 18 UNEF
1 7/16 - 18 UNEF
1 9/16 - 18 UNEF
TABLE X: SHELL SIZE DIMENSIONS
Basic Part No.
660-021 Plug
660-022 Receptacle
Finish (Table II)
Shell Size (Table X)
660-021 M 14 S 5 -04
Ring or Eyelet Dash No.
(Tables IV, V, VI, VII)
Attachment Length (in inches)
Attachment Type (Table III)
Att. Type
(Table III)
Gasket
Gasket
Length
F
.047 (1.2) Max
Att. Type
(Table III)
F
.047 (1.2)
Max
660-022 Receptacle Cover
660-021 Plug Cover
Length
.757
(19.2)
.618 (15.7)
Max
E Thread
E Thread


Similar Part No. - 660-022M14S5

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
660-020M16S GLENAIR-660-020M16S Datasheet
62Kb / 2P
   Protective Covers
660-023 GLENAIR-660-023 Datasheet
281Kb / 2P
   Protective Covers
660-023M15S GLENAIR-660-023M15S Datasheet
146Kb / 2P
   Metal Protective Covers
More results

Similar Description - 660-022M14S5

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
660-006G16S5 GLENAIR-660-006G16S5 Datasheet
56Kb / 2P
   Protective Covers
660-008M20S6 GLENAIR-660-008M20S6 Datasheet
61Kb / 2P
   Protective Covers
660-014G16S5 GLENAIR-660-014G16S5 Datasheet
61Kb / 2P
   Protective Covers
660-047XO23 GLENAIR-660-047XO23 Datasheet
76Kb / 1P
   Protective Covers
660-014G16S5 GLENAIR-660-014G16S5 Datasheet
415Kb / 2P
   Protective Covers
660-049XO21R6 GLENAIR-660-049XO21R6 Datasheet
257Kb / 1P
   Protective Covers
M81511-16-08 GLENAIR-M81511-16-08 Datasheet
72Kb / 1P
   Protective Covers
M83723-59-208AC GLENAIR-M83723-59-208AC Datasheet
75Kb / 1P
   Protective Covers
290-009H10 GLENAIR-290-009H10 Datasheet
34Kb / 1P
   Protective Covers
logo
Crydom Inc.,
KS101 CRYDOM-KS101 Datasheet
632Kb / 5P
   PROTECTIVE COVERS
logo
Glenair, Inc.
M28840-13HAW GLENAIR-M28840-13HAW Datasheet
79Kb / 1P
   Protective Covers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com