Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS4SD16M72PBG Datasheet(PDF) 1 Page - Austin Semiconductor

Part # AS4SD16M72PBG
Description  16M x 72, SDR SDRAM MCP
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4SD16M72PBG Datasheet(HTML) 1 Page - Austin Semiconductor

  AS4SD16M72PBG Datasheet HTML 1Page - Austin Semiconductor AS4SD16M72PBG Datasheet HTML 2Page - Austin Semiconductor AS4SD16M72PBG Datasheet HTML 3Page - Austin Semiconductor AS4SD16M72PBG Datasheet HTML 4Page - Austin Semiconductor AS4SD16M72PBG Datasheet HTML 5Page - Austin Semiconductor AS4SD16M72PBG Datasheet HTML 6Page - Austin Semiconductor AS4SD16M72PBG Datasheet HTML 7Page - Austin Semiconductor AS4SD16M72PBG Datasheet HTML 8Page - Austin Semiconductor AS4SD16M72PBG Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Austin Semiconductor, Inc.
Proprietary Material
ASI Product Marketing
AS4SD16M72PBG-s/IT,ET,XT
16M x 72, SDR SDRAM MCP
25mm x 32mm, 219 PBGA
1.27mm Pitch
Revision 0.3 (May 31,06) -for new lower ICC limits
Product
Development / ADVANCE Information
Product and Produ
Product Information is subject to change or be canceled without notice!


Similar Part No. - AS4SD16M72PBG

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS4SD16M16 AUSTIN-AS4SD16M16 Datasheet
1Mb / 51P
   256 MB: 16 Meg x 16 SDRAM Synchronous DRAM Memory
AS4SD16M16 AUSTIN-AS4SD16M16 Datasheet
2Mb / 52P
   256 MB: 16 Meg x 16 SDRAM Synchronous DRAM Memory
logo
Micross Components
AS4SD16M16 MICROSS-AS4SD16M16 Datasheet
6Mb / 52P
   LVTTL- compatible inputs and outputs
logo
Austin Semiconductor
AS4SD16M16DG-75 AUSTIN-AS4SD16M16DG-75 Datasheet
1Mb / 51P
   256 MB: 16 Meg x 16 SDRAM Synchronous DRAM Memory
AS4SD16M16DG-75/IT AUSTIN-AS4SD16M16DG-75/IT Datasheet
1Mb / 51P
   256 MB: 16 Meg x 16 SDRAM Synchronous DRAM Memory
More results

Similar Description - AS4SD16M72PBG

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC64M4A2 MICRON-MT48LC64M4A2_12 Datasheet
3Mb / 86P
   SDR SDRAM
MT48LC4M16A2B4-75 MICRON-MT48LC4M16A2B4-75 Datasheet
3Mb / 83P
   SDR SDRAM
MT48LC4M16A2B4-6AITJ MICRON-MT48LC4M16A2B4-6AITJ Datasheet
3Mb / 83P
   SDR SDRAM
MT48LC4M32B2P-6G MICRON-MT48LC4M32B2P-6G Datasheet
3Mb / 79P
   SDR SDRAM
logo
Siemens Semiconductor G...
HYS6472V16200GU SIEMENS-HYS6472V16200GU Datasheet
84Kb / 17P
   3.3 V 16M x 64/72-Bit SDRAM Modules 3.3 V 32M x 64/72-Bit SDRAM Modules 3.3 V 64M x 64/72-Bit SDRAM Modules
logo
Mosel Vitelic, Corp
V437316S04V MOSEL-V437316S04V Datasheet
338Kb / 12P
   3.3 VOLT 16M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
V437216S04VCTG-75 MOSEL-V437216S04VCTG-75 Datasheet
248Kb / 12P
   3.3 VOLT 16M x 72 HIGH PERFORMANCE PC133 UNBUFFERED ECC SDRAM MODULE
V437216S04VCTG-10PC MOSEL-V437216S04VCTG-10PC Datasheet
67Kb / 11P
   3.3 VOLT 16M x 72 HIGH PERFORMANCE PC100 UNBUFFERED ECC SDRAM MODULE
V827316K04S MOSEL-V827316K04S Datasheet
271Kb / 13P
   2.5 VOLT 16M x 72 HIGH PERFORMANCE UNBUFFERED ECC DDR SDRAM MODULE
logo
Micron Technology
MT48LC2M32B2TG-7ITG MICRON-MT48LC2M32B2TG-7ITG Datasheet
3Mb / 80P
   SDR SDRAM MT48LC2M32B2 ??512K x 32 x 4 Banks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com