Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS4SD2M32DGX-7IT Datasheet(PDF) 4 Page - Austin Semiconductor

Part # AS4SD2M32DGX-7IT
Description  512K x 32 x 4 Banks (64-Mb) Synchronous SDRAM
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4SD2M32DGX-7IT Datasheet(HTML) 4 Page - Austin Semiconductor

  AS4SD2M32DGX-7IT Datasheet HTML 1Page - Austin Semiconductor AS4SD2M32DGX-7IT Datasheet HTML 2Page - Austin Semiconductor AS4SD2M32DGX-7IT Datasheet HTML 3Page - Austin Semiconductor AS4SD2M32DGX-7IT Datasheet HTML 4Page - Austin Semiconductor AS4SD2M32DGX-7IT Datasheet HTML 5Page - Austin Semiconductor AS4SD2M32DGX-7IT Datasheet HTML 6Page - Austin Semiconductor AS4SD2M32DGX-7IT Datasheet HTML 7Page - Austin Semiconductor AS4SD2M32DGX-7IT Datasheet HTML 8Page - Austin Semiconductor AS4SD2M32DGX-7IT Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
SDRAM
SDRAM
SDRAM
SDRAM
SDRAM
AS4SD2M32
AS4SD2M32
Rev. 1.0 1/08
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
4
Austin Semiconductor, Inc.
FUNCTIONAL DESCRIPTION
In general, the 64Mb SDRAMs are quad-bank DRAMs
that operate at 3.3V and include a synchronous interface (all
signals are registered on the positive edge of the clock signal,
CLK). Each of the 16,777,216-bit banks is organized as 2,048
rows by 256 columns by 32 bits.
Read and write accesses to the SDRAM are burst oriented;
accesses start at a selected location and continue for a
programmed number of locations in a programmed sequence.
Accesses begin with the registration of an ACTIVE command,
which is then followed by a READ or WRITE command. The
address bits registered coincident with the ACTIVE command
are used to select the bank and row to be accessed (BA0 and
BA1 select the bank, A0 - A10 select the row). The address bits
(A0 - A7) registered coincident with the READ or WRITE
command are used to select the starting column location for the
burst access.
Prior to normal operation, the SDRAM must be initialized.
The following sections provide detailed information covering
device initialization, register definition, command descriptions
and device operation.
Initialization
SDRAMs must be powered up and initialized in a predefined
manner. Operational procedures other than those specified
may result in undefined operation. Once power is applied to
VDD and VDDQ (simultaneously) and the clock is stable (stable
clock is defined as a signal cycling within timing constraints
specified for the clock pin), the SDRAM requires a 100μs delay
prior to issuing any command other than a COMMAND
INHIBIT or NOP. Starting at some point during this 100μs
period and continuing at least through the end of this period,
COMMAND INHIBIT or NOP commands should be applied.
Once the 100μs delay has been satisfied with at least one
COMMAND INHIBIT or NOP command having been applied,
a PRECHARGE command should be applied. All banks must
then be precharged, thereby placing the device in the all banks
idle state.
Once in the idle state, two AUTO REFRESH cycles must
be preformed. After the AUTO REFRESH cycles are complete,
the SDRAM is ready for mode register programming. Because
the mode register will power up in an unknown state, it should
be loaded prior to applying any operational command.
Register Definition
MODEREGISTER
The mode register is used to define the specific mode of
operation of the SDRAM. This definition includes the
selection of a burst length, a burst type, a CAS latency, an
operating mode and a write burst mode, as shown in Figure 1.
The mode register is programmed via the LOAD MODE
REGISTER command and will retain the stored information until
it is programmed again or the device loses power.
Mode register bits M0 - M2 specify the burst length, M3
specifies the type of burst (sequential or interleaved), M4 - M6
specify the CAS latency, M7 and M8 specify the operating
mode, M9 specifies the write burst mode, and M10, M11 and
M12 are reserved for future use.
The mode register must be loaded when all banks are idle,
and the controller must wait the specified time before initiating
the subsequent operation. Violating either of these require-
ments will result in unspecified operation.
Burst Length
Read and write accesses to the SDRAM are burst oriented,
with the burst length being programmable, as shown in Figure
1. The burst length determines the maximum number of column
locations that can be accessed for a given READ or WRITE
command. Burst lengths of 1, 2, 4, or 8 locations are available
for both the sequential and the interleaved burst types, and a
full-page burst is available for the sequential types. The full-
page burst is used in conjunction with the BURST TERMI-
NATE command to generate arbitrary burst lengths.
Reserved states should not be used as unknown opera-
tion or incompatibility with future versions may result.
When a READ or WRITE command is issued, a block of
columns equal to the burst length is effectively selected. All
accesses for that burst take place within this block, meaning
that the burst will wrap within the block if a boundary is reached.
The clock is uniquely selected by A1-A8 when the burst length
is set to two; by A2-A7 when the burst length is set to four, and
by A3-A7 when the burst length is set to eight. The remaining
(least significant) address bit(s) is (are) used to select the start-
ing location within the block. Full-page bursts wrap within the
page if the boundary is reached.
Burst Type
Accesses within a given burst may be programmed to be
either sequential or interleaved; this is referred to as the burst
type and is selected via bit M3.
The ordering of accesses within a burst is determined by
the burst length, the burst type and the starting column ad-
dress, shown in table 1.


Similar Part No. - AS4SD2M32DGX-7IT

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS4SD16M16 AUSTIN-AS4SD16M16 Datasheet
1Mb / 51P
   256 MB: 16 Meg x 16 SDRAM Synchronous DRAM Memory
AS4SD16M16 AUSTIN-AS4SD16M16 Datasheet
2Mb / 52P
   256 MB: 16 Meg x 16 SDRAM Synchronous DRAM Memory
logo
Micross Components
AS4SD16M16 MICROSS-AS4SD16M16 Datasheet
6Mb / 52P
   LVTTL- compatible inputs and outputs
logo
Austin Semiconductor
AS4SD16M16DG-75 AUSTIN-AS4SD16M16DG-75 Datasheet
1Mb / 51P
   256 MB: 16 Meg x 16 SDRAM Synchronous DRAM Memory
AS4SD16M16DG-75/IT AUSTIN-AS4SD16M16DG-75/IT Datasheet
1Mb / 51P
   256 MB: 16 Meg x 16 SDRAM Synchronous DRAM Memory
More results

Similar Description - AS4SD2M32DGX-7IT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC42S32202L ICSI-IC42S32202L Datasheet
748Kb / 62P
   512K x 32 Bit x 4 Banks (64-MBIT) SDRAM
logo
Winbond
W986432AH WINBOND-W986432AH Datasheet
1Mb / 44P
   512K x 4 BANKS x 32 BITS SDRAM
W946432AD WINBOND-W946432AD Datasheet
462Kb / 40P
   512K X 4 BANKS X 32 BITS DDR SDRAM
logo
Samsung semiconductor
K4S643232E-TI SAMSUNG-K4S643232E-TI Datasheet
100Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232F- SAMSUNG-K4S643232F- Datasheet
99Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL3.3V
logo
Micron Technology
MT48LC2M32B2TG-7ITG MICRON-MT48LC2M32B2TG-7ITG Datasheet
3Mb / 80P
   SDR SDRAM MT48LC2M32B2 ??512K x 32 x 4 Banks
logo
Samsung semiconductor
K4S643232F SAMSUNG-K4S643232F Datasheet
101Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232C SAMSUNG-K4S643232C Datasheet
1Mb / 43P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232E SAMSUNG-K4S643232E Datasheet
102Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
KM432S2030C SAMSUNG-KM432S2030C Datasheet
1Mb / 43P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com