Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS4DDR264M72PBG Datasheet(PDF) 3 Page - Austin Semiconductor

Part # AS4DDR264M72PBG
Description  64Mx72 DDR2 SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4DDR264M72PBG Datasheet(HTML) 3 Page - Austin Semiconductor

  AS4DDR264M72PBG Datasheet HTML 1Page - Austin Semiconductor AS4DDR264M72PBG Datasheet HTML 2Page - Austin Semiconductor AS4DDR264M72PBG Datasheet HTML 3Page - Austin Semiconductor AS4DDR264M72PBG Datasheet HTML 4Page - Austin Semiconductor AS4DDR264M72PBG Datasheet HTML 5Page - Austin Semiconductor AS4DDR264M72PBG Datasheet HTML 6Page - Austin Semiconductor AS4DDR264M72PBG Datasheet HTML 7Page - Austin Semiconductor AS4DDR264M72PBG Datasheet HTML 8Page - Austin Semiconductor AS4DDR264M72PBG Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
iiiiiPEM
PEM
PEM
PEM
PEM
4.8 G
4.8 G
4.8 G
4.8 G
4.8 Gbbbbb SDRAM-DDR2
SDRAM-DDR2
SDRAM-DDR2
SDRAM-DDR2
SDRAM-DDR2
AS4DDR264M72PBG
AS4DDR264M72PBG
Rev. 1.5 11/07
Austin Semiconductor, Inc. Austin, Texas 512.339.1188 www.austinsemiconductor.com
3
Austin Semiconductor, Inc.
BGA Locations
Symbol
Type
Description
L6
ODT
CNTL Input
On-Die-Termination: Registered High enables on data bus termination
F4, F16, G5, G15, K1
CKx, CKx\
CNTL Input
Differential input clocks, one set for each x16bits
K12, L2, L13, M8, N6
G4, G16, K13, M6, K2
CKEx
CNTL Input
Clock enable which activates all on silicon clocking circuitry
G1, G13, K16, K4, M12
CSx\
CNTL Input
Chip Selects, one for each 16 bits of the data bus width
F12, G2, K15, L5, M11
RASx\
CNTL Input
Command input which along with CAS\, WE\ and CS\ define operations
F1, G12, L16, L4, M9
CASx\
CNTL Input
Command input which along with RAS\, WE\ and CS\ define operations
F2, F13, L15, M4, M10
Wex\
CNTL Input
Command input which along with RAS\, CAS\ and CS\ define operations
E4, F15, M13, M7, M2
UDMx
CNTL Input
One Data Mask cntl. for each upper 8 bits of a x16 word
E2, E13, M15, M5, N11
LDMx
CNTL Input
One Data Mask cntl. For each lower 8 bits of a x16 word
E5, E7, E11, N12, N5
UDQSx
CNTL Input
Data Strobe input for upper byte of each x16 word
F6, F8, F10, K6, L11
UDQSx\
CNTL Input
Differential input of UDQSx, only used when Differential DQS mode is enabled
E6, E10, F5, K5, L12
LDQSx
CNTL Input
Data Strobe input for lower byte of each x16 word
F7, F11, G6, L7, L10
LDQSx\
CNTL Input
Differential input of LDQSx, only used when Differential DQS mode is enabled
A7, A8, A9, A10, B7,
Ax
Input
Array Address inputs providing ROW addresses for Active commands, and
B8, B9, B10, C7, C8,
the column address and auto precharge bit (A10) for READ/WRITE commands
C9, C10, D7
D8, D9, D10
DNU
Future Input See Note 1 on Pg. 2
E8, E9m D9
BA0, BA1, BA2
Input
Bank Address inputs
A2, A3, A4, A13, A14,
DQx
Input/Output Data bidirectional input/Output pins
A15, B1, B2, B3, B4,
B13, B14, B15, B16,
C1, C2, C3, C4, C13,
C14, C15, C16, D1, D2,
D3, D4, D13, D14, D15,
D16, E1, E16, M1, M16,
N1, N2, N3, N4, N7, N8,
N9, N10, N13, N14,
N15, N16, PP1, P2, P3,
P4, P7, P8, P9, P10,
P13, P14, P15, P16,
R1, R2, R3, R4, R7, R8,
R9, R10, R13, R14,
R15, R16, T2, T3, T4,
T7, T8, T9, T10, T13,
T14, T15
E12
Vref
Supply
SSTL_18 Voltage Reference
B11, B12, C5, C6,E3,
VCC
Supply
Core Power Supply
F3, G3, H3, H12, H16,
J3, J12, J16, K3, L3,
M3, P11, P12, R5, R6,
T16
A11, A12, D5, D6, H4,
VCCQ
Supply
I/O Power
H15, J4, J15, T5, T6
A5, A6, A16, B5, B6,
VSS
Supply
Core Ground return
C11, C12, D11, D12,
E14, F14, G14, H1, H2,
H5, H13, H14, J1, J2,
J5, J13, J14, K14, L14,
M14, P5,P6, R11, R12,
T1, T11, T12
G7, G8, G9, G10, H7,
VSSQ
Supply
I/O Ground return
H8, H9, H10, J7, J8, J9,
J10, K7, K8, K9, K10
E15, F9, G11, H6, H11,
NC
No connection
J6, J11, K11, L1, L8, L9,
A1
UNPOPULATED
Unpopulated ball matrix location (location registration aid)


Similar Part No. - AS4DDR264M72PBG

ManufacturerPart #DatasheetDescription
logo
Micross Components
AS4DDR264M72PBG MICROSS-AS4DDR264M72PBG Datasheet
348Kb / 28P
   Proprietary Enchanced Die Stacked iPEM
logo
Austin Semiconductor
AS4DDR264M72PBG1 AUSTIN-AS4DDR264M72PBG1 Datasheet
381Kb / 28P
   64Mx72 DDR2 SDRAM w/ SHARED CONTROL BUS iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR264M72PBG1-3/ET AUSTIN-AS4DDR264M72PBG1-3/ET Datasheet
381Kb / 28P
   64Mx72 DDR2 SDRAM w/ SHARED CONTROL BUS iNTEGRATED Plastic Encapsulated Microcircuit
logo
Micross Components
AS4DDR264M72PBG1-3/ET MICROSS-AS4DDR264M72PBG1-3/ET Datasheet
348Kb / 28P
   Proprietary Enchanced Die Stacked iPEM
logo
Austin Semiconductor
AS4DDR264M72PBG1-3/IT AUSTIN-AS4DDR264M72PBG1-3/IT Datasheet
381Kb / 28P
   64Mx72 DDR2 SDRAM w/ SHARED CONTROL BUS iNTEGRATED Plastic Encapsulated Microcircuit
More results

Similar Description - AS4DDR264M72PBG

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS4DDR264M72PBG1 AUSTIN-AS4DDR264M72PBG1 Datasheet
381Kb / 28P
   64Mx72 DDR2 SDRAM w/ SHARED CONTROL BUS iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR232M72PBG AUSTIN-AS4DDR232M72PBG Datasheet
247Kb / 28P
   32Mx72 DDR2 SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR232M64PBG AUSTIN-AS4DDR232M64PBG Datasheet
376Kb / 28P
   32Mx64 DDR2 SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR264M65PBG1 AUSTIN-AS4DDR264M65PBG1 Datasheet
252Kb / 28P
   64Mx64 DDR2 SDRAM w/ DUAL CONTROL BUS iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR264M64PBG1 AUSTIN-AS4DDR264M64PBG1 Datasheet
253Kb / 28P
   64Mx64 DDR2 SDRAM w/ SHARED CONTROL BUS iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR32M72PBG1 AUSTIN-AS4DDR32M72PBG1 Datasheet
343Kb / 18P
   32Mx72 DDR SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR16M72PBG AUSTIN-AS4DDR16M72PBG Datasheet
369Kb / 19P
   16Mx72 DDR SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR32M72PBG AUSTIN-AS4DDR32M72PBG Datasheet
357Kb / 19P
   32Mx72 DDR SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
logo
Micross Components
AS4DDR232M64PBG MICROSS-AS4DDR232M64PBG Datasheet
305Kb / 28P
   iNTEGRATED Plastic Encapsulated Microcircuit
logo
White Electronic Design...
WV3HG64M72AER-AD6 WEDC-WV3HG64M72AER-AD6 Datasheet
161Kb / 10P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com