Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

630A022M Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 630A022M
Description  EMI/RFI Environmental Bulkhead Banding Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

630A022M Datasheet(HTML) 1 Page - Glenair, Inc.

  630A022M Datasheet HTML 1Page - Glenair, Inc. 630A022M Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 63 - Page 12
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
630 A 022 M 16 B P T
Product Series
Fitting Type
A = Rear Mount
B = Front Mount
C = Flange Mount
Basic Part No.
Finish (Table II - See inside back
cover fold-out or page 14)
Shrink Boot (Table V -
Omit for none)
Polysulfide (Omit for none)
B = Band
K = Precoiled Band
(Omit for none)
Cable Entry (Table III)
C
D
A Thread (Table III)
.125 (3.2) Max
Panel (Typ)
Type A
Rear Mount
Banding Porch
Shield
Termination
1.250
(31.8) Max
.500 (12.7) Ref.
O-Ring
.075 (1.9) Typ.
Cable Entry
.060 (1.5) Typ.
.380 (9.7) Typ.
.135 (3.4) Typ.
630-022
EMI/RFI Environmental Bulkhead Banding Adapter
with Optional Shrink Boot
Jam Nut and Panel Mount - Straight
1.250
(31.8)
Max
.125 (3.2) Max
Panel (Typ)
Type B
Front Mount
Termination Area
Free of Cadmium
Knurl or Ridges
Mfr's Option
Polysulfide Stripes
P Option
.410 (10.4) Ref.
O-Ring
B


Similar Part No. - 630A022M

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
630A005NF GLENAIR-630A005NF Datasheet
394Kb / 2P
   EMI/RFI Environmental G-Spring Bulkhead Fitting
630A006NF GLENAIR-630A006NF Datasheet
490Kb / 2P
   EMI/RFI Environmental Bulkhead Feed-Through
630A007NF GLENAIR-630A007NF Datasheet
446Kb / 2P
   EMI/RFI Environmental Bulkhead Feed-Through with Strain Relief
630A008NF GLENAIR-630A008NF Datasheet
386Kb / 2P
   EMI/RFI Environmental Bulkhead Feed-Through with Strain Relief
630A030XM GLENAIR-630A030XM Datasheet
327Kb / 2P
   Composite Thru-Box, Panel and Bulkhead
More results

Similar Description - 630A022M

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
630-030 GLENAIR-630-030 Datasheet
327Kb / 2P
   RFI/EMI/Environmental Banding Adapter
440AH075NF08 GLENAIR-440AH075NF08_08 Datasheet
507Kb / 2P
   EMI/RFI Banding Adapter
630AH023 GLENAIR-630AH023 Datasheet
434Kb / 2P
   EMI/RFI Environmental Bulkhead Feed-Through
319-183 GLENAIR-319-183 Datasheet
404Kb / 2P
   EMI/RFI Environmental Piggyback Boot Adapter
630AH003 GLENAIR-630AH003 Datasheet
460Kb / 2P
   EMI/RFI Environmental Bulkhead Feed-Through
630A006NF GLENAIR-630A006NF Datasheet
490Kb / 2P
   EMI/RFI Environmental Bulkhead Feed-Through
440AC030M08 GLENAIR-440AC030M08 Datasheet
68Kb / 2P
   EMI/RFI Banding and Shrink Boot Adapter
317-102 GLENAIR-317-102 Datasheet
306Kb / 2P
   EMI/RFI Environmental Piggyback Boot Adapter
440AH069M08 GLENAIR-440AH069M08_08 Datasheet
262Kb / 2P
   EMI/RFI Banding and Shrink Boot Adapter
440AC069M08 GLENAIR-440AC069M08 Datasheet
70Kb / 2P
   EMI/RFI Banding and Shrink Boot Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com