Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS4DDR264M65PBG1 Datasheet(PDF) 7 Page - Austin Semiconductor

Part # AS4DDR264M65PBG1
Description  64Mx64 DDR2 SDRAM w/ DUAL CONTROL BUS iNTEGRATED Plastic Encapsulated Microcircuit
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4DDR264M65PBG1 Datasheet(HTML) 7 Page - Austin Semiconductor

Back Button AS4DDR264M65PBG1 Datasheet HTML 3Page - Austin Semiconductor AS4DDR264M65PBG1 Datasheet HTML 4Page - Austin Semiconductor AS4DDR264M65PBG1 Datasheet HTML 5Page - Austin Semiconductor AS4DDR264M65PBG1 Datasheet HTML 6Page - Austin Semiconductor AS4DDR264M65PBG1 Datasheet HTML 7Page - Austin Semiconductor AS4DDR264M65PBG1 Datasheet HTML 8Page - Austin Semiconductor AS4DDR264M65PBG1 Datasheet HTML 9Page - Austin Semiconductor AS4DDR264M65PBG1 Datasheet HTML 10Page - Austin Semiconductor AS4DDR264M65PBG1 Datasheet HTML 11Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
iiiiiPEM
PEM
PEM
PEM
PEM
4.2 G
4.2 G
4.2 G
4.2 G
4.2 Gbbbbb SDRAM-DDR2
SDRAM-DDR2
SDRAM-DDR2
SDRAM-DDR2
SDRAM-DDR2
AS4DDR264M65PBG1
AS4DDR264M65PBG1
Rev. 0.5 06/08
Austin Semiconductor, Inc. Austin, Texas 512.339.1188 www.austinsemiconductor.com
7
Austin Semiconductor, Inc.
MODE REGISTER (MR)
The mode register is used to define the specific mode of
operation of the DDR2 SDRAM. This definition includes the
selection of a burst length, burst type, CL, operating mode,
DLL RESET, write recovery, and power-down mode, as
shown in Figure 5. Contents of the mode register can be
altered by re-executing the LOAD MODE (LM) command. If
the user chooses to modify only a subset of the MR variables,
all variables (M0–M14) must be programmed when the
command is issued.
The mode register is programmed via the LM command
(bits BA2–BA0 = 0, 0,0) and other bits (M13–M0) will retain
the stored information until it is programmed again or the
device loses power (except for bit M8, which is selfclearing).
Reprogramming the mode register will not alter the contents
of the memory array, provided it is performed correctly.
The LM command can only be issued (or reissued) when all
banks are in the precharged state (idle state) and no bursts
are in progress. The controller must wait the specified time
t
MRD before initiating any subsequent operations such as
an ACTIVE command. Violating either of these requirements
will result in unspecified operation.
BURST LENGTH
Burst length is defined by bits M0–M3, as shown in Figure
5. Read and write accesses to the DDR2 SDRAM are burst-
oriented, with the burst length being programmable to either
four or eight. The burst length determines the maximum
number of column locations that can be accessed for a given
READ or WRITE command.
When a READ or WRITE command is issued, a block of
columns equal to the burst length is effectively selected. All
accesses for that burst take place within this block, meaning
that the burst will wrap within the block if a boundary is
reached. The block is uniquely selected by A2–Ai when BL =
4 and by A3–Ai when BL = 8 (where Ai is the most significant
column address bit for a given configuration). The remaining
(least significant) address bit(s) is (are) used to select the
starting location within the block. The programmed burst
length applies to both READ and WRITE bursts.
FIGURE 5 – MODE REGISTER (MR) DEFINITION
BURST TYPE
Accesses within a given burst may be programmed to be
either sequential or interleaved. The burst type is selected
via bit M3, as shown in Figure 5. The ordering of accesses
within a burst is determined by the burst length, the burst
type, and the starting column address, as shown in Table
2. DDR2 SDRAM supports 4-bit burst mode and 8-bit burst
mode only. For 8-bit burst mode, full interleave address
ordering is supported; however, sequential address ordering
is nibble-based.
Burst Length
CAS#
BT
PD
A9
A7 A6 A5 A4 A3
A8
A2 A1 A0
Mode Register (Mx)
Address Bus
9
7
6
5
4
3
8
2
1
0
A10
A12 A11
BA0
BA1
10
11
12
n
0
0
14
Burst Length
Reserved
Reserved
4
8
Reserved
Reserved
Reserved
Reserved
M0
0
1
0
1
0
1
0
1
M1
0
0
1
1
0
0
1
1
M2
0
0
0
0
1
1
1
1
0
1
Burst Type
Sequential
Interleaved
M3
CAS Latency (CL)
Reserved
Reserved
Reserved
3
4
5
6
7
M4
0
1
0
1
0
1
0
1
M5
0
0
1
1
0
0
1
1
M6
0
0
0
0
1
1
1
1
0
1
Mode
Normal
Test
M7
15
DLL TM
0
1
DLL Reset
No
Yes
M8
Write Recovery
Reserved
2
3
4
5
6
7
8
M9
0
1
0
1
0
1
0
1
M10
0
0
1
1
0
0
1
1
M11
0
0
0
0
1
1
1
1
WR
An
2
MR
M16
0
1
0
1
Mode Register Definition
Mode register (MR)
Extended mode register (EMR)
Extended mode register (EMR2)
Extended mode register (EMR3)
M15
0
0
1
1
M12
0
1
PD Mode
Fast exit
(normal)
Slow exit
(low power)
Latency
16
BA2
1
Notes:
1.A13 Not used on this part, and must be programmed to ‘0’ on
this part.
2.BA2 must be programmed to “0” and is reserved for future use.
1
2
1


Similar Part No. - AS4DDR264M65PBG1

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS4DDR264M64PBG1 AUSTIN-AS4DDR264M64PBG1 Datasheet
253Kb / 28P
   64Mx64 DDR2 SDRAM w/ SHARED CONTROL BUS iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR264M64PBG1-3/ET AUSTIN-AS4DDR264M64PBG1-3/ET Datasheet
253Kb / 28P
   64Mx64 DDR2 SDRAM w/ SHARED CONTROL BUS iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR264M64PBG1-3/IT AUSTIN-AS4DDR264M64PBG1-3/IT Datasheet
253Kb / 28P
   64Mx64 DDR2 SDRAM w/ SHARED CONTROL BUS iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR264M64PBG1-3/XT AUSTIN-AS4DDR264M64PBG1-3/XT Datasheet
253Kb / 28P
   64Mx64 DDR2 SDRAM w/ SHARED CONTROL BUS iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR264M64PBG1-38/ET AUSTIN-AS4DDR264M64PBG1-38/ET Datasheet
253Kb / 28P
   64Mx64 DDR2 SDRAM w/ SHARED CONTROL BUS iNTEGRATED Plastic Encapsulated Microcircuit
More results

Similar Description - AS4DDR264M65PBG1

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS4DDR264M64PBG1 AUSTIN-AS4DDR264M64PBG1 Datasheet
253Kb / 28P
   64Mx64 DDR2 SDRAM w/ SHARED CONTROL BUS iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR264M72PBG1 AUSTIN-AS4DDR264M72PBG1 Datasheet
381Kb / 28P
   64Mx72 DDR2 SDRAM w/ SHARED CONTROL BUS iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR232M72PBG AUSTIN-AS4DDR232M72PBG Datasheet
247Kb / 28P
   32Mx72 DDR2 SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR232M64PBG AUSTIN-AS4DDR232M64PBG Datasheet
376Kb / 28P
   32Mx64 DDR2 SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR264M72PBG AUSTIN-AS4DDR264M72PBG Datasheet
267Kb / 28P
   64Mx72 DDR2 SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR32M72PBG1 AUSTIN-AS4DDR32M72PBG1 Datasheet
343Kb / 18P
   32Mx72 DDR SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR16M72PBG AUSTIN-AS4DDR16M72PBG Datasheet
369Kb / 19P
   16Mx72 DDR SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR32M72PBG AUSTIN-AS4DDR32M72PBG Datasheet
357Kb / 19P
   32Mx72 DDR SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
logo
Micross Components
AS4DDR232M64PBG MICROSS-AS4DDR232M64PBG Datasheet
305Kb / 28P
   iNTEGRATED Plastic Encapsulated Microcircuit
logo
White Electronic Design...
WV3HG64M64EEU-D6 WEDC-WV3HG64M64EEU-D6 Datasheet
185Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com