Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS3SSD16GB5PBG Datasheet(PDF) 5 Page - Austin Semiconductor

Part # AS3SSD16GB5PBG
Description  Solid State Disk On Chip (SSDoC)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS3SSD16GB5PBG Datasheet(HTML) 5 Page - Austin Semiconductor

  AS3SSD16GB5PBG Datasheet HTML 1Page - Austin Semiconductor AS3SSD16GB5PBG Datasheet HTML 2Page - Austin Semiconductor AS3SSD16GB5PBG Datasheet HTML 3Page - Austin Semiconductor AS3SSD16GB5PBG Datasheet HTML 4Page - Austin Semiconductor AS3SSD16GB5PBG Datasheet HTML 5Page - Austin Semiconductor AS3SSD16GB5PBG Datasheet HTML 6Page - Austin Semiconductor AS3SSD16GB5PBG Datasheet HTML 7Page - Austin Semiconductor AS3SSD16GB5PBG Datasheet HTML 8Page - Austin Semiconductor AS3SSD16GB5PBG Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
AUSTIN SEMICONDUCTOR, INC.
SOLID ST
SOLID ST
SOLID ST
SOLID ST
SOLID STA
A
A
A
ATE DISK
TE DISK
TE DISK
TE DISK
TE DISK
AS3SSD4GB8PBG
AS3SSD8GB8PBG
AS3SSD16GB5PBG
AS3SSD4GB8PBG, AS3SSD8GB8PBG, AS3SSD16GB5PBG
Rev. 1.3 07/09
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
5
Austin Semiconductor, Inc.
PRELIMINARY
OPERATING CONDITIONS (continued)
Recommended Operating Conditions
Operating Temperature and Voltages
Parameter
Symbol
Max.
Typ
Min.
Unit
Industrial: 0
oC to +70oC
T0
0-
70
oC
Commercial: -40
oC to +85oC
T0
0-
70
oC
Tcc_P
4.5
5
5.5
V
Tcc_P
3.0
3.3
3.6
V
Ground supply voltage
GndPLN
0
0
0
V
Vcc supply voltage
DC Characteristics (PATA controller configuration)
Symbol
Paramenter
Min.
Max.
Units
Conditions
VIL
Input LOW Voltage
-0.3
+0.8
V
VIH
Input HIGH Voltage
2.2
Vcc+0.3
V
VOL
Output LOW Voltage
0.45
V
IOL=4mA
VOH
Output HIGH Voltage
2.4
V
IOH=-1mA
Operating Current, VCC_R=5.0V
Sleep Mode
0.2
mA
Operating, 20 MHz
30
mA
Operating, 40 MHz
50
mA
Operating Current, VCC_R=3.3V
Sleep Mode
.02
m
Operating, 20 MHz
30
m
Operating, 40 MHz
50
m
ILI
Input Leakage Current
±
10
μ
A
ILO
Output Leakage Current
±
10
μ
A
CI/O
Input / Output Capacitance
10
pF
ICC
ICC


Similar Part No. - AS3SSD16GB5PBG

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
AS3-27KFI TTELEC-AS3-27KFI Datasheet
642Kb / 3P
   Semi-Precision Power Wirewound Resistor
logo
Guangzhou Reicu Electro...
AS3-S03 REICU-AS3-S03 Datasheet
5Mb / 1P
   AC/DC CONVERTER
REV:15.1
AS3-S05 REICU-AS3-S05 Datasheet
5Mb / 1P
   AC/DC CONVERTER
REV:15.1
AS3-S09 REICU-AS3-S09 Datasheet
5Mb / 1P
   AC/DC CONVERTER
REV:15.1
AS3-S12 REICU-AS3-S12 Datasheet
5Mb / 1P
   AC/DC CONVERTER
REV:15.1
More results

Similar Description - AS3SSD16GB5PBG

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX9691A MCNIX-MX9691A Datasheet
161Kb / 36P
   SINGLE CHIP SOLID STATE DISK CONTROLLER
MX9691L MCNIX-MX9691L Datasheet
194Kb / 41P
   SINGLE CHIP SOLID STATE DISK CONTROLLER
logo
Transcend Information. ...
TS8GSSD25S-S TRANSCEND-TS8GSSD25S-S Datasheet
590Kb / 38P
   2.5??Solid State Disk
logo
Apacer Technology Inc.
SV240-300 APACER-SV240-300 Datasheet
2Mb / 5P
   SSD (Solid-State Disk)
SU220-M242 APACER-SU220-M242 Datasheet
757Kb / 4P
   SSD (Solid-State Disk)
ST170-25 APACER-ST170-25 Datasheet
910Kb / 4P
   SSD (Solid-State Disk)
PV120-M280 APACER-PV120-M280 Datasheet
2Mb / 7P
   SSD (Solid-State Disk)
PV130-CFX APACER-PV130-CFX Datasheet
1Mb / 4P
   SSD (Solid-State Disk)
PV140-25 APACER-PV140-25 Datasheet
2Mb / 5P
   SSD (Solid-State Disk)
SM210-300 APACER-SM210-300 Datasheet
1Mb / 4P
   SSD (Solid-State Disk)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com