Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

87050E-004 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # 87050E-004
Description  50 Ohm Multiport Test Sets
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

87050E-004 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  87050E-004 Datasheet HTML 1Page - Agilent(Hewlett-Packard) 87050E-004 Datasheet HTML 2Page - Agilent(Hewlett-Packard) 87050E-004 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 87050E-004 Datasheet HTML 4Page - Agilent(Hewlett-Packard) 87050E-004 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 87050E-004 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 87050E-004 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 87050E-004 Datasheet HTML 8Page - Agilent(Hewlett-Packard) 87050E-004 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
All specifications and characteristics apply over a
25 °C ± 5 °C range (unless otherwise stated) and
30 minutes after the instrument has been turned on.
Definitions
Specification:
Warranted performance. Specifications include
guardbands to account for the expected statistical
distribution, measurement uncertainties, and
changes in performance due to environmental con-
ditions.
Characteristic:
A performance parameter that the product is
expected to meet before it leaves the factory, but is
not verified in the field and is not covered by the
product warranty. A characteristic includes the
same guardbands as a specification.
Typical:
Expected performance of an average unit. A typical
does not include guardbands. It is not covered by
the product warranty.
Nominal:
A general, descriptive term that does not imply a
level of performance. It is not covered by the prod-
uct warranty.
Supplemental information:
May include typical, nominal, or characteristic val-
ues.
Calibration:
The process of measuring known standards from a
calibration kit to characterize the systematic
(repeatable) errors of a network analyzer.
Corrected (residual) performance:
Indicates performance after error correction (cali-
bration). It is determined by the quality of calibra-
tion standards and how well “known” they are,
plus system repeatability, stability, and noise.
Uncorrected (raw) performance:
Indicates instrument performance without error
correction. The uncorrected performance affects
the stability of a calibration.
System performance:
Performance of a complete multiport test system,
which includes an 87050E test set and an 8712ET/
ES or 8714ET/ES network analyzer.
Test Set Cal:
The calibration of a multiport test system, requir-
ing the connection of known calibration standards
to all of the ports that will be used for measure-
ments.
SelfCal:
An automated system calibration that uses calibra-
tion standards internal to the test set and the most
recent Test Set Cal data to calibrate the test system.
Environmental specifications:
Environmental specifications bound the external
conditions for which the specifications are valid.
The environmental specifications also bound the
external conditions the test set may be subject to
without permanently affecting performance or
causing physical damage.
Introduction
3
5
8
9
12
13
14
15
16
Table of contents
System performance, two-port calibration
System performance, T/R calibration
System performance, uncorrected
System performance, general
Test set input/output performance
Test set general information
Physical dimensions
Block diagrams
System features


Similar Part No. - 87050E-004

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
870502 MOLEX11-870502 Datasheet
40Kb / 2P
   5.00mm Pitch Beau Eurostyle Pluggable PCB Terminal Block
870504 MOLEX11-870504 Datasheet
40Kb / 2P
   5.00mm Pitch Beau Eurostyle Pluggable PCB Terminal Block
More results

Similar Description - 87050E-004

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
87075C HP-87075C Datasheet
623Kb / 20P
   75-Ohm Multiport Test Sets
E5071C HP-E5071C Datasheet
3Mb / 65P
   Configurable Multiport Test Set
logo
Pomona Electronics
5898 POMONA-5898 Datasheet
24Kb / 1P
   Replacement Test Lead Sets
logo
List of Unclassifed Man...
24-785 ETC2-24-785 Datasheet
28Kb / 1P
   TEST CONDITION:CONDUCTOR IMPEDANCE:10 OHM
logo
Littelfuse
P0084UCMCL LITTELFUSE-P0084UCMCL Datasheet
168Kb / 3P
   Multiport MicroCapacitance
logo
ERNI Electronics
354773 ERNI-354773 Datasheet
44Kb / 1P
   MESSERKONTAKT 50 OHM
logo
ADL Embedded Solutions
MSM8C104EX ADL-MSM8C104EX Datasheet
218Kb / 1P
   Multiport COM Board
logo
Littelfuse
P1101UCLRP LITTELFUSE-P1101UCLRP Datasheet
165Kb / 3P
   Multiport SLIC Protector
P1556U_L LITTELFUSE-P1556U_L Datasheet
172Kb / 3P
   Multiport Balanced SIDACtor
P0641U_L LITTELFUSE-P0641U_L Datasheet
159Kb / 3P
   Multiport SLIC Protector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com