Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

87050E-004 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # 87050E-004
Description  50 Ohm Multiport Test Sets
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

87050E-004 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button 87050E-004 Datasheet HTML 2Page - Agilent(Hewlett-Packard) 87050E-004 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 87050E-004 Datasheet HTML 4Page - Agilent(Hewlett-Packard) 87050E-004 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 87050E-004 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 87050E-004 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 87050E-004 Datasheet HTML 8Page - Agilent(Hewlett-Packard) 87050E-004 Datasheet HTML 9Page - Agilent(Hewlett-Packard) 87050E-004 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
System performance
Transmission/reflection (T/R) calibration (user)
1. These uncertainty curves only include the effects of the test port(s) within the measurement path. The effect of the uncorrected match of test ports outside the measurement
path is ignored, and is dependent on the isolation between the ports of the DUT that are within the measurement path and ports of the DUT that are outside the measurement
path.
Magnitude, ET models with attenuator
Magnitude, ET models without attenuator
Phase, ES models
Phase, ET models with attenuator
Phase, ET models without attenuator
Agilent 85032B/E Type-N calibration kit
(continued)
Transmission uncertainty, enhanced response calibration
(typical)1
Magnitude, ES models


Similar Part No. - 87050E-004

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
870502 MOLEX11-870502 Datasheet
40Kb / 2P
   5.00mm Pitch Beau Eurostyle Pluggable PCB Terminal Block
870504 MOLEX11-870504 Datasheet
40Kb / 2P
   5.00mm Pitch Beau Eurostyle Pluggable PCB Terminal Block
More results

Similar Description - 87050E-004

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
87075C HP-87075C Datasheet
623Kb / 20P
   75-Ohm Multiport Test Sets
E5071C HP-E5071C Datasheet
3Mb / 65P
   Configurable Multiport Test Set
logo
Pomona Electronics
5898 POMONA-5898 Datasheet
24Kb / 1P
   Replacement Test Lead Sets
logo
List of Unclassifed Man...
24-785 ETC2-24-785 Datasheet
28Kb / 1P
   TEST CONDITION:CONDUCTOR IMPEDANCE:10 OHM
logo
Littelfuse
P0084UCMCL LITTELFUSE-P0084UCMCL Datasheet
168Kb / 3P
   Multiport MicroCapacitance
logo
ERNI Electronics
354773 ERNI-354773 Datasheet
44Kb / 1P
   MESSERKONTAKT 50 OHM
logo
ADL Embedded Solutions
MSM8C104EX ADL-MSM8C104EX Datasheet
218Kb / 1P
   Multiport COM Board
logo
Littelfuse
P1101UCLRP LITTELFUSE-P1101UCLRP Datasheet
165Kb / 3P
   Multiport SLIC Protector
P1556U_L LITTELFUSE-P1556U_L Datasheet
172Kb / 3P
   Multiport Balanced SIDACtor
P0641U_L LITTELFUSE-P0641U_L Datasheet
159Kb / 3P
   Multiport SLIC Protector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com