Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E1476-80011 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # E1476-80011
Description  64-Channel 3-Wire T/C Relay Multiplexer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

E1476-80011 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  E1476-80011 Datasheet HTML 1Page - Agilent(Hewlett-Packard) E1476-80011 Datasheet HTML 2Page - Agilent(Hewlett-Packard) E1476-80011 Datasheet HTML 3Page - Agilent(Hewlett-Packard) E1476-80011 Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Agilent E1476A 64-Channel
3-Wire T/C Relay Multiplexer
Data Sheet
Features
• 1-Slot, C-size, register based
• Low-thermal offset relay <2 µV
• 64 channels of temperature
with compensation
• 64 channels of voltage - 3-wire
high, low, and guard
• 64 channels 2-wire and
32 channels 4-wire resistances
• Includes QUIC easy-to-use
terminal block
Description
The Agilent E1476A High-Density
Reed Relay Multiplexer is a
C-size, 1-slot, register-based
VXI module. This low-offset,
thermocouple compensated
multiplexer is dynamically
configurable providing 64 chan-
nels of two-, three- or four-wire
(32 channels) of switching. This
multiplexer module consists of
a component card with switches
and a QUIC spring clamp termi-
nal block that plugs onto the
component card. The E1476A is
ideal for applications needing a
relay multiplexer that is dynami-
cally configurable, and makes
maximum high-quality, high-point
count measurements.
High-integrity voltage meas-
urements are possible with
three-wire high, low, and guard
switching. In addition to making
two-wire resistance and precision
four-wire resistance measure-
ments, you can make up to
64 channels of thermocouple
temperature measurements
with automatic cold junction
compensation.
Refer to the Agilent Technologies
Website for instrument driver
availability and downloading
instructions, as well as for
recent product updates, if
applicable.
Temperature Measurements
The reference thermistor is also
accessible by both banks, each
bank having a control switch
allowing for either a two-wire or
four-wire resistance measure-
ment of the 5000 Ω reference
thermistor mounted on the
isothermal plane located in the
terminal block. Using a scanning
multimeter configuration, the
channel relays and five control
relays are programmed by SCPI
commands or by register read/
writes. SCPI command syntax
to make a temperature scan
of K type thermocouples is:
MEAS:TEMP? TC, K, (@100:163)


Similar Part No. - E1476-80011

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E1476A KEYSIGHT-E1476A Datasheet
425Kb / 4P
   Agilent E1476A 64-Channel 3-Wire T/C Relay Multiplexer
More results

Similar Description - E1476-80011

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E1476A KEYSIGHT-E1476A Datasheet
425Kb / 4P
   Agilent E1476A 64-Channel 3-Wire T/C Relay Multiplexer
E1460A KEYSIGHT-E1460A Datasheet
335Kb / 6P
   64-Channel Relay Multiplexer
E8462A KEYSIGHT-E8462A Datasheet
251Kb / 5P
   256-Channel Armature Relay Multiplexer
E8460A KEYSIGHT-E8460A Datasheet
293Kb / 5P
   256-Channel Reed Relay Multiplexer
logo
National Instruments Co...
PXI-2567 NI-PXI-2567 Datasheet
182Kb / 3P
   64-Channel External Relay Driver
PXI-2575 NI-PXI-2575 Datasheet
524Kb / 3P
   196x1 1-wire, 98x1 2-wire multiplexer/Onboard relay counting
logo
Aeroflex Circuit Techno...
MUX8507 AEROFLEX-MUX8507 Datasheet
397Kb / 9P
   MUX8507 64-Channel Analog Multiplexer Module Radiation Tolerant
MUX8509 AEROFLEX-MUX8509 Datasheet
387Kb / 8P
   MUX8509 64-Channel Analog Multiplexer Module Radiation Tolerant
logo
Toshiba Semiconductor
TC74HC251AP TOSHIBA-TC74HC251AP_07 Datasheet
309Kb / 9P
   8-Channel Multiplexer (3-state)
logo
Fairchild Semiconductor
MM74HC251 FAIRCHILD-MM74HC251 Datasheet
74Kb / 7P
   8-Channel 3-STATE Multiplexer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com