Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4395A-800 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # 4395A-800
Description  Network/Spectrum/Impedance Analyzer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

4395A-800 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button 4395A-800 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 4395A-800 Datasheet HTML 4Page - Agilent(Hewlett-Packard) 4395A-800 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 4395A-800 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 4395A-800 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 4395A-800 Datasheet HTML 8Page - Agilent(Hewlett-Packard) 4395A-800 Datasheet HTML 9Page - Agilent(Hewlett-Packard) 4395A-800 Datasheet HTML 10Page - Agilent(Hewlett-Packard) 4395A-800 Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
Amplitude range . . . . . . . . . . . . . . . . . . . . . . . . .displayed average noise level to +30 dBm
Reference value setting range. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –100 dBm to +30 dBm
Level accuracy
at –20 dBm input, 50 MHz, input attenuator: 10 dB, 23 °C ± 5 °C . . . . . . . . . .< ±0.8 dB
Frequency response
at -20 dBm input, input attenuator: 10 dB, referenced to level at 50 MHz, 23 °C ± 5 °C
frequency ≥ 100 Hz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .< ±1.3 dB
frequency < 100 Hz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .< ±3.0 dB
Amplitude fidelity1
Log scale2
Range
Amplitude fidelity
(dB to reference input lever [dB]
[dB]
0 to –30
±0.05
–30 to –40
±0.07
–40 to –50
±0.15
–50 to –60
±0.35
–60 to –70
±0.8
–70 to –80
±1.8
Linear scale2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . < ±3%
Displayed average noise level
at reference value ≤ –40 dBm, input attenuator: auto or 0 dB
at frequency ≥1 kHz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –120 dBm/Hz
at ≥ 100 kHz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –133 dBm/Hz
at ≥ 10 MHz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . (–145 + frequency/100 MHz) dBm/Hz3
Figure 1-4. Typical displayed average noise level
Amplitude Characteristics
1. Fidelity shows an extent of nonlinearity
referenced to the reference input level.
2. RBW = 10 Hz, –20 dBm ≤ reference value
≤ +30 dBm, reference input level = full scale
input level –10 dB, 23 ± 5 °C
3. At start frequency ≥ 10 MHz
Note: Refer to Input attenuator part for the
definition of full scale input level.
F(H )


Similar Part No. - 4395A-800

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4390 SCHURTER-4390 Datasheet
269Kb / 2P
   Power Supply Cord with NEMA 5-15 Power (Mains) Plug 3-pole, Straight
logo
Sumida Corporation
4390-T143 SUMIDA-4390-T143 Datasheet
129Kb / 2P
   General Power & PoE Transformer
4390-T160 SUMIDA-4390-T160 Datasheet
129Kb / 2P
   General Power & PoE Transformer
logo
Belden Inc.
43907NH BELDEN-43907NH Datasheet
156Kb / 2P
   Speaker Cable LSZH 8x2.5mm², CPR Eca.
12-20-2022
43907NH.00500 BELDEN-43907NH.00500 Datasheet
156Kb / 2P
   Speaker Cable LSZH 8x2.5mm², CPR Eca.
12-20-2022
More results

Similar Description - 4395A-800

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5934 AD-AD5934_17 Datasheet
579Kb / 31P
   Impedance Converter, Network Analyzer
logo
List of Unclassifed Man...
H500 ETC2-H500 Datasheet
1Mb / 12P
   Spectrum Analyzer
logo
TEKTRONIX, INC.
RSA600A TEKTRONIX-RSA600A Datasheet
1Mb / 32P
   Spectrum Analyzer
logo
Good Will Instrument Co...
GSP-930 GWINSTEK-GSP-930 Datasheet
2Mb / 2P
   SPECTRUM ANALYZER
logo
TEKTRONIX, INC.
RSA500A TEKTRONIX-RSA500A Datasheet
2Mb / 36P
   Spectrum Analyzer
RSA306B TEKTRONIX-RSA306B Datasheet
1Mb / 26P
   Spectrum Analyzer
logo
List of Unclassifed Man...
SSA3032XPLUS ETC1-SSA3032XPLUS Datasheet
1Mb / 20P
   Spectrum Analyzer
2011/65/EU
logo
Keysight Technologies
E4990A KEYSIGHT-E4990A Datasheet
4Mb / 30P
   Impedance Analyzer
logo
Analog Devices
AD5933YRSZ-REEL7 AD-AD5933YRSZ-REEL7 Datasheet
592Kb / 40P
   1 MSPS, 12-Bit Impedance Converter, Network Analyzer
Rev. E
AD5933 AD-AD5933_17 Datasheet
651Kb / 40P
   1 MSPS, 12-Bit Impedance Converter, Network Analyzer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com