Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

527S288NC Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 527S288NC
Description  Split Backshell for Hughes MRS Pin Body Connectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

527S288NC Datasheet(HTML) 2 Page - Glenair, Inc.

  527S288NC Datasheet HTML 1Page - Glenair, Inc. 527S288NC Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2004 Glenair, Inc.
Printed in U.S.A.
D-21
CAGE Code 06324
527-288
Split Backshell
Straight, 45°, & 90° Entry
for Hughes MRS Pin Body Connectors
Metric dimensions (mm) are indicated in parentheses.
C
Dim
1.300 (33.0)
1.750 (44.5)
1.900 (48.3)
2.045 (51.9)
2.500 (63.5)
2.500 (63.5)
2.500 (63.5)
TABLE I: CONNECTOR INTERFACE DIMENSIONS (Continued Below)
A
Dim
0
0
.550 (14.0)
.812 (20.6)
.812 (20.6)
1.250 (31.8)
1.850 (47.0)
B
Dim
1.090 (27.7)
1.090 (27.7)
1.340 (34.0)
1.620 (41.1)
1.620 (41.1)
2.110 (53.6)
2.640 (67.1)
D
Max Dim
1.940 (49.3)
2.390 (60.7)
2.530 (64.3)
2.680 (68.1)
3.130 (79.5)
3.130 (79.5)
3.130 (79.5)
G
Max Dim
1.880 (47.8)
1.880 (47.8)
1.880 (47.8)
1.880 (47.8)
2.130 (54.1)
2.130 (54.1)
2.130 (54.1)
E
Max Dim
3.000 (76.2)
3.000 (76.2)
3.000 (76.2)
3.000 (76.2)
3.750 (95.3)
3.750 (95.3)
3.750 (95.3)
F
Max Dim
2.000 (50.8)
2.000 (50.8)
2.000 (50.8)
2.000 (50.8)
2.130 (54.1)
2.380 (60.5)
2.380 (60.5)
H
Max Dim
2.000 (50.8)
2.000 (50.8)
2.000 (50.8)
2.000 (50.8)
2.130 (54.1)
2.130 (54.1)
2.130 (54.1)
Shell
Size
20
36
52
80
104
158
212
L
Dim
.500 (12.7)
.500 (12.7)
.625 (15.9)
1.000 (25.4)
1.000 (25.4)
1.250 (31.8)
1.250 (31.8)
TABLE I: CABLE ENTRY (Continued)
J Dim
+.005 (0.1)
.630 (16.0)
.630 (16.0)
.935 (23.7)
.935 (23.7)
.935 (23.7)
.995 (25.3)
.995 (25.3)
K Dim
+.005 (0.1)
N/A
N/A
N/A
N/A
N/A
.935 (23.7)
N/A
M
Thread
.750 - 20 UNEF
.750 - 20 UNEF
.875 - 20 UNEF
1.250 - 18 UNEF
1.250 - 18 UNEF
1.500 - 18 UNEF
1.500 - 18 UNEF
Shell
Size
20
36
52
80
104
158
212
Symbol
B
C*
G*
J
LF
M
N
NC
NF
T
U**
ZN
Finish
Cadmium Plate/Olive Drab
Black Anodize
Anodic Hard Coat
Gold Iridite over Cadmium Plate
over Electroless Nickel
Cadmium Plate/Bright over
Electroless Nickel
Electroless Nickel
Cadmium Plate/Olive Drab over
Electroless Nickel
Zinc Cobalt/Dark Olive Drab
Cadmium Plate/Olive Drab over
Electroless Nickel
Cadmium Plate/Bright over
Electroless Nickel
Cadmium Plate/Black
Zinc-Nickel Alloy/Olive Drab
TABLE III:
FINISH OPTIONS
*Anodize finish is not suitable for EMI shielding or grounding
applications.
**Applicable to corrosion resisting steel backshells and accesso-
ries. Consult factory for other available finishes.


Similar Part No. - 527S288NC

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
527S287B GLENAIR-527S287B Datasheet
136Kb / 2P
   Split Backshell for Hughes MRS Pin Body Connectors
527S287J GLENAIR-527S287J Datasheet
136Kb / 2P
   Split Backshell for Hughes MRS Pin Body Connectors
527S287LF GLENAIR-527S287LF Datasheet
136Kb / 2P
   Split Backshell for Hughes MRS Pin Body Connectors
527S287M GLENAIR-527S287M Datasheet
136Kb / 2P
   Split Backshell for Hughes MRS Pin Body Connectors
527S287N GLENAIR-527S287N Datasheet
136Kb / 2P
   Split Backshell for Hughes MRS Pin Body Connectors
More results

Similar Description - 527S288NC

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
527S287B GLENAIR-527S287B Datasheet
136Kb / 2P
   Split Backshell for Hughes MRS Pin Body Connectors
52719702001B GLENAIR-52719702001B Datasheet
127Kb / 2P
   Strain-Relief Backshell for Hughes MRS Connectors
52722002001B GLENAIR-52722002001B Datasheet
126Kb / 2P
   Strain-Relief Backshell for Hughes MRS Connectors
507-001 GLENAIR-507-001 Datasheet
77Kb / 1P
   Split Backshell for MIL-C-81659 Connectors
500-043 GLENAIR-500-043 Datasheet
73Kb / 1P
   Split Backshell for MIL-C-81659 Connectors
507-078MAE02 GLENAIR-507-078MAE02 Datasheet
77Kb / 1P
   Split Banding Backshell for MIL-C-83733 Connectors
527296B2 GLENAIR-527296B2 Datasheet
120Kb / 1P
   Split Backshell
527297B GLENAIR-527297B Datasheet
117Kb / 1P
   Split Backshell
527P303B GLENAIR-527P303B Datasheet
136Kb / 2P
   Split Backshell
500-023 GLENAIR-500-023 Datasheet
75Kb / 1P
   Split Banding Backshell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com