Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

527281TK Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 527281TK
Description  EMI/RFI Qwik-Ty Elliptical Banding Backshell
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

527281TK Datasheet(HTML) 1 Page - Glenair, Inc.

  527281TK Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2004 Glenair, Inc.
Printed in U.S.A.
D-17
CAGE Code 06324
.310 (7.9)
4 Slots
per Tower
.553
(14.0)
Max
1.500
(38.1)
M8 x .75
Thread
2.966 (75.3)
.470
(11.9)
Min
.059
(1.5)
Ref
.740
(18.8)
Max
.080 (2.0)
1.159
(29.4)
Max
1.072
27.2)
Min
.480
(12.2)
K
Band
.823
(20.9)
1.000
(25.4)
Qwik-Ty®
Arm
Floating
Hardware
.320
(8.1)
.440 (11.2)
527-281
EMI/RFI Qwik-Ty® Elliptical Banding Backshell
for Boeing BACC65 & Radiall EPXB Connector
527 281 M B L
Product Series
Basic Number
L = Less Qwik-Ty® Arm
B = Band (2 Each Supplied)
K = Coiler Band (2 Each Supplied)
(Omit for None)
Finish (Table I)
Metric dimensions (mm) are indicated in parentheses
Symbol
B
C*
G*
J
LF
M
N
Finish
Cadmium Plate/Olive Drab
Black Anodize
Anodic Hard Coat
Gold Iridite over Cadmium Plate
over Electroless Nickel
Cadmium Plate/Bright over
Electroless Nickel
Electroless Nickel
Cadmium Plate/Olive Drab over
Electroless Nickel
TABLE I: FINISH OPTIONS
*Anodize finish is not suitable for EMI shielding or grounding
applications.
**Applicable to corrosion resisting steel backshells and
accessories. Consult factory for other available finishes.
Symbol
NC
NF
T
U**
ZN
Finish
Zinc Cobalt/Dark Olive Drab
Cadmium Plate/Olive Drab over
Electroless Nickel
Cadmium Plate/Bright over
Electroless Nickel
Cadmium Plate/Black
Zinc-Nickel Alloy/Olive Drab


Similar Part No. - 527281TK

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
527280B GLENAIR-527280B Datasheet
124Kb / 1P
   EMI/RFI Split Qwik-Ty Banding Backshell
527280J GLENAIR-527280J Datasheet
124Kb / 1P
   EMI/RFI Split Qwik-Ty Banding Backshell
527280LF GLENAIR-527280LF Datasheet
124Kb / 1P
   EMI/RFI Split Qwik-Ty Banding Backshell
527280M GLENAIR-527280M Datasheet
124Kb / 1P
   EMI/RFI Split Qwik-Ty Banding Backshell
527280N GLENAIR-527280N Datasheet
124Kb / 1P
   EMI/RFI Split Qwik-Ty Banding Backshell
More results

Similar Description - 527281TK

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
527A265B GLENAIR-527A265B Datasheet
130Kb / 1P
   EMI/RFI Elliptical Qwik-Ty Straight Banding Backshell
527280B GLENAIR-527280B Datasheet
124Kb / 1P
   EMI/RFI Split Qwik-Ty Banding Backshell
527260BA GLENAIR-527260BA Datasheet
144Kb / 2P
   EMI/RFI Qwik-Ty Elliptical Banding Backshell for Boeing BACC65 Connector
507T175E0901H GLENAIR-507T175E0901H_11 Datasheet
218Kb / 2P
   EMI/RFI Elliptical Banding Backshell
527268B GLENAIR-527268B Datasheet
127Kb / 1P
   EMI-RFI Qwik-Ty Banding Backshell for Radial EPXB Connector
507-164C0904BB GLENAIR-507-164C0904BB Datasheet
263Kb / 2P
   EMI/RFI Split Banding Micro-D Backshell Elliptical Entry
527-108 GLENAIR-527-108 Datasheet
50Kb / 2P
   EMI/RFI Banding Backshell
557109M2 GLENAIR-557109M2 Datasheet
171Kb / 2P
   EMI/RFI Banding Backshell Assembly
557S184M GLENAIR-557S184M Datasheet
118Kb / 2P
   EMI/RFI Banding Backshell Assembly
557331M GLENAIR-557331M Datasheet
120Kb / 2P
   EMI/RFI Banding Backshell Assembly
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com