Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

527296T2 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 527296T2
Description  Split Backshell
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

527296T2 Datasheet(HTML) 1 Page - Glenair, Inc.

  527296T2 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2004 Glenair, Inc.
Printed in U.S.A.
D-22
CAGE Code 06324
.380 (9.7)
.090 (2.3)
#4-40 Screw and
Lock Washer
(2 Places)
.590
(15.0)
Cable Entry
B
.920 / .830
(23.4 / 21.1)
Ref
1.520
(38.6)
+ .020
(0.5)
Connector
shown for
Reference
Only
.156 (4.0)
Hex Socket
C
E
G
D
F
A Thread
527-296
Split Backshell
with Accessory Thread for Hughes RA Connector
M28804/4, Dash Numbers 2 & 5
527 296 NF 2
Metric dimensions (mm) are indicated in parentheses.
C
Dim
.648 (16.5)
.825 (21.0)
TABLE I: CONNECTOR INTERFACE
(Continued Below)
A Thread
Class 2A
7/16 - 28 UNEF
3/4 - 20 UNEF
D
Max Dim
1.950 (49.5)
2.790 (70.9
Shell
Size
2
5
B
Dim
.730 (18.5)
.910 (22.9)
TABLE I: (Continued)
G
Max Dim
1.625 (41.3)
2.470 (62.7)
E
Max Dim
1.360 (34.5)
2.200 (55.9)
F
Max Dim
.680 (17.3)
1.100 (27.9)
Cable Entry
Max
.290
(7.4)
.550 (14.0)
Shell
Size
2
5
Product Series
Basic Number
Finish (Table II)
Shell Size (Table I)
ble I)
Symbol
B
C*
G*
J
LF
M
N
NC
NF
T
U**
ZN
Finish
Cadmium Plate/Olive Drab
Black Anodize
Anodic Hard Coat
Gold Iridite over Cadmium Plate
over Electroless Nickel
Cadmium Plate/Bright over
Electroless Nickel
Electroless Nickel
Cadmium Plate/Olive Drab over
Electroless Nickel
Zinc Cobalt/Dark Olive Drab
Cadmium Plate/Olive Drab over
Electroless Nickel
Cadmium Plate/Bright over
Electroless Nickel
Cadmium Plate/Black
Zinc-Nickel Alloy/Olive Drab
TABLE III:
FINISH OPTIONS
*Anodize finish is not suitable for EMI shielding or grounding
applications.
**Applicable to corrosion resisting steel backshells and accesso-
ries. Consult factory for other available finishes.


Similar Part No. - 527296T2

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
527297B GLENAIR-527297B Datasheet
117Kb / 1P
   Split Backshell
527297J GLENAIR-527297J Datasheet
117Kb / 1P
   Split Backshell
527297LF GLENAIR-527297LF Datasheet
117Kb / 1P
   Split Backshell
527297M GLENAIR-527297M Datasheet
117Kb / 1P
   Split Backshell
527297N GLENAIR-527297N Datasheet
117Kb / 1P
   Split Backshell
More results

Similar Description - 527296T2

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
527297B GLENAIR-527297B Datasheet
117Kb / 1P
   Split Backshell
527P303B GLENAIR-527P303B Datasheet
136Kb / 2P
   Split Backshell
500-023 GLENAIR-500-023 Datasheet
75Kb / 1P
   Split Banding Backshell
550T102M GLENAIR-550T102M Datasheet
134Kb / 2P
   Strain-Relief Split Backshell
710-112M3F16 GLENAIR-710-112M3F16 Datasheet
113Kb / 2P
   Metal Split Rectangular Backshell
550T024M GLENAIR-550T024M Datasheet
123Kb / 2P
   D-Subminiature Split Banding Backshell
550T039M GLENAIR-550T039M Datasheet
120Kb / 2P
   D-Subminiature Banding Split Backshell
550-018M2 GLENAIR-550-018M2 Datasheet
44Kb / 2P
   D-Subminiature Potting Split Backshell
550T010M GLENAIR-550T010M Datasheet
132Kb / 2P
   D-Subminiature G-Spring Split Backshell
550T001M GLENAIR-550T001M Datasheet
98Kb / 2P
   EMI/RFI D-Subminiature Split Backshell
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com