Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A4447 Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # A4447
Description  High Voltage Step Down Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4447 Datasheet(HTML) 7 Page - Allegro MicroSystems

  A4447 Datasheet HTML 1Page - Allegro MicroSystems A4447 Datasheet HTML 2Page - Allegro MicroSystems A4447 Datasheet HTML 3Page - Allegro MicroSystems A4447 Datasheet HTML 4Page - Allegro MicroSystems A4447 Datasheet HTML 5Page - Allegro MicroSystems A4447 Datasheet HTML 6Page - Allegro MicroSystems A4447 Datasheet HTML 7Page - Allegro MicroSystems A4447 Datasheet HTML 8Page - Allegro MicroSystems A4447 Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
High Voltage Step Down Regulator
A4447
7
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
RTSET Selection. Correct selection of RTSET values will
ensure that minimum on time of the switcher is not violated
and prevent the switcher from cycle skipping. For a given VIN
to VOUT ratio, RTSET must be greater than or equal to the value
defined by the curve in the RTEST Value Selection graph below.
Note. The curve represents the minimum RTSET value. When
calculating RTSET, be sure to use VIN(max) / VOUT(min). Resistor
tolerance should also be considered, so that under all operating
conditions the resistance on the TSET pin remains as close to the
curve as possible.
The RTEST Selection table shows recommended RTSET values
based on common operating conditions. For other operating con-
ditions, refer to the RTSET Value Selection graph.
FB Resistor Selection. The impedance of the FB network
should be kept low to improve noise immunity. Large value resis-
tors can pick up noise generated by the inductor, which can affect
voltage regulation of the switcher.
RTSET Value Selection*
Selection Graph
Recommended Common Values
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
0
15
30
45
60
75
90
105
120
135
150
165
180
195
210
RTSET (kΩ)
VIN
(V)
VOUT
(V)
VIN/VOUT
RTSET Value
(kΩ)
42
5
8.4
37.4
42
3.3
12.7
54.9
42
1.8
23.3
90.9
42
1.5
28
105
24
5
4.8
20.0
24
3.3
7.3
32.4
24
1.8
13.3
54.9
24
1.5
16
66.5
12
5
2.4
7.68
12
3.3
3.6
13.7
12
1.8
6.6
30.1
12
1.5
8
37.4
*The RTSET resistor should be not smaller than 7.65 kΩ ±2% to prevent very short off-times from violating the minimum on-time of
the switcher.
Recommended Components
Component
Description
Part Number
L1
Sumida 68 μH
RCH1216BNP-680K
D1
NIEC Schottky Barrier Diode 60 V TO-252AA
NSQ03A06
CBYP
Ceramic X7A 0.22 μF 100 V
Generic
CBOOT
Ceramic X7A 0.01 μF 100 V
Generic
CIN
Electrolytic 100 μF 50 V; must be able to handle worst case ripple curent
Generic
Ceramic X7A 0.22 μF 50 V
Generic
COUT
United Chemi-Con PXA 220 μF 16 V Low ESR
PXA16VC221MJ12TP
Rubycon ZL 220 μF 25 V Low ESR
(Option 1)
25ZL220M8x11.5
Panasonic FM 220 μF 25 V Low ESR (Option 2)
EEUFM1E221
VOUT
1.5 V
1.8 V
3.3 V
5 V
R1
1.30 kΩ
2.55 kΩ
2.87 kΩ
6.34 kΩ
R2
1.47 kΩ
2.00 kΩ
0.910 kΩ
1.20 kΩ


Similar Part No. - A4447

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4447_V ALLEGRO-A4447_V Datasheet
351Kb / 12P
   High Voltage Step Down Regulator
More results

Similar Description - A4447

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1184 ANALOGICTECH-AAT1184 Datasheet
3Mb / 19P
   High Voltage Step-Down Regulator
logo
Allegro MicroSystems
A8499 ALLEGRO-A8499 Datasheet
307Kb / 7P
   High Voltage Step-Down Regulator
A8447 ALLEGRO-A8447 Datasheet
371Kb / 9P
   High Voltage Step Down Regulator
A4447_V ALLEGRO-A4447_V Datasheet
351Kb / 12P
   High Voltage Step Down Regulator
logo
Advanced Analogic Techn...
AAT1189 ANALOGICTECH-AAT1189 Datasheet
3Mb / 19P
   High Voltage Step-Down Regulator
logo
National Semiconductor ...
LM5010A NSC-LM5010A Datasheet
775Kb / 17P
   High Voltage 1A Step Down Switching Regulator
logo
Texas Instruments
LM5008 TI1-LM5008_14 Datasheet
1Mb / 21P
[Old version datasheet]   High Voltage (100V) Step Down Switching Regulator
LM5007 TI-LM5007 Datasheet
994Kb / 17P
[Old version datasheet]   High Voltage (80V) Step Down Switching Regulator
logo
National Semiconductor ...
LM5008 NSC-LM5008_09 Datasheet
389Kb / 16P
   High Voltage (100V) Step Down Switching Regulator
LM5007 NSC-LM5007_08 Datasheet
280Kb / 12P
   High Voltage (80V) Step Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com