Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMS3107S-50 Datasheet(PDF) 4 Page - Advanced Monolithic Systems

Part # AMS3107S-50
Description  500mA LOW DROPOUT VOLTAGE REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS3107S-50 Datasheet(HTML) 4 Page - Advanced Monolithic Systems

  AMS3107S-50 Datasheet HTML 1Page - Advanced Monolithic Systems AMS3107S-50 Datasheet HTML 2Page - Advanced Monolithic Systems AMS3107S-50 Datasheet HTML 3Page - Advanced Monolithic Systems AMS3107S-50 Datasheet HTML 4Page - Advanced Monolithic Systems AMS3107S-50 Datasheet HTML 5Page - Advanced Monolithic Systems AMS3107S-50 Datasheet HTML 6Page - Advanced Monolithic Systems AMS3107S-50 Datasheet HTML 7Page - Advanced Monolithic Systems AMS3107S-50 Datasheet HTML 8Page - Advanced Monolithic Systems AMS3107S-50 Datasheet HTML 9Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
Where the value of the junction-to-ambient thermal resistance are as follows: 195
°C/W for TO-92 (N), 160°C/W for the SO-8 (S), 110°C/W for SOT-89 (L),
90
°C/W for SOT-223 and 80°C/W for TO-252.
AMS3107
PIN CONNECTIONS
TO-92
Plastic Package (N)
SOT-89
(L)
SOT-223
OUTPUT
INPUT
GND
12
3
OUTPUT
GND
INPUT
123
OUTPUT
GND
INPUT
Bottom View
Top View
Top View
TO-252
(D)
8L SOIC
SO-Package (S)
ON/OFF
OUTPUT
ADJ/ N/C
INPUT
GROUND
GROUND
GROUND
GROUND
1
2
8
4
3
7
5
6
Top View
Top View
TYPICAL PERFORMANCE CHARACTERISTICS
6.0
Low Voltage Behavior
2.0
3.0
4.0
5.0
INPUT VOLTAGE (V)
AMS3107-3.3
2.0
3.0
4.0
5.0
6.0
0
I
O = 500mA
040
80
0
0.6
0.4
0.2
Dropout Voltage
120
JUNCTION TEMPERATURE (° C)
0.1
0.5
0.3
I
O = 100mA
0
300
0
0.6
0.4
0.2
Dropout Voltage
600
OUTPUT CURRENT (mA)
0.1
0.5
0.3
I
O = 150mA
I
O = 200mA
400
500
200
100
I
O = 350mA
TAB IS
GND
1
2
3
OUTPUT
INPUT


Similar Part No. - AMS3107S-50

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS3107S-50 ADMOS-AMS3107S-50 Datasheet
82Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - AMS3107S-50

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7223 NJRC-NJU7223 Datasheet
127Kb / 5P
   500mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS3107 ADMOS-AMS3107 Datasheet
82Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2907 ADMOS-AMS2907 Datasheet
80Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6328A TMT-T6328A Datasheet
473Kb / 10P
   500mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2907 ADMOS-AMS2907_05 Datasheet
68Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2905 ADMOS-AMS2905_05 Datasheet
67Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Unisonic Technologies
LM2937 UTC-LM2937 Datasheet
144Kb / 10P
   500mA LOW DROPOUT VOLTAGE REGULATOR
LM2937 UTC-LM2937_17 Datasheet
249Kb / 10P
   500mA LOW DROPOUT VOLTAGE REGULATOR
LM2937 UTC-LM2937_V01 Datasheet
291Kb / 10P
   500mA LOW DROPOUT VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LM2937 ETL-LM2937 Datasheet
246Kb / 10P
   500mA LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com