Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8473B-002 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # 8473B-002
Description  Low Barrier Schottky Diode Detectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

8473B-002 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  8473B-002 Datasheet HTML 1Page - Agilent(Hewlett-Packard) 8473B-002 Datasheet HTML 2Page - Agilent(Hewlett-Packard) 8473B-002 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 8473B-002 Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Agilent 423B, 8470B, 8472B, 8473B/C
Low Barrier Schottky Diode Detectors
Data Sheet
Excellent broadband flatness
Low broadband SWR
High burnout protection
Environmentally rugged
Field replaceable diode elements
Agilent offers a complete family of high performance Low Barrier Schottky Diode
Detectors which cover the 10 MHz to 26.5 GHz frequency range. These general
purpose components are widely used for CW and pulsed power detection,
leveling of sweepers, and frequencyresponse testing of other microwave compo-
nents. These detectors do not require a dc bias and can be used with common
oscilloscopes, thus their simplicity of operation and excellent broadband perfor-
mance make them useful measurement accessories.
These detectors use a Low-Barrier Schottky Diode (LBSD), specially fabricated
with low origin resistance and low junction capacitance. This results in
improved broadband flatness and SWR over point-contact diode detectors,
thus yielding more accurate measurements. These detectors also offer very
good ruggedness and burnout protection. As with all Agilent detectors, these
models integrate the diode with the other circuit elements thus minimizing stray
reactances and optimizing broadband performance. For economical field repair,
replaceable detector modules are available.
Figure 1. Diode V/I characteristics
50 µA/div
50 mV/div
Typical
LBSD
Typical
Schottky
Diode
I
V
Agilent 423B
Agilent 8470B
Agilent 8472B
Agilent 8473B
Agilent 8473C


Similar Part No. - 8473B-002

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
8473 VECTRON-8473 Datasheet
458Kb / 4P
   Oven Controlled Crystal Oscillators
logo
List of Unclassifed Man...
8473 ETC2-8473 Datasheet
320Kb / 1P
   HOLE PLUGS and BUSHINGS
logo
Belden Inc.
8473 BELDEN-8473 Datasheet
175Kb / 2P
   Electronic, 2 C #14 Str TC, PVC Ins, PVC Jkt, CL3
01-20-2023
8473.0601000 BELDEN-8473.0601000 Datasheet
175Kb / 2P
   Electronic, 2 C #14 Str TC, PVC Ins, PVC Jkt, CL3
01-20-2023
8473.060500 BELDEN-8473.060500 Datasheet
175Kb / 2P
   Electronic, 2 C #14 Str TC, PVC Ins, PVC Jkt, CL3
01-20-2023
More results

Similar Description - 8473B-002

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAT62-02W SIEMENS-BAT62-02W Datasheet
26Kb / 4P
   Silicon Schottky Diode (Low barrier diode for detectors up to GHz frequencies)
BAT62 SIEMENS-BAT62 Datasheet
79Kb / 3P
   Silicon Schottky Diode (Low barrier diode for detectors up to GHz frequencies.)
BAT62-03W SIEMENS-BAT62-03W Datasheet
39Kb / 4P
   Silicon Schottky Diode (Low Barrier diode for detectors up to GHz frequencies)
BAT62-07W SIEMENS-BAT62-07W Datasheet
33Kb / 4P
   Silicon Schottky Diode (Low barrier diode for detectors up to GHz frequencies)
BAT63 SIEMENS-BAT63 Datasheet
114Kb / 3P
   Silicon Schottky Diode (Low barrier diode for mixer and detectors up to GHz frequencies)
logo
Infineon Technologies A...
BAT62 INFINEON-BAT62_14 Datasheet
1Mb / 19P
   Low barrier diode for detectors up to GHz frequencies
2014-02-13
BAT63 INFINEON-BAT63 Datasheet
889Kb / 9P
   Low barrier diode for detectors up to GHz frequencies
2011-06-15
logo
Sanyo Semicon Device
SB3003CH SANYO-SB3003CH Datasheet
43Kb / 3P
   Low IR Schottky Barrier Diode Low IR Schottky Barrier Diode
logo
Infineon Technologies A...
BAT6203WE6327 INFINEON-BAT6203WE6327 Datasheet
1Mb / 18P
   Low barrier diode for detectors up to GHz frequencies
2011-06-15
logo
Advanced Semiconductor
5082-2794 ASI-5082-2794 Datasheet
22Kb / 1P
   SCHOTTKY LOW BARRIER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com