Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMS3107CD-33 Datasheet(PDF) 9 Page - Advanced Monolithic Systems

Part # AMS3107CD-33
Description  500mA LOW DROPOUT VOLTAGE REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS3107CD-33 Datasheet(HTML) 9 Page - Advanced Monolithic Systems

  AMS3107CD-33 Datasheet HTML 1Page - Advanced Monolithic Systems AMS3107CD-33 Datasheet HTML 2Page - Advanced Monolithic Systems AMS3107CD-33 Datasheet HTML 3Page - Advanced Monolithic Systems AMS3107CD-33 Datasheet HTML 4Page - Advanced Monolithic Systems AMS3107CD-33 Datasheet HTML 5Page - Advanced Monolithic Systems AMS3107CD-33 Datasheet HTML 6Page - Advanced Monolithic Systems AMS3107CD-33 Datasheet HTML 7Page - Advanced Monolithic Systems AMS3107CD-33 Datasheet HTML 8Page - Advanced Monolithic Systems AMS3107CD-33 Datasheet HTML 9Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS3107
PACKAGE DIMENSIONS inches (millimeters) unless otherwise noted (Continued).
TO-252 PLASTIC PACKAGE (D)
0.030
(0.762)
TYP
0.085-0.095
(2.159-2.413)
0.030-0.034
(0.762-0.863)
0.024±0.002
(0.610±0.0508)
0.018-0.022
(0.451-0.558)
0.038
(0.965)
TYP
D (D3) AMS DRW# 042891
0.038-0.042
(0.965-1.066)
0.038-0.042
(0.965-1.066)
0.235-0.245
(5.969-6.223)
0.088-0.092
(2.235-2.336)
0.099-0.103
(2.514-2.615)
0.175-0.180
(4.191-4.445)
0.023-0.027
(0.584-0.685)
0.020-0.030
(0.508-0.762)
0.258-0.262
(6.553-6.654)
0.033-0.037
(0.838-0.939)
0.020-0.030
(0.508-0.762)
0.208-0.212
(5.283-5.384)
0.025
(0.635)
TYP
0.057-0.067
(0.144-0.170)
DIA
45.0°
7.0°


Similar Part No. - AMS3107CD-33

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS3107CD-33 ADMOS-AMS3107CD-33 Datasheet
82Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - AMS3107CD-33

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7223 NJRC-NJU7223 Datasheet
127Kb / 5P
   500mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS3107 ADMOS-AMS3107 Datasheet
82Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2907 ADMOS-AMS2907 Datasheet
80Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6328A TMT-T6328A Datasheet
473Kb / 10P
   500mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2907 ADMOS-AMS2907_05 Datasheet
68Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2905 ADMOS-AMS2905_05 Datasheet
67Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Unisonic Technologies
LM2937 UTC-LM2937 Datasheet
144Kb / 10P
   500mA LOW DROPOUT VOLTAGE REGULATOR
LM2937 UTC-LM2937_17 Datasheet
249Kb / 10P
   500mA LOW DROPOUT VOLTAGE REGULATOR
LM2937 UTC-LM2937_V01 Datasheet
291Kb / 10P
   500mA LOW DROPOUT VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LM2937 ETL-LM2937 Datasheet
246Kb / 10P
   500mA LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com