Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMS3102AN-30 Datasheet(PDF) 4 Page - Advanced Monolithic Systems

Part # AMS3102AN-30
Description  300mA LOW DROPOUT VOLTAGE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS3102AN-30 Datasheet(HTML) 4 Page - Advanced Monolithic Systems

  AMS3102AN-30 Datasheet HTML 1Page - Advanced Monolithic Systems AMS3102AN-30 Datasheet HTML 2Page - Advanced Monolithic Systems AMS3102AN-30 Datasheet HTML 3Page - Advanced Monolithic Systems AMS3102AN-30 Datasheet HTML 4Page - Advanced Monolithic Systems AMS3102AN-30 Datasheet HTML 5Page - Advanced Monolithic Systems AMS3102AN-30 Datasheet HTML 6Page - Advanced Monolithic Systems AMS3102AN-30 Datasheet HTML 7Page - Advanced Monolithic Systems AMS3102AN-30 Datasheet HTML 8Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AMS3102
PIN CONNECTIONS
TO-92
Plastic Package (N)
SOT-89
(L)
SOT-89
(L)
R = Reverse pin-out
OUTPUT
INPUT
GND
12
3
OUTPUT
GND
INPUT
12
3
INPUT
GND
OUTPUT
Bottom View
Top View
Top View
3 Lead SOT-23
(M)
5 Lead SOT-23
(M1)
8L SOIC
SO-Package (S)
INPUT
OUTPUT
GND
INPUT
OUTPUT
ON/OFF
ADJ / N/C
GROUND
1
2
5
3
4
ON/OFF
N/C
OUTPUT
ADJ
N/C
INPUT
GROUND
GROUND
GROUND
GROUND
1
2
8
4
3
7
5
6
Top View
Top View
Top View
TYPICAL PERFORMANCE CHARACTERISTICS
6.0
Low Voltage Behavior
2.0
3.0
4.0
5.0
INPUT VOLTAGE (V)
AMS3102-3.3
2.0
3.0
4.0
5.0
6.0
0
I
O = 100mA
040
80
0
0.6
0.4
0.2
Dropout Voltage
120
JUNCTION TEMPERATURE (° C)
0.1
0.5
0.3
I
O = 100mA
0
150
0
0.6
0.4
0.2
Dropout Voltage
300
OUTPUT CURRENT (mA)
0.1
0.5
0.3
I
O = 150mA
I
O = 200mA
200
250
100
50
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723


Similar Part No. - AMS3102AN-30

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS3102AN-30 ADMOS-AMS3102AN-30 Datasheet
72Kb / 8P
   300mA LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - AMS3102AN-30

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1521 SIPEX-SPX1521 Datasheet
161Kb / 6P
   300mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS3102 ADMOS-AMS3102 Datasheet
72Kb / 8P
   300mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1521 SIPEX-SPX1521 Datasheet
94Kb / 8P
   300mA Low Dropout Voltage Regulator
SPX2808 SIPEX-SPX2808 Datasheet
47Kb / 6P
   300mA Low Dropout Voltage Regulator
logo
Unisonic Technologies
LM2954 UTC-LM2954_12 Datasheet
261Kb / 7P
   300mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1521 SIPEX-SPX1521_07 Datasheet
595Kb / 8P
   300mA Low Dropout Voltage Regulator
logo
E-Tech Electronics LTD
LM2954 ETL-LM2954 Datasheet
270Kb / 7P
   300mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Unisonic Technologies
LM2954 UTC-LM2954_V01 Datasheet
280Kb / 5P
   300mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Exar Corporation
SPX1521 EXAR-SPX1521 Datasheet
614Kb / 8P
   300mA Low Dropout Voltage Regulator
logo
Unisonic Technologies
M2954 UTC-M2954_17 Datasheet
271Kb / 7P
   300mA LOW-DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com