Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

11974Q Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # 11974Q
Description  Preselected Millimeter Mixers RF Sections Available in Four Bands from 26.5 to 75 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

11974Q Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

  11974Q Datasheet HTML 1Page - Agilent(Hewlett-Packard) 11974Q Datasheet HTML 2Page - Agilent(Hewlett-Packard) 11974Q Datasheet HTML 3Page - Agilent(Hewlett-Packard) 11974Q Datasheet HTML 4Page - Agilent(Hewlett-Packard) 11974Q Datasheet HTML 5Page - Agilent(Hewlett-Packard) 11974Q Datasheet HTML 6Page - Agilent(Hewlett-Packard) 11974Q Datasheet HTML 7Page - Agilent(Hewlett-Packard) 11974Q Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Compatibility Information
The following table lists compatibility requirements of host spectrum analyzers. Installation by a service center or
personnel qualified by Agilent is required for the E4440A, E4446A, E4448A, and E4407B Option AYZ upgrade kits.
70000 modular measurement system with 70907 external mixer interface module
Model
S/N prefix
Compatibility kit
70907A
all
70907A-K74 upgrade kit required1
70907B
all
Fully compatible provided 70900A/B LO meets the following requirements:
Firmware date code YYMMDD
LO upgrade kit required
850730
70907B-098
860203
(Firmware + CPU)
861015
70907B-099
870501
(Firmware only)
880314
880901
890606
Fully compatible
Rugged portable spectrum analyzers
Model
S/N prefix
Compatibility kit
8560A
< 3003A
8560A-K74 upgrade kit required2
8560A
≥ 3003A
Fully compatible2
8561A
all
8561A-K74 upgrade kit required3
8561B
< 3003A
8561 B-K74 upgrade kit required
8561B
≥ 3003A
Fully compatible
8562A/B
all
8562A-K74 upgrade kit required3
8560E/EC
all
Fully compatible
8561E/EC
all
Fully compatible
8562E/EC
all
Fully compatible
8563A/E/EC
all
Fully compatible
E4407B5
all
Fully compatible
PSA Series with Option AYZ
Model
S/N prefix
Compatibility kit
E4440A/46A/48A
all
Fully compatible
8566A/B with 11975A LO amplifier
Model
S/N prefix
Compatibility kit
8566A
< 2007A4
No upgrade kit available
8566A
≥ 2007A4
8566AB conversion kit previously installed:
Firmware datecode < 89.10.10: 8566B-K74 upgrade kit required
Firmware datecode ≥ 89.10.10: 8566B-K75 upgrade kit required
8566AB conversion kit NOT previously installed:
(two kits required) 8566AB conversion kit, 8566B-K75 upgrade kit
8566B
< 29484
8566B-K74 upgrade kit required
8566B
≥ 29484
Fully compatible
Mixer bias capability is converted to preselector peak, resulting in activation of a preselector peaking with the BIAS PEAK function. Sweep times must be manually
controlled in wide spans to avoid oversweeping the preselector.
External mixing is not available with the 8560EC if a built-in tracking generator, Option 8560EC-002, has been installed.
Operation with 11974 Series will require entry of a frequency offset. Preselector peaking is performed manually with a screwdriver adjustment. Sweep times must be
manually controlled in wide spans to avoid oversweeping the preselector.
The serial number prefix on the 8566A/B refers to the RF section.
Requires Option AYZ (external mixing).
1.
2.
3.
4.
5.


Similar Part No. - 11974Q

ManufacturerPart #DatasheetDescription
logo
Heyco.
1197 HEYCO-1197 Datasheet
91Kb / 1P
   Original Strain Relief Bushings
logo
Cooper Bussmann, Inc.
11970 COOPER-11970 Datasheet
58Kb / 1P
   Multi-Power Distribution Blocks 600 Volt, 1520 and 2280 Amps
logo
Heyco.
11971 HEYCO-11971 Datasheet
273Kb / 2P
   Modular Wire Routing Devices
11972 HEYCO-11972 Datasheet
273Kb / 2P
   Modular Wire Routing Devices
logo
PHOENIX CONTACT
1197249 PHOENIX-1197249 Datasheet
506Kb / 13P
   DC charging cable - EV-T2HPCC-DC500A-3,5M50ECBK11
More results

Similar Description - 11974Q

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6200 PASTERNACK-PE6200 Datasheet
207Kb / 2P
   75 Watts High Power WR-28 RF Load 26.5 GHz to 40 GHz
PE6200 PASTERNACK-PE6200_16 Datasheet
774Kb / 3P
   75 Watts High Power WR-28 Waveguide Load 26.5 GHz to 40 GHz
PE12D1005 PASTERNACK-PE12D1005 Datasheet
693Kb / 4P
   Waveguide Mixer Down Converter WR-28 From 26.5 GHz to 40 GHz, IF From DC to 18 GHz And LO Power
PE6802 PASTERNACK-PE6802 Datasheet
211Kb / 2P
   0.5 Watts WR-42 RF Load Up To 26.5 GHz
PE6829 PASTERNACK-PE6829 Datasheet
215Kb / 2P
   100 Watts WR-42 RF Load Up To 26.5 GHz
PE6820 PASTERNACK-PE6820 Datasheet
206Kb / 2P
   50 Watts WR-42 RF Load Up To 26.5 GHz
PE6823 PASTERNACK-PE6823 Datasheet
207Kb / 2P
   75 Watts WR-75 RF Load Up To 15 GHz
PE71S2016 PASTERNACK-PE71S2016 Datasheet
487Kb / 6P
   SMA SPST PIN Diode Switch Operating From 2 GHz to 26.5 GHz Up To 30 dBm
PE71S2018 PASTERNACK-PE71S2018 Datasheet
433Kb / 6P
   SMA SPDT PIN Diode Switch Operating From 2 GHz to 26.5 GHz Up To 27 dBm
PE71S2015 PASTERNACK-PE71S2015 Datasheet
502Kb / 6P
   SMA SPST PIN Diode Switch Operating From 2 GHz to 26.5 GHz Up To 30 dBm
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com