Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMS3107S Datasheet(PDF) 5 Page - Advanced Monolithic Systems

Part # AMS3107S
Description  500mA LOW DROPOUT VOLTAGE REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS3107S Datasheet(HTML) 5 Page - Advanced Monolithic Systems

  AMS3107S Datasheet HTML 1Page - Advanced Monolithic Systems AMS3107S Datasheet HTML 2Page - Advanced Monolithic Systems AMS3107S Datasheet HTML 3Page - Advanced Monolithic Systems AMS3107S Datasheet HTML 4Page - Advanced Monolithic Systems AMS3107S Datasheet HTML 5Page - Advanced Monolithic Systems AMS3107S Datasheet HTML 6Page - Advanced Monolithic Systems AMS3107S Datasheet HTML 7Page - Advanced Monolithic Systems AMS3107S Datasheet HTML 8Page - Advanced Monolithic Systems AMS3107S Datasheet HTML 9Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS3107
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
010
20
0
1200
800
400
Peak Output Current
30
INPUT VOLTAGE (V)
200
1000
600
T
J= 25°C
-40
40
80
120
25
10
Quiescent Current
TEMPERATURE (° C)
15
2
0
0
0
100
200
0
8
4
Quiescent Current
300
OUTPUT CURRENT (mA)
2
10
6
-1
1
3
6
-20 -10
0
10
20
30
40
50
60
INPUT VOLTAGE (V)
Output at Voltage Extremes
0
2
5
4
~
~
~
~
V
IN = 6V
20
3
1
I
O = 50mA
I
O = 0mA
AMS3107-5.0
R
L=500mΩ
50
150
250
350
45
55
70
60
85
1
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
Ripple Rejection
50
65
80
75
C2 = 100
µF
ALUM
I
O= 10mA
C2 = 22
µF
TANTALUM
I
O = 100mA
I
O = 200mA
FREQUENCY (Hz)
0.01
10
Output Impedance
10k
1M
1
100
0.1
1
1k
10
100k
I
O = 10mA
-1
1
3
6
-20 -10
0
10
20
30
40
50
60
INPUT VOLTAGE (V)
Output at Voltage Extremes
0
2
5
4
AMS3107-3.3
R
L=500mΩ
6.0
Low Voltage Behavior
2.0
3.0
4.0
5.0
INPUT VOLTAGE (V)
AMS3107-5.0
2.0
3.0
4.0
5.0
6.0
0
I
O = 500mA
-2.5
2.5
10
5.0
17.5
01
2
4
5
6
7 8
10
INPUT VOLTAGE (V)
Quiescent Current
0
7.5
15
12.5
I
O= 10mA
39


Similar Part No. - AMS3107S

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS3107S ADMOS-AMS3107S Datasheet
82Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS3107S-20 ADMOS-AMS3107S-20 Datasheet
82Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS3107S-25 ADMOS-AMS3107S-25 Datasheet
82Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS3107S-30 ADMOS-AMS3107S-30 Datasheet
82Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS3107S-33 ADMOS-AMS3107S-33 Datasheet
82Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - AMS3107S

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7223 NJRC-NJU7223 Datasheet
127Kb / 5P
   500mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS3107 ADMOS-AMS3107 Datasheet
82Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2907 ADMOS-AMS2907 Datasheet
80Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6328A TMT-T6328A Datasheet
473Kb / 10P
   500mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2907 ADMOS-AMS2907_05 Datasheet
68Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2905 ADMOS-AMS2905_05 Datasheet
67Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Unisonic Technologies
LM2937 UTC-LM2937 Datasheet
144Kb / 10P
   500mA LOW DROPOUT VOLTAGE REGULATOR
LM2937 UTC-LM2937_17 Datasheet
249Kb / 10P
   500mA LOW DROPOUT VOLTAGE REGULATOR
LM2937 UTC-LM2937_V01 Datasheet
291Kb / 10P
   500mA LOW DROPOUT VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LM2937 ETL-LM2937 Datasheet
246Kb / 10P
   500mA LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com