Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMS4041CN Datasheet(PDF) 5 Page - Advanced Monolithic Systems

Part # AMS4041CN
Description  MICROPOWER SHUNT VOLTAGE REFERENCE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS4041CN Datasheet(HTML) 5 Page - Advanced Monolithic Systems

  AMS4041CN Datasheet HTML 1Page - Advanced Monolithic Systems AMS4041CN Datasheet HTML 2Page - Advanced Monolithic Systems AMS4041CN Datasheet HTML 3Page - Advanced Monolithic Systems AMS4041CN Datasheet HTML 4Page - Advanced Monolithic Systems AMS4041CN Datasheet HTML 5Page - Advanced Monolithic Systems AMS4041CN Datasheet HTML 6Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS4041
PACKAGE DIMENSIONS inches (millimeters) unless otherwise noted.
3 LEAD TO-92 PLASTIC PACKAGE (N)
8 LEAD SOIC PLASTIC PACKAGE (S)
0.140±0.010
(3.556±0.127)
0.060±0.010
(1.524±0.254)
0.015±0.002
(0.381±0.051)
0.016±0.003
(0.406±0.076)
0.050±0.005
(1.270±0.127)
0.060±0.005
(1.524±0.127)
DIA
0.180±0.005
(4.572±0.127)
0.180±0.005
(4.572±0.127)
0.050
(1.270)
MAX
0.500
(12.70)
MIN
UNCONTROLLED
LEAD DIMENSIONS
10°
NOM
5° NOM
N (TO-92 ) AMS DRW# 042391
0.90
(2.286)
NOM
0°-8° TYP
0.010-0.020
(0.254-0.508)
S (SO-8 ) AMS DRW# 042293
x 45°
0.016-0.050
(0.406-1.270)
0.008-0.010
(0.203-0.254)
0.004-0.010
(0.101-0.254)
0.014-0.019
(0.355-0.483)
0.053-0.069
(1.346-1.752)
0.050
(1.270)
TYP
0.150-0.157**
(3.810-3.988)
0.228-0.244
(5.791-6.197)
0.189-0.197*
(4.801-5.004)
*DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
**DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
12
3
4
87
6
5


Similar Part No. - AMS4041CN

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS4041CN ADMOS-AMS4041CN Datasheet
61Kb / 6P
   MICROPOWER SHUNT VOLTAGE REFERENCE
More results

Similar Description - AMS4041CN

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS4041 ADMOS-AMS4041 Datasheet
61Kb / 6P
   MICROPOWER SHUNT VOLTAGE REFERENCE
logo
Texas Instruments
LM4431 TI-LM4431_15 Datasheet
845Kb / 14P
[Old version datasheet]   Micropower Shunt Voltage Reference
logo
National Semiconductor ...
LM4431 NSC-LM4431 Datasheet
130Kb / 8P
   Micropower Shunt Voltage Reference
logo
Advanced Monolithic Sys...
AMS4040 ADMOS-AMS4040 Datasheet
60Kb / 6P
   MICROPOWER SHUNT VOLTAGE REFERENCE
AMS255 ADMOS-AMS255_05 Datasheet
83Kb / 4P
   MICROPOWER SHUNT VOLTAGE REFERENCE
AMS124 ADMOS-AMS124 Datasheet
34Kb / 4P
   MICROPOWER SHUNT VOLTAGE REFERENCE
AMS255 ADMOS-AMS255 Datasheet
36Kb / 4P
   MICROPOWER SHUNT VOLTAGE REFERENCE
AMS124 ADMOS-AMS124_05 Datasheet
79Kb / 4P
   MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com