Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRE4125 Datasheet(PDF) 2 Page - Cirrus Logic

Part # VRE4125
Description  Precision Voltage Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

VRE4125 Datasheet(HTML) 2 Page - Cirrus Logic

  VRE4125 Datasheet HTML 1Page - Cirrus Logic VRE4125 Datasheet HTML 2Page - Cirrus Logic VRE4125 Datasheet HTML 3Page - Cirrus Logic VRE4125 Datasheet HTML 4Page - Cirrus Logic VRE4125 Datasheet HTML 5Page - Cirrus Logic VRE4125 Datasheet HTML 6Page - Cirrus Logic VRE4125 Datasheet HTML 7Page - Cirrus Logic VRE4125 Datasheet HTML 8Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
P r o d u c t I n n o v a t i o n F r o m
VRE4100
2
VRE4100DS
1.chARActERiSticSAnDSpEciFicAtionS
ABSolutEMAXiMuMRAtinGS
parameter
Symbol
conditions
Min
typ
Max
units
Input Voltage
V
IN
+1.8
+5.5
V
Output Voltage Error
(Note 1)
V
OUT
B Grade
±0.025
±0.050
%
C/K Grade
±0.040
±0.080
Output Voltage
Temperature Coefficient
(Note 2)
TCV
OUT
B Grade
+0.5
+1.0
ppm/ºC
C Grade
+1.0
+2.0
K Grade
+1.5
+3.0
Dropout Voltage (Note 3)
V
IN - VOUT
I
L = 8mA
160
235
mV
Turn-On Settling Time
T
ON
To 0.01% of final value
2
µs
Output Noise Voltage
(Note 4)
E
n
0.1Hz < f < 10Hz
2.2
µVp-p
Temperature Hysteresis
Note 5
20
ppm
Long Term Stability
∆V
OUT/T
1000 Hours
50
ppm
Supply Current
I
IN
V
LOAD = 0mA
230
320
µA
Load Regulation (Note 6) ∆V
OUT/ ∆IOUT
1mA ≤ I
LOAD ≤ 8mA
1
20
ppm/mA
Line Regulation (Note 6) ∆V
OUT/ ∆VIN
V
REF + 200mV ≤ VIN ≤ 5.5V
20
200
ppm/V
Logic High Input Voltage
V
H
0.8
V
Logic High Input Current
I
H
2
nA
Logic Low Input Voltage
V
L
0.4
V
Logic Low Input Current
I
L
1
nA
NOTES:
1. High temperature and mechanical stress can effect the initial accuracy of this reference series.See
discussion on output accuracy.
2. The temperature coefficient is determined by the box method. See discussion on temperature perfor-
mance. All units are 100% tested over temperature.
3. The minimum input to output differential voltage at which the output voltage drops by 0.5% from
nominal.
4. Based on 1.024 V output. Noise is linearly proportional to V
REF.
5. Defined as change in 25ºC output voltage after cycling device over operating temperature range.
6. Line and load regulation are measured with pulses and do not include output voltage changes due to
self heating.
Power Supply to any input pin......-0.3V to +5.6V
Operating Temp. (B,C)...................... 0ºC to 70ºC
Operating Temp. (K) ....................-40ºC to +85ºC
Storage Temperature Range .....-65ºC to +150ºC
Output Short Circuit Duration .............................. Indefinite
ESD Susceptibility Human Body Model....................... 2kV
ESD Susceptibility Machine Model............................ 200V
Lead Temperature (soldering, 10 sec)....................+260ºC
ElEctRicAlSpEciFicAtionS
V
PS = +3 V for VRE4112, VPS = +5 V for VRE4125 and VRE4141. T = +25ºC, ILOAD = 1mA, COUT = 1µF Unless Otherwise Noted.


Similar Part No. - VRE4125

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRE4125B ETC-VRE4125B Datasheet
232Kb / 7P
   Low Cost, SOIC-8 Precision References
VRE4125C ETC-VRE4125C Datasheet
232Kb / 7P
   Low Cost, SOIC-8 Precision References
VRE4125K ETC-VRE4125K Datasheet
232Kb / 7P
   Low Cost, SOIC-8 Precision References
More results

Similar Description - VRE4125

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
   Precision Voltage Reference
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
   Precision Voltage Reference
VRE304 CIRRUS-VRE304 Datasheet
541Kb / 4P
   Precision Voltage Reference
VRE205 CIRRUS-VRE205_10 Datasheet
641Kb / 4P
   Precision Voltage Reference
logo
DATEL, Inc.
PVR-1540SM DATEL-PVR-1540SM Datasheet
98Kb / 1P
   Precision Voltage Reference
PVR-1533SM DATEL-PVR-1533SM Datasheet
98Kb / 1P
   Precision Voltage Reference
PVR-1515SM DATEL-PVR-1515SM Datasheet
98Kb / 1P
   Precision Voltage Reference
PVR-0540SM DATEL-PVR-0540SM Datasheet
91Kb / 1P
   Precision Voltage Reference
logo
National Semiconductor ...
LM169 NSC-LM169 Datasheet
262Kb / 14P
   Precision Voltage Reference
logo
Burr-Brown (TI)
REF102 BURR-BROWN-REF102 Datasheet
182Kb / 9P
   Precision VOLTAGE REFERENCE
logo
Cirrus Logic
VRE302 CIRRUS-VRE302_1 Datasheet
708Kb / 5P
   Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com