Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMS3102 Datasheet(PDF) 6 Page - Advanced Monolithic Systems

Part # AMS3102
Description  300mA LOW DROPOUT VOLTAGE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS3102 Datasheet(HTML) 6 Page - Advanced Monolithic Systems

  AMS3102_1 Datasheet HTML 1Page - Advanced Monolithic Systems AMS3102_1 Datasheet HTML 2Page - Advanced Monolithic Systems AMS3102_1 Datasheet HTML 3Page - Advanced Monolithic Systems AMS3102_1 Datasheet HTML 4Page - Advanced Monolithic Systems AMS3102_1 Datasheet HTML 5Page - Advanced Monolithic Systems AMS3102_1 Datasheet HTML 6Page - Advanced Monolithic Systems AMS3102_1 Datasheet HTML 7Page - Advanced Monolithic Systems AMS3102_1 Datasheet HTML 8Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AMS3102
APPLICATION NOTES
Definition of Terms
Dropout Voltage: The input-output voltage differential at which
the circuit stops to regulate against further reduction in input
voltage. Measured when the output voltage has dropped 100mV
from the nominal voltage obtained at 1V input, dropout voltage is
dependent upon load current and junction temperature.
Input Voltage: The DC voltage applied to the input terminal with
respect to ground.
Input-Output Differential: The voltage difference between the
unregulated input voltage and the regulated output voltage for
which the regulator will regulate.
Line Regulation: The change in output voltage for a change in
the input voltage. The line regulation is measured under conditions
of low dissipation or by using low duty cycle pulse testing such
that the average chip temperature is not significantly affected.
Load Regulation: The change in output voltage for a change in
load current at constant chip temperature.
Long term stability: Output voltage stability under accelerated
life-test conditions after 1000 hours with maximum rated voltage
and junction temperature.
Output Noise Voltage: The rms AC voltage at the output, with
constant load and no input ripple, measured over a specified
frequency range.
Quiescent Current: That part of the positive input current that
does not contribute to the positive load current. The regulator
ground lead current.
Ripple Rejection: The ratio of the peak-to –peak input ripple
voltage to the peak-to-peak output ripple voltage at specified
frequency.
Temperature Stability of VO: The percentage change in output
voltage for a thermal variation from room temperature to either
temperature extreme.
External capacitor
The AMS3102 series require an output capacitor of 2.2
µF or
greater to ensure device stability. Without the capacitor the device
may oscillate.
Most type of tantalum or electrolytic capacitor can be used in the
applications. A critical characteristic of the capacitors is an ESR
value of 5
Ω or less and a resonant frequency above 500kHz. The
value of this capacitor can be increased without limits.
For higher loads, the value of the capacitor should be increased,
specially when the output voltage is set for 2.5V or less. The
AMS3102 lowest fixed output voltage value is 2.0V.
Typical application circuit (adjustable output)
R
2
ADJ
+
AMS3102
ADJUSTABLE
GND
C1
22
µF
10µF
OUT
OFF
ON
ON/OFF
R
1
28k
V
OUT
V
IN
100k
Minimum Load
In circuits using the fixed output voltage versions, minimum load
is not required. For circuits using the adjustable device, the value
of R1 and R2 should be chosen such, that a current of
approximately 40
µA flows through the network. The reference
voltage (1.235V) is measured between the adjust pin and VOUT.
The output voltage can be set by the two resistors R1 and R2
using the following equation:
+
=
R1
R2
R1
V
V
REF
O
The value of R1 is recommended to be between 25k
Ω to 30 kΩ,
and the value of R2 will set the output voltage.
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723


Similar Part No. - AMS3102_1

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS3102M1-20 ADMOS-AMS3102M1-20 Datasheet
72Kb / 8P
   300mA LOW DROPOUT VOLTAGE REGULATOR
AMS3102M1-25 ADMOS-AMS3102M1-25 Datasheet
72Kb / 8P
   300mA LOW DROPOUT VOLTAGE REGULATOR
AMS3102M1-30 ADMOS-AMS3102M1-30 Datasheet
72Kb / 8P
   300mA LOW DROPOUT VOLTAGE REGULATOR
AMS3102M1-33 ADMOS-AMS3102M1-33 Datasheet
72Kb / 8P
   300mA LOW DROPOUT VOLTAGE REGULATOR
AMS3102M1-35 ADMOS-AMS3102M1-35 Datasheet
72Kb / 8P
   300mA LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - AMS3102_1

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1521 SIPEX-SPX1521 Datasheet
161Kb / 6P
   300mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS3102 ADMOS-AMS3102 Datasheet
72Kb / 8P
   300mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1521 SIPEX-SPX1521 Datasheet
94Kb / 8P
   300mA Low Dropout Voltage Regulator
SPX2808 SIPEX-SPX2808 Datasheet
47Kb / 6P
   300mA Low Dropout Voltage Regulator
logo
Unisonic Technologies
LM2954 UTC-LM2954_12 Datasheet
261Kb / 7P
   300mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1521 SIPEX-SPX1521_07 Datasheet
595Kb / 8P
   300mA Low Dropout Voltage Regulator
logo
E-Tech Electronics LTD
LM2954 ETL-LM2954 Datasheet
270Kb / 7P
   300mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Unisonic Technologies
LM2954 UTC-LM2954_V01 Datasheet
280Kb / 5P
   300mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Exar Corporation
SPX1521 EXAR-SPX1521 Datasheet
614Kb / 8P
   300mA Low Dropout Voltage Regulator
logo
Unisonic Technologies
M2954 UTC-M2954_17 Datasheet
271Kb / 7P
   300mA LOW-DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com