Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRE101 Datasheet(PDF) 3 Page - Cirrus Logic

Part # VRE101
Description  Precision Voltage Reference
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

VRE101 Datasheet(HTML) 3 Page - Cirrus Logic

  VRE101 Datasheet HTML 1Page - Cirrus Logic VRE101 Datasheet HTML 2Page - Cirrus Logic VRE101 Datasheet HTML 3Page - Cirrus Logic VRE101 Datasheet HTML 4Page - Cirrus Logic VRE101 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
P r o d u c t I n n o v a t i o n F r o m
VRE100
VRE100DS
3
Model
Output (V)
Temperature
Operating Range
Volt Deviation (MaX)
VRE100C
VRE100CA
VRE100M
VRE100MA
+10
+10
+10
+10
-25°C to +85°C
-25°C to +85°C
-55°C to +125°C
-55°C to +125°C
±0.6mV
±0.3mV
±1.0mV
±0.5mV
VRE101C
VRE101CA
VRE101M
VRE100MA
-10
-10
-10
-10
-25°C to +85°C
-25°C to +85°C
-55°C to +125°C
-55°C to +125°C
±0.6mV
±0.3mV
±1.0mV
±0.5mV
VRE102C
VRE102CA
VRE102M
VRE102MA
±10
±10
±10
±10
-25°C to +85°C
-25°C to +85°C
-55°C to +125°C
-55°C to +125°C
±0.6mV
±0.3mV
±1.0mV
±0.5mV
SElECTION GuIDE
2. ThEORY OF OPERaTION
The following discussion refers to the block diagrams in Figure 1. In operation, approximately 6.3 volts is applied
to the noninverting input of the op amp. The voltage is amplified by the op amp to produce a 10.000 V output. The
gain is determined by the networks R1 and R2: G=1 + R2/R1. The 6.3 V zener diode is used because it is the most
stable diode over time and temperature.
The zener operating current is derived from the regulated output voltage through R3. This feedback arrangement
provides a closely regulated zener current. This current determines the slope of the references’ voltage vs. tempera-
ture function. By trimming the zener current a lower drift over temperature can be achieved. But since the voltage
vs. temperature function is nonlinear this compensation technique is not well suited for wide temperature ranges.
A nonlinear compensation network of thermistors and resistors is used in the VRE series voltage references. This
proprietary network eliminates most of the nonlinearity in the voltage vs. temperature function. By then adjusting the
slope, this series produces a very stable voltage over wide temperature ranges. This network is less than 2% of the
overall network resistance so it has a negligible effect on long term stability. By using highly stable resistors in our
network, we produce a voltage reference that also has very good long term stability.
3. aPPlICaTION INFORMaTION
Page 5 shows the proper connection of the VRE100 series voltage reference with the optional trim resistors. When
trimming the VRE102, the positive voltage should be trimmed first since the negative voltage tracks the positive
side. Pay careful attention to the circuit layout to avoid noise pickup and voltage drops in the lines.
The VRE100 series voltage references have the ground terminal brought out on two pins (pin 6 and pin 7) which
are connected together internally. This allows the user to achieve greater accuracy when using a socket. Voltage
references have a voltage drop across their power supply ground pin due to quiescent current flowing through the
contact resistance. If the contact resistance was constant with time and temperature, this voltage drop could be
trimmed out. When the reference is plugged into a socket, this source of error can be as high as 20 ppm. By con-
necting pin 7 to the power supply ground and pin 6 to a high impedance ground point in the measurement circuit,
the error due to the contact resistance can be eliminated. If the unit is soldered into place the contact resistance is
sufficiently small that it doesn’t effect performance. The VRE series voltage references can be connected with or
without the use of pin 6 and still provide superior performance.
hermetic 14-pin Ceramic DIP
Package Style hC


Similar Part No. - VRE101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRE101 ETC-VRE101 Datasheet
341Kb / 5P
   Precision Reference Supplies
logo
Cirrus Logic
VRE101 CIRRUS-VRE101 Datasheet
858Kb / 5P
   Precision Voltage Reference
logo
List of Unclassifed Man...
VRE101C ETC-VRE101C Datasheet
341Kb / 5P
   Precision Reference Supplies
logo
Cirrus Logic
VRE101C CIRRUS-VRE101C Datasheet
858Kb / 5P
   Precision Voltage Reference
logo
List of Unclassifed Man...
VRE101CA ETC-VRE101CA Datasheet
341Kb / 5P
   Precision Reference Supplies
More results

Similar Description - VRE101

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
   Precision Voltage Reference
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
   Precision Voltage Reference
VRE304 CIRRUS-VRE304 Datasheet
541Kb / 4P
   Precision Voltage Reference
VRE205 CIRRUS-VRE205_10 Datasheet
641Kb / 4P
   Precision Voltage Reference
logo
DATEL, Inc.
PVR-1540SM DATEL-PVR-1540SM Datasheet
98Kb / 1P
   Precision Voltage Reference
PVR-1533SM DATEL-PVR-1533SM Datasheet
98Kb / 1P
   Precision Voltage Reference
PVR-1515SM DATEL-PVR-1515SM Datasheet
98Kb / 1P
   Precision Voltage Reference
PVR-0540SM DATEL-PVR-0540SM Datasheet
91Kb / 1P
   Precision Voltage Reference
logo
National Semiconductor ...
LM169 NSC-LM169 Datasheet
262Kb / 14P
   Precision Voltage Reference
logo
Burr-Brown (TI)
REF102 BURR-BROWN-REF102 Datasheet
182Kb / 9P
   Precision VOLTAGE REFERENCE
logo
Cirrus Logic
VRE302 CIRRUS-VRE302_1 Datasheet
708Kb / 5P
   Precision Voltage Reference
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com