Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA303-IHZ Datasheet(PDF) 3 Page - Cirrus Logic

Part # SA303-IHZ
Description  3 Phase Switching Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

SA303-IHZ Datasheet(HTML) 3 Page - Cirrus Logic

  SA303-IHZ Datasheet HTML 1Page - Cirrus Logic SA303-IHZ Datasheet HTML 2Page - Cirrus Logic SA303-IHZ Datasheet HTML 3Page - Cirrus Logic SA303-IHZ Datasheet HTML 4Page - Cirrus Logic SA303-IHZ Datasheet HTML 5Page - Cirrus Logic SA303-IHZ Datasheet HTML 6Page - Cirrus Logic SA303-IHZ Datasheet HTML 7Page - Cirrus Logic SA303-IHZ Datasheet HTML 8Page - Cirrus Logic SA303-IHZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SA303
SA303U
3
P r o d u c t I n n o v a t i o n F r o m
NOTES:
* The specification of SA303A is identical to the specification for SA303 in applicable column to the left.
1. (All Min/Max characteristics and specifications are guaranteed over the Specified Operating Condi-
tions. Typical performance characteristics and specifications are derived from measurements taken
at typical supply voltages and T
C = 25°C).
2. Long term operation at elevated temperature will result in reduced product life. De-rate internal power
dissipation to achieve high MTBF.
3. Output current rating may be limited by duty cycle, ambient temperature, and heat sinking. Under any
set of conditions, do not exceed the specified current rating or a junction temperature of 150°C.
Parameter
TestConditions (Note 1)
min
Typ
max
Units
ThERmAL
THERMAL WARNING
135
ºC
THERMAL WARNING HYSTERESIS
40
ºC/W
RESISTANCE, junction to case
Full temperature range
1.25
1.5
ºC/W
TEMPERATURE RANGE, case
Meets Specifications
-40
85
ºC
FIgURE2.64-PINQFP,PACKAgESTYLEhQ
SPECIFICATIONS,continued


Similar Part No. - SA303-IHZ

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
SA30 CHENDA-SA30 Datasheet
840Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SA30 PANJIT-SA30 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
First Components Intern...
SA30 FCI-SA30 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
SA30 TSC-SA30 Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
Chongqing Pingwei Enter...
SA30 CHONGQING-SA30 Datasheet
226Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SA303-IHZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
SA306 CIRRUS-SA306 Datasheet
885Kb / 14P
   3 Phase Switching Amplifier
logo
Tyco Electronics
P31 MACOM-P31 Datasheet
359Kb / 2P
   3 phase and single phase switching
logo
DAICO Industries, Inc.
DP0877 DAICO-DP0877 Datasheet
36Kb / 1P
   3 Section Phase Shifter / Amplifier/ Switch
logo
Linear Technology
LTC3731 LINER-LTC3731 Datasheet
326Kb / 32P
   3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
LTC3731H LINER-LTC3731H_15 Datasheet
437Kb / 34P
   3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
LTC3731 LINER-LTC3731_15 Datasheet
380Kb / 34P
   3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
LTC3731H LINER-LTC3731H Datasheet
323Kb / 32P
   3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
logo
Analog Devices
HMC-C079 AD-HMC-C079 Datasheet
1,003Kb / 6P
   ULTRA LOW PHASE NOISE AMPLIFIER MODULE, 3 - 8 GHz
logo
Semikron International
DBI15 SEMIKRON-DBI15 Datasheet
248Kb / 3P
   3~phase
SKDI26 SEMIKRON-SKDI26 Datasheet
261Kb / 3P
   3~phase
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com