Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA303 Datasheet(PDF) 8 Page - Cirrus Logic

Part # SA303
Description  3 Phase Switching Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

SA303 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button SA303 Datasheet HTML 4Page - Cirrus Logic SA303 Datasheet HTML 5Page - Cirrus Logic SA303 Datasheet HTML 6Page - Cirrus Logic SA303 Datasheet HTML 7Page - Cirrus Logic SA303 Datasheet HTML 8Page - Cirrus Logic SA303 Datasheet HTML 9Page - Cirrus Logic SA303 Datasheet HTML 10Page - Cirrus Logic SA303 Datasheet HTML 11Page - Cirrus Logic SA303 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
SA303

SA303U
P r o d u c t I n n o v a t i o n F r o m
FIgURE4.SYSTEmDIAgRAm
SA303 Switching Amplifier
BRUSHLESS
MOTOR
Vs (phase A)
PGND (A&B)
Current
monitor
Signals
Sensor – Hall Sensors
or
Sensorless – Input from Stator leads
A
B
C
OUT A
OUT B
OUT C
PGND (C)
GND
Vs (phase B&C)
Vs +
Sensing
circuits
GND
SGND
Gate
Control
Control
Logic
Fault
Logic
TEM P
I
LIM/D IS 1
SC
Ia
Ic
Ib
V
DD
PWM
Signals
DIS2
SG ND
At
Ab
Bt
Bb
Ct
Cb
M icrocontroller
or DSC


Similar Part No. - SA303

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA30 PANJIT-SA30 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Microdiode Electronics ...
SA30 CHENDA-SA30 Datasheet
840Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
First Components Intern...
SA30 FCI-SA30 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
SA30 TSC-SA30 Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
Won-Top Electronics
SA30 WTE-SA30 Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - SA303

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
SA306 CIRRUS-SA306 Datasheet
885Kb / 14P
   3 Phase Switching Amplifier
logo
Tyco Electronics
P31 MACOM-P31 Datasheet
359Kb / 2P
   3 phase and single phase switching
logo
DAICO Industries, Inc.
DP0877 DAICO-DP0877 Datasheet
36Kb / 1P
   3 Section Phase Shifter / Amplifier/ Switch
logo
Linear Technology
LTC3731 LINER-LTC3731 Datasheet
326Kb / 32P
   3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
LTC3731H LINER-LTC3731H_15 Datasheet
437Kb / 34P
   3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
LTC3731 LINER-LTC3731_15 Datasheet
380Kb / 34P
   3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
LTC3731H LINER-LTC3731H Datasheet
323Kb / 32P
   3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
logo
Analog Devices
HMC-C079 AD-HMC-C079 Datasheet
1,003Kb / 6P
   ULTRA LOW PHASE NOISE AMPLIFIER MODULE, 3 - 8 GHz
logo
Semikron International
DBI15 SEMIKRON-DBI15 Datasheet
248Kb / 3P
   3~phase
SKDI26 SEMIKRON-SKDI26 Datasheet
261Kb / 3P
   3~phase
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com