Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK11255BUCB Datasheet(PDF) 10 Page - TOKO, Inc

Part # TK11255BUCB
Description  VOLTAGE REGULATOR WITH ON/OFF SWITCH
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK11255BUCB Datasheet(HTML) 10 Page - TOKO, Inc

Back Button TK11255BUCB Datasheet HTML 6Page - TOKO, Inc TK11255BUCB Datasheet HTML 7Page - TOKO, Inc TK11255BUCB Datasheet HTML 8Page - TOKO, Inc TK11255BUCB Datasheet HTML 9Page - TOKO, Inc TK11255BUCB Datasheet HTML 10Page - TOKO, Inc TK11255BUCB Datasheet HTML 11Page - TOKO, Inc TK11255BUCB Datasheet HTML 12Page - TOKO, Inc TK11255BUCB Datasheet HTML 13Page - TOKO, Inc TK11255BUCB Datasheet HTML 14Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Page 10
October 1999 TOKO, Inc.
TK112xxB
OUTPUT VOLTAGE vs. OUTPUT
CURRENT
0
300
1.1
100
200
1.2
1.3
IOUT (mA)
2.4 V
2.1 V
2.0 V
1.9 V
VIN = 1.8 V
OUTPUT VOLTAGE vs. INPUT
VOLTAGE
1.6
2.1
1.1
1.3
1.7
1.2
1.8
1.9
2.0
VIN (V)
150 mA
120 mA
90 mA
60 mA
30 mA
IOUT = 0 mA
OUTPUT VOLTAGE vs. OUTPUT
CURRENT
0
300
1.2
100
200
1.3
1.4
IOUT (mA)
2.4 V
2.0 V
2.1 V
1.9 V
VIN = 1.8 V
OUTPUT VOLTAGE vs. INPUT
VOLTAGE
1.6
2.1
1.2
1.4
1.7
1.3
1.8
1.9
2.0
VIN (V)
IOUT = 0 mA
30 mA
60 mA
150 mA
120 mA
90 mA
OUTPUT VOLTAGE vs. OUTPUT
CURRENT
0
300
1.3
100
200
1.4
1.5
IOUT (mA)
VIN = 1.8 V
1.9 V
2.4 V
2.1 V
2.0 V
OUTPUT VOLTAGE vs. INPUT
VOLTAGE
1.6
2.1
1.3
1.5
1.7
1.4
1.8
1.9
2.0
VIN (V)
IOUT = 0 mA
30 mA
60 mA
150 mA
120 mA
90 mA
TK11213B
TK11214B
TK11215B
TYPICAL PERFORMANCE CHARACTERISTICS (CONT.)
T
A = 25 °C, unless otherwise specified.


Similar Part No. - TK11255BUCB

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11255A TOKO-TK11255A Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11255AMBX TOKO-TK11255AMBX Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11255AMTB TOKO-TK11255AMTB Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11255AMTL TOKO-TK11255AMTL Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11255AUBX TOKO-TK11255AUBX Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
More results

Similar Description - TK11255BUCB

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK111XXM TOKO-TK111XXM Datasheet
85Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXA TOKO-TK112XXA Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXBM TOKO-TK113XXBM Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK114XX TOKO-TK114XX Datasheet
225Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK115XX TOKO-TK115XX Datasheet
253Kb / 26P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK111XXS TOKO-TK111XXS Datasheet
84Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XX TOKO-TK112XX Datasheet
250Kb / 21P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXB TOKO-TK113XXB Datasheet
152Kb / 13P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
logo
Rohm
BAOOST ROHM-BAOOST Datasheet
245Kb / 12P
   Low saturation voltage type regulator with ON / OFF switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com