Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDK2000 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CDK2000
Description  Fractional-N Clock Multiplier with Internal LCO
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDK2000 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CDK2000 Datasheet HTML 6Page - Cirrus Logic CDK2000 Datasheet HTML 7Page - Cirrus Logic CDK2000 Datasheet HTML 8Page - Cirrus Logic CDK2000 Datasheet HTML 9Page - Cirrus Logic CDK2000 Datasheet HTML 10Page - Cirrus Logic CDK2000 Datasheet HTML 11Page - Cirrus Logic CDK2000 Datasheet HTML 12Page - Cirrus Logic CDK2000 Datasheet HTML 13Page - Cirrus Logic CDK2000 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
CS2300-CP
10
DS843F1
CONTROL PORT SWITCHING CHARACTERISTICS - SPI FORMAT
Inputs: Logic 0 = GND; Logic 1 = VD; CL =20pF.
Notes: 11. tspi is only needed before first falling edge of CS after power is applied. tspi = 0 at all other times.
12. Data must be held for sufficient time to bridge the transition time of CCLK.
13. For fcclk < 1 MHz.
Parameter
Symbol
Min
Max
Unit
CCLK Clock Frequency
fccllk
-6
MHz
CCLK Edge to CS Falling
(Note 11)tspi
500
-
ns
CS High Time Between Transmissions
tcsh
1.0
-
µs
CS Falling to CCLK Edge
tcss
20
-
ns
CCLK Low Time
tscl
66
-
ns
CCLK High Time
tsch
66
-
ns
CDIN to CCLK Rising Setup Time
tdsu
40
-
ns
CCLK Rising to DATA Hold Time
(Note 12)tdh
15
-
ns
Rise Time of CCLK and CDIN
(Note 13)tr2
-
100
ns
Fall Time of CCLK and CDIN
(Note 13)tf2
-
100
ns
Delay from Supply Voltage Stable to Control Port Ready
tdpor
100
-
µs
t
r2
t
f2
t
dsu
t
dh
t
sch
t
scl
CS
CCLK
CDIN
t
css
t
csh
t
spi
tdpor
VD
Figure 6. Control Port Timing - SPI Format (Write Only)


Similar Part No. - CDK2000

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDK2000 CIRRUS-CDK2000 Datasheet
301Kb / 36P
   Fractional-N Clock Synthesizer & Clock Multiplier
CDK2000 CIRRUS-CDK2000 Datasheet
260Kb / 30P
   Fractional-N Clock Synthesizer & Clock Multiplier
CDK2000 CIRRUS-CDK2000 Datasheet
278Kb / 32P
   Fractional-N Clock Multiplier
CDK2000 CIRRUS-CDK2000 Datasheet
233Kb / 26P
   Fractional-N Clock Multiplier
CDK2000 CIRRUS-CDK2000 Datasheet
218Kb / 26P
   Fractional-N Frequency Synthesizer
More results

Similar Description - CDK2000

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS2300-OTP CIRRUS-CS2300-OTP_09 Datasheet
211Kb / 26P
   Fractional-N Clock Multiplier with Internal LCO
CS2300-CP CIRRUS-CS2300-CP Datasheet
392Kb / 32P
   Fractional-N Clock Multiplier with Internal LCO
CS2300-OTP CIRRUS-CS2300-OTP Datasheet
403Kb / 28P
   Fractional-N Clock Multiplier with Internal LCO
CS2300-02 CIRRUS-CS2300-02 Datasheet
90Kb / 3P
   1x, 2x, 4x, and 8x Clock Multiplier with Internal LCO
CS2100-CP CIRRUS-CS2100-CP_09 Datasheet
278Kb / 32P
   Fractional-N Clock Multiplier
CS2100-CP CIRRUS-CS2100-CP Datasheet
412Kb / 32P
   Fractional-N Clock Multiplier
CS2300-03 CIRRUS-CS2300-03 Datasheet
91Kb / 3P
   1x, 4x, 128x, and 256x Clock Multiplier with Internal LCO
CS2300-01 CIRRUS-CS2300-01 Datasheet
92Kb / 3P
   1x, 2x, 4x, and 8x Clock Multiplier with Internal LCO
CS2100-OTP CIRRUS-CS2100-OTP_09 Datasheet
233Kb / 26P
   Fractional-N Clock Multiplier
CS2100-OTP CIRRUS-CS2100-OTP Datasheet
542Kb / 28P
   Fractional-N Clock Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com