Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK71629SILH Datasheet(PDF) 6 Page - TOKO, Inc

Part # TK71629SILH
Description  LOW DROPOUT VOLTAGE REGULATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK71629SILH Datasheet(HTML) 6 Page - TOKO, Inc

Back Button TK71629SILH Datasheet HTML 2Page - TOKO, Inc TK71629SILH Datasheet HTML 3Page - TOKO, Inc TK71629SILH Datasheet HTML 4Page - TOKO, Inc TK71629SILH Datasheet HTML 5Page - TOKO, Inc TK71629SILH Datasheet HTML 6Page - TOKO, Inc TK71629SILH Datasheet HTML 7Page - TOKO, Inc TK71629SILH Datasheet HTML 8Page - TOKO, Inc TK71629SILH Datasheet HTML 9Page - TOKO, Inc TK71629SILH Datasheet HTML 10Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Page 6
December 1999 TOKO, Inc.
TK716xx
VOLTAGE AVAILABILITY TABLE 4
Output
TK716xxSCL
TK716xxASCL
TK716xxSCLH
TK716ASCLH
TK716xxSIL
TK716xxASIL
Voltage
1.3 V
X
1.4 V
X
1.5 V
X
X
1.6 V
X
1.7 V
X
1.8 V
X
X
1.9 V
X
2.0 V
X
X
X
X
2.1 V
X
X
X
X
2.2 V
X
X
X
X
2.3 V
X
X
2.4 V
X
X
X
X
X
X
2.5 V
X
X
X
X
X
X
2.6 V
X
X
X
2.7 V
X
X
X
X
X
X
2.8 V
X
X
X
X
X
X
2.9 V
X
X
X
X
X
X
3.0 V
X
X
X
X
X
X
3.1 V
X
X
X
X
X
X
3.2 V
X
X
X
X
X
X
3.3 V
X
X
X
X
X
X
3.4 V
X
X
X
3.5 V
X
X
X
X
X
X
3.6 V
X
X
X
X
X
X
3.7 V
X
X
X
3.8 V
X
X
X
X
X
X
3.9 V
X
X
X
4.0 V
X
X
X
4.1 V
X
X
X
X
X
X
4.2 V
X
X
X
X
X
X
4.3 V
X
X
X
4.4 V
X
X
X
4.5 V
X
X
X
X
X
X
4.6 V
X
X
X
4.7 V
X
X
X
X
X
X
4.8 V
X
X
X
X
X
X
4.9 V
X
X
X
X
X
X
5.0 V
X
X
X
X
X
X
5.1 V
X
X
5.2 V
X
X
5.3 V
X
X
5.4 V
X
X
Note: X denotes voltage presently available. Consult factory for availability of other voltages.


Similar Part No. - TK71629SILH

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK71120 TOKO-TK71120 Datasheet
87Kb / 16P
   LOW DROPOUT REGULATOR
TK71120NT TOKO-TK71120NT Datasheet
87Kb / 16P
   LOW DROPOUT REGULATOR
TK71120NT/120 TOKO-TK71120NT/120 Datasheet
87Kb / 16P
   LOW DROPOUT REGULATOR
TK71125 TOKO-TK71125 Datasheet
87Kb / 16P
   LOW DROPOUT REGULATOR
TK71125NT TOKO-TK71125NT Datasheet
87Kb / 16P
   LOW DROPOUT REGULATOR
More results

Similar Description - TK71629SILH

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com